Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8036 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL8036
Description  Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8036 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL8036 Datasheet HTML 3Page - Intersil Corporation ISL8036 Datasheet HTML 4Page - Intersil Corporation ISL8036 Datasheet HTML 5Page - Intersil Corporation ISL8036 Datasheet HTML 6Page - Intersil Corporation ISL8036 Datasheet HTML 7Page - Intersil Corporation ISL8036 Datasheet HTML 8Page - Intersil Corporation ISL8036 Datasheet HTML 9Page - Intersil Corporation ISL8036 Datasheet HTML 10Page - Intersil Corporation ISL8036 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
ISL8036, ISL8036A
7
FN6853.1
October 18, 2010
Table of Contents
Absolute Maximum Ratings ................................................................................................................ 8
Thermal Information .......................................................................................................................... 8
Recommended Operating Conditions .................................................................................................. 8
Electrical Specifications. ......................................................................................................................... 8
ISL8036 Typical Operating Performance for Dual PWM Operation..................................................... 10
ISL8036A Typical Operating Performance for Dual PWM Operation................................................... 15
ISL8036 Typical Operating Performance for Current Sharing PWM Operation. .................................. 17
ISL8036A Typical Operating Performance for Current Sharing PWM Operation. ................................ 21
Theory of Operation........................................................................................................................... 22
PWM Control Scheme....................................................................................................................... 22
Synchronization Control ................................................................................................................... 22
Output Current Sharing.................................................................................................................... 22
Overcurrent Protection..................................................................................................................... 22
PG ................................................................................................................................................ 23
UVLO............................................................................................................................................. 23
Enable ........................................................................................................................................... 23
Soft-start-up .................................................................................................................................. 23
Discharge Mode (Soft-Stop).............................................................................................................. 23
Power MOSFETs .............................................................................................................................. 23
100% Duty Cycle ............................................................................................................................ 23
Thermal Shutdown .......................................................................................................................... 23
Applications Information................................................................................................................... 23
Output Inductor and Capacitor Selection ............................................................................................ 23
Output Voltage Selection.................................................................................................................. 23
Input Capacitor Selection ................................................................................................................. 24
PCB Layout Recommendation ........................................................................................................... 24
Revision History ................................................................................................................................ 24
Products ............................................................................................................................................ 24
Package Outline Drawing ................................................................................................................. 25


Similar Part No. - ISL8036

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8036 RENESAS-ISL8036 Datasheet
3Mb / 26P
   Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
ISL8036A RENESAS-ISL8036A Datasheet
3Mb / 26P
   Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
ISL8036ACRSHEVAL1Z RENESAS-ISL8036ACRSHEVAL1Z Datasheet
3Mb / 26P
   Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
ISL8036ADUALEVAL1Z RENESAS-ISL8036ADUALEVAL1Z Datasheet
3Mb / 26P
   Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
ISL8036AIRZ RENESAS-ISL8036AIRZ Datasheet
3Mb / 26P
   Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
More results

Similar Description - ISL8036

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8036 RENESAS-ISL8036 Datasheet
3Mb / 26P
   Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
ISL78236 RENESAS-ISL78236 Datasheet
2Mb / 24P
   Dual 3A Current Sharing 2.5MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL78236ARZ INTERSIL-ISL78236ARZ Datasheet
1Mb / 24P
   Dual 3A Current Sharing 2.5MHz High Efficiency Synchronous Buck Regulator
April 28, 2014
logo
Micrel Semiconductor
MIC2203 MICREL-MIC2203 Datasheet
2Mb / 13P
   High Efficiency 1MHz Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8013A RENESAS-ISL8013A Datasheet
2Mb / 16P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8013A INTERSIL-ISL8013A Datasheet
1Mb / 17P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8013 INTERSIL-ISL8013 Datasheet
1Mb / 16P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8013 RENESAS-ISL8013 Datasheet
2Mb / 18P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Fitipower Integrated Te...
FP6373A FITIPOWER-FP6373A Datasheet
1Mb / 13P
   High Efficiency 1MHz 3A Synchronous Step Down Regulator
logo
Intersil Corporation
ISL8014IRZ-T INTERSIL-ISL8014IRZ-T Datasheet
1Mb / 16P
   Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com