Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PX1012A-ELG Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PX1012A-ELG
Description  PCI Express stand-alone X1 PHY
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PX1012A-ELG Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PX1012A-ELG Datasheet HTML 6Page - NXP Semiconductors PX1012A-ELG Datasheet HTML 7Page - NXP Semiconductors PX1012A-ELG Datasheet HTML 8Page - NXP Semiconductors PX1012A-ELG Datasheet HTML 9Page - NXP Semiconductors PX1012A-ELG Datasheet HTML 10Page - NXP Semiconductors PX1012A-ELG Datasheet HTML 11Page - NXP Semiconductors PX1012A-ELG Datasheet HTML 12Page - NXP Semiconductors PX1012A-ELG Datasheet HTML 13Page - NXP Semiconductors PX1012A-ELG Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
PX1011A_PX1012A_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 18 May 2006
10 of 32
Philips Semiconductors
PX1011A/PX1012A
PCI Express stand-alone X1 PHY
8.5 Power management
The power management signals allow the PHY to manage power consumption. The PHY
meets all timing constraints provided in the PCI Express base specification regarding
clock recovery and link training for the various power states.
Four power states are defined: P0, P0s, P1 and P2. P0 state is the normal operational
state for the PHY. When directed from P0 to a lower power state, the PHY can
immediately take whatever power saving measures are appropriate.
In states P0, P0s and P1, the PHY keeps internal clocks operational. For all state
transitions between these three states, the PHY indicates successful transition into the
designated power state by a single cycle assertion of PHYSTATUS. For all power state
transitions, the MAC must not begin any operational sequences or further power state
transitions until the PHY has indicated that the initial state transition is completed. TXIDLE
should be asserted while in power states P0s and P1.
P0 state: All internal clocks in the PHY are operational. P0 is the only state where the
PHY transmits and receives PCI Express signaling. P0 is the appropriate PHY power
management state for most states in the Link Training and Status State Machine
(LTSSM). Exceptions are listed for each lower power PHY state (P0s, P1 and P2).
P0s state: The MAC will move the PHY to this state only when the transmit channel is
idle.
While the PHY is in either P0 or P0s power states, if the receiver is detecting an electrical
idle, the receiver portion of the PHY can take appropriate power saving measures. Note
that the PHY is capable of obtaining bit and symbol lock within the PHY-specified time
(N_FTS with or without common clock) upon resumption of signaling on the receive
channel. This requirement only applies if the receiver had previously been bit and symbol
locked while in P0 or P0s states.
P1 state: Selected internal clocks in the PHY are turned off. The MAC will move the
PHY to this state only when both transmit and receive channels are idle. The PHY
indicates a successful entry into P1 (by asserting PHYSTATUS). P1 should be used
for the disabled state, all detect states, and L1.idle state of the Link Training and
Status State Machine (LTSSM).
P2 state: PHY will enter P1 instead.
Fig 4.
Reset
002aac172
RXCLK
RESET_N
PHYSTATUS
100 MHz
250 MHz


Similar Part No. - PX1012A-ELG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PX1011B NXP-PX1011B Datasheet
224Kb / 30P
   PCI Express stand-alone X1 PHY
Rev. 02-19 March 2008
PX1011B NXP-PX1011B Datasheet
223Kb / 30P
   PCI Express stand-alone X1 PHY
Rev. 03-20 October 2008
PX1011B NXP-PX1011B Datasheet
396Kb / 32P
   PCI Express stand-alone X1 PHY Receiver detection
Rev. 5-18 April 2011
PX1011B-EL1 NXP-PX1011B-EL1 Datasheet
396Kb / 32P
   PCI Express stand-alone X1 PHY Receiver detection
Rev. 5-18 April 2011
PX1011B-EL1/G NXP-PX1011B-EL1/G Datasheet
224Kb / 30P
   PCI Express stand-alone X1 PHY
Rev. 02-19 March 2008
More results

Similar Description - PX1012A-ELG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PX1011B NXP-PX1011B_08 Datasheet
223Kb / 30P
   PCI Express stand-alone X1 PHY
Rev. 03-20 October 2008
PX1011B NXP-PX1011B Datasheet
224Kb / 30P
   PCI Express stand-alone X1 PHY
Rev. 02-19 March 2008
PX1011B NXP-PX1011B_11 Datasheet
396Kb / 32P
   PCI Express stand-alone X1 PHY Receiver detection
Rev. 5-18 April 2011
PX1041A NXP-PX1041A Datasheet
179Kb / 36P
   PCI Express stand-alone X4 PHY
Rev. 01 - 21 June 2007
logo
GENESYS LOGIC
GL9711 GENESYS-GL9711 Datasheet
404Kb / 42P
   PCI ExpressTM PIPE x1 PHY
logo
Texas Instruments
XIO1100 TI-XIO1100 Datasheet
456Kb / 36P
[Old version datasheet]   X1 PCI Express Serial Link
XIO1100 TI-XIO1100_V01 Datasheet
1Mb / 41P
[Old version datasheet]   X1 PCI Express Serial Link
logo
PHOENIX CONTACT
2730213 PHOENIX-2730213 Datasheet
50Kb / 1P
   Connection element - IBS PCI STAND ALONE CONNECTOR
11/05/2018
logo
AAEON Technology
PER-T099 AAEON-PER-T099 Datasheet
205Kb / 1P
   PCI-Express [x1] (SINGLE LANE) Slot Or PCI-Express Mini Card Slot
logo
NXP Semiconductors
PCA8514 PHILIPS-PCA8514 Datasheet
322Kb / 64P
   Stand-alone OSD
1995 Nov 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com