Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8033AIRZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL8033AIRZ
Description  Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8033AIRZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL8033AIRZ Datasheet HTML 2Page - Intersil Corporation ISL8033AIRZ Datasheet HTML 3Page - Intersil Corporation ISL8033AIRZ Datasheet HTML 4Page - Intersil Corporation ISL8033AIRZ Datasheet HTML 5Page - Intersil Corporation ISL8033AIRZ Datasheet HTML 6Page - Intersil Corporation ISL8033AIRZ Datasheet HTML 7Page - Intersil Corporation ISL8033AIRZ Datasheet HTML 8Page - Intersil Corporation ISL8033AIRZ Datasheet HTML 9Page - Intersil Corporation ISL8033AIRZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
FN6854.1
October 21, 2010
Absolute Maximum Ratings (Reference to SGND)
Thermal Information
VIN1,VIN2, VDD. . . . . . . . -0.3V to 6.5V (DC) or 7V (20ms)
LX1, LX2. . . -1.5V (100ns)/-0.3V (DC) to 6.5V (DC) or 7V (20ms)
EN1, EN2, PG1, PG2, SYNC, ISET . . . . . . . . . -0.3V to +6.5V
FB1, FB2 . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 2.7V
NC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 0.3V
ESD Ratings
Human Body Model (Tested per JESD22-A114) . . . . . . 4kV
Charged Device Model (Tested per JESD22-C101E) . . . 2kV
Machine Model (Tested per JESD22-A115) . . . . . . . . 0.3kV
Latch Up (Tested per JESD-78A; Class 2, Level A) . . . 100mA
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
4x4 QFN Package (Notes 4, 5). . .
36
2
Junction Temperature Range . . . . . . . . . . -55°C to +150°C
Storage Temperature Range . . . . . . . . . . . -65°C to +150°C
Ambient Temperature Range . . . . . . . . . . . -40°C to +85°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
VIN Supply Voltage Range . . . . . . . . . . . . . . . . 2.85V to 6V
Load Current Range per Channel. . . . . . . . . . . . . . 0A to 3A
Junction Temperature Range . . . . . . . . . . -55°C to +125°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
4. θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach”
features. See Tech Brief TB379.
5. For θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications Unless otherwise noted, the typical specifications are measured at the following conditions:
TA = -40°C to +85°C, VIN = 3.6V, EN1 = EN2 = VDD, L = 1.5µH, C1 = C2 = C4 = 2x22µF, IOUT1 = IOUT2 = 0A to 3A. Typical
values are at TA = +25°C. Boldface limits apply over the operating temperature range, -40°C to +85°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 7) TYP
MAX
(Note 7)
UNITS
INPUT SUPPLY
VIN Undervoltage Lockout Threshold
VUVLO Rising
2.5
2.85
V
Hysteresis
50
100
mV
Quiescent Supply Current
IVDD
SYNC = VDD, EN1 = EN2 = VDD,
FS = 1MHz, no load at the output
15
40
mA
SYNC = VDD, EN1 = EN2 = VDD,
FS = 2.5MHz, no load at the output
30
70
mA
Shutdown Supply Current
ISD
VDD = 6V, EN1 = EN2 = SGND
8
20
µA
OUTPUT REGULATION
FB1, FB2 Regulation Voltage
VFB
0.790
0.8
0.810
V
FB1, FB2 Bias Current
IFB
VFB = 0.75V
0.1
µA
Load Regulation
SYNC = VDD, output load from 0A to 3A
2
mV/A
Line Regulation
VIN = VO + 0.5V to 6V (minimal 2.85V)
0.1
%/V
Soft-Start Ramp Time Cycle
1.5
ms
COMPENSATION
Error Amplifier Trans-Conductance
20
µA/V
Trans-Resistance
RT
0.18
0.2
0.22
Ω
OVERCURRENT PROTECTION
Dynamic Current Limit ON-time
tOCON
17
Clock pulses
Dynamic Current Limit OFF-time
tOCOFF
8
SS cycle
Positive Peak Overcurrent Limit
Ipoc1
ISET = VDD
4.1
4.8
5.5
A
Ipoc2
4.1
4.8
5.5
A
Ipoc1
ISET = Float
4.1
4.8
5.5
A
Ipoc2
2.7
3.3
3.9
A
Ipoc1
ISET = GND
2.7
3.3
3.9
A
Ipoc2
2.7
3.3
3.9
A
ISL8033, ISL8033A


Similar Part No. - ISL8033AIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8033AIRZ INTERSIL-ISL8033AIRZ Datasheet
1Mb / 18P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8033AIRZ RENESAS-ISL8033AIRZ Datasheet
2Mb / 18P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
More results

Similar Description - ISL8033AIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8033 RENESAS-ISL8033 Datasheet
2Mb / 18P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8033IRZ-T INTERSIL-ISL8033IRZ-T Datasheet
1Mb / 18P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL8033 INTERSIL-ISL8033_11 Datasheet
1Mb / 18P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL78213 RENESAS-ISL78213 Datasheet
2Mb / 17P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL78213ARZ INTERSIL-ISL78213ARZ Datasheet
1Mb / 16P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
May 12, 2015
ISL78213 INTERSIL-ISL78213 Datasheet
1Mb / 15P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
ISL8013A INTERSIL-ISL8013A Datasheet
1Mb / 17P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8013A RENESAS-ISL8013A Datasheet
2Mb / 16P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8013 INTERSIL-ISL8013 Datasheet
1Mb / 16P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8013 RENESAS-ISL8013 Datasheet
2Mb / 18P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com