Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54216IRTZ-T Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL54216IRTZ-T
Description  USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54216IRTZ-T Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL54216IRTZ-T Datasheet HTML 6Page - Intersil Corporation ISL54216IRTZ-T Datasheet HTML 7Page - Intersil Corporation ISL54216IRTZ-T Datasheet HTML 8Page - Intersil Corporation ISL54216IRTZ-T Datasheet HTML 9Page - Intersil Corporation ISL54216IRTZ-T Datasheet HTML 10Page - Intersil Corporation ISL54216IRTZ-T Datasheet HTML 11Page - Intersil Corporation ISL54216IRTZ-T Datasheet HTML 12Page - Intersil Corporation ISL54216IRTZ-T Datasheet HTML 13Page - Intersil Corporation ISL54216IRTZ-T Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
FN7701.0
September 27, 2010
FIGURE 9. ON-RESISTANCE vs SWITCH VOLTAGE vs
TEMPERATURE
FIGURE 10. ON-RESISTANCE vs SWITCH VOLTAGE vs
TEMPERATURE
Typical Performance Curves T
A = +25°C, Unless Otherwise Specified. (Continued)
3
4
5
6
7
8
9
0
0.050.100.150.200.250.300.35
0.40
VCOM (V)
+85°C
+25°C
-40°C
VDD = 3.3V
ICOM = 40mA
2
4
6
8
10
12
14
16
0
0.5
1.0
1.5
2.0
2.5
3.0 3.3
+25°C
VCOM (V)
+85°C
-40°C
VDD = 3.3V
ICOM = 40mA
ISL54216


Similar Part No. - ISL54216IRTZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54216IRTZ-T RENESAS-ISL54216IRTZ-T Datasheet
1Mb / 17P
   USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
More results

Similar Description - ISL54216IRTZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54216 RENESAS-ISL54216 Datasheet
1Mb / 17P
   USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Intersil Corporation
ISL54217 INTERSIL-ISL54217_09 Datasheet
1Mb / 21P
   USB 2.0 High-Speed x 2Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
ISL54214IRUZ-T INTERSIL-ISL54214IRUZ-T Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3 to 1 Multiplexer)
June 28, 2010
logo
Renesas Technology Corp
ISL54217 RENESAS-ISL54217 Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
logo
Intersil Corporation
ISL54217IRUZ-T INTERSIL-ISL54217IRUZ-T Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
June 17, 2010
ISL54214 INTERSIL-ISL54214 Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
ISL54217 INTERSIL-ISL54217 Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
logo
Renesas Technology Corp
ISL54214 RENESAS-ISL54214 Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Fairchild Semiconductor
FSUSB63 FAIRCHILD-FSUSB63 Datasheet
1Mb / 3P
   3:1 High-Speed USB 2.0 Switch / Multiplexer
logo
ON Semiconductor
FSUSB63 ONSEMI-FSUSB63 Datasheet
874Kb / 11P
   3:1 High-Speed USB 2.0 Switch / Multiplexer
December-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com