Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL78215 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL78215
Description  Improved Industry Standard Single-Ended Current Mode PWM Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78215 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL78215 Datasheet HTML 3Page - Intersil Corporation ISL78215 Datasheet HTML 4Page - Intersil Corporation ISL78215 Datasheet HTML 5Page - Intersil Corporation ISL78215 Datasheet HTML 6Page - Intersil Corporation ISL78215 Datasheet HTML 7Page - Intersil Corporation ISL78215 Datasheet HTML 8Page - Intersil Corporation ISL78215 Datasheet HTML 9Page - Intersil Corporation ISL78215 Datasheet HTML 10Page - Intersil Corporation ISL78215 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ISL78215
7
FN7673.0
August 16, 2010
CS to OUT Delay
(Note 9)
-
25
40
ns
ERROR AMPLIFIER
Open Loop Voltage Gain
(Note 9)
60
90
-
dB
Unity Gain Bandwidth
(Note 9)
3.5
5-
MHz
Reference Voltage
VFB = VCOMP
2.475
2.514
2.55
V
FB Input Bias Current
VFB = 0V
-1.0
-0.2
1.0
µA
COMP Sink Current
VCOMP = 1.5V, VFB = 2.7V
1.0
--
mA
COMP Source Current
VCOMP = 1.5V, VFB = 2.3V
-0.4
--
mA
COMP VOH
VFB = 2.3V
4.80
-
VREF
V
COMP VOL
VFB = 2.7V
0.4
-
1.0
V
PSRR
Frequency = 120Hz, VDD = 12V
to 18V (Note 9)
60
80
-
dB
OSCILLATOR
Frequency Accuracy
Initial, TJ = +25°C
49
52
55
kHz
Frequency Variation with VDD
T = +25°C (f18V - f12V)/f12V
-0.2
1.0
%
Temperature Stability
(Note 9)
-
-
5
%
Amplitude, Peak-to-Peak
-
1.9
-
V
RTCT Discharge Voltage
-
0.7
-
V
Discharge Current
RTCT = 2.0V
7.2
8.4
9.5
mA
OUTPUT
Gate VOH
VDD to OUT, IOUT = -200mA
-
1.0
2.0
V
Gate VOL
OUT to GND, IOUT = 200mA
-
1.0
2.0
V
Peak Output Current
COUT = 1nF (Note 9)
-
1.0
-
A
Rise Time
COUT = 1nF (Note 9)
-
20
40
ns
Fall Time
COUT = 1nF (Note 9)
-
20
40
ns
PWM
Maximum Duty Cycle
47
48
%
Minimum Duty Cycle
-
-
0
%
NOTES:
7. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established
by characterization and are not production tested.
8. This is the VDD current consumed when the device is active but not switching. Does not include gate drive current.
9. Limits established by characterization and are not production tested.
10. Adjust VDD above the start threshold and then lower to 15V.
Electrical Specifications Recommended operating conditions unless otherwise noted. Refer to “Functional Block
Diagram” on page 3 and “Typical Application” schematics on page 4 and 5. VDD = 15V
(Note 10), Rt =10kΩ, Ct = 3.3nF, TA = -40 to +105°C, Typical values are at
TA = +25°C. Boldface limits apply over the operating temperature range, -40°C to
+105°C. (Continued)
PARAMETER
TEST CONDITIONS
MIN
(Note 7)
TYP
MAX
(Note 7)
UNITS


Similar Part No. - ISL78215

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78215 RENESAS-ISL78215 Datasheet
578Kb / 11P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL78215AUZ RENESAS-ISL78215AUZ Datasheet
578Kb / 11P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL78215AUZ-T RENESAS-ISL78215AUZ-T Datasheet
578Kb / 11P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
More results

Similar Description - ISL78215

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6840 INTERSIL-ISL6840_07 Datasheet
278Kb / 12P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6840IRZ-T INTERSIL-ISL6840IRZ-T Datasheet
372Kb / 14P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
September 29, 2015
ISL6843CBZ-T INTERSIL-ISL6843CBZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6843IBZ-T INTERSIL-ISL6843IBZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6842 INTERSIL-ISL6842 Datasheet
264Kb / 9P
   Improved Industry Standard Single Ended Current Mode PWM Controller
ISL6840 INTERSIL-ISL6840 Datasheet
287Kb / 12P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
logo
Renesas Technology Corp
ISL6840 RENESAS-ISL6840 Datasheet
683Kb / 14P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
logo
Intersil Corporation
ISL6843IUZ-T INTERSIL-ISL6843IUZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6840IUZ-T INTERSIL-ISL6840IUZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
February 23, 2012
logo
Renesas Technology Corp
ISL78215 RENESAS-ISL78215 Datasheet
578Kb / 11P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com