Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSTUG32868ETS Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SSTUG32868ETS
Description  1.8 V 28-bit 1 : 2 configurable registered buffer with parity for DDR2-1G RDIMM applications
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSTUG32868ETS Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SSTUG32868ETS Datasheet HTML 3Page - NXP Semiconductors SSTUG32868ETS Datasheet HTML 4Page - NXP Semiconductors SSTUG32868ETS Datasheet HTML 5Page - NXP Semiconductors SSTUG32868ETS Datasheet HTML 6Page - NXP Semiconductors SSTUG32868ETS Datasheet HTML 7Page - NXP Semiconductors SSTUG32868ETS Datasheet HTML 8Page - NXP Semiconductors SSTUG32868ETS Datasheet HTML 9Page - NXP Semiconductors SSTUG32868ETS Datasheet HTML 10Page - NXP Semiconductors SSTUG32868ETS Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
SSTUG32868_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 23 April 2007
7 of 29
NXP Semiconductors
SSTUG32868
1.8 V DDR2-1G configurable registered buffer with parity
176-ball, 8
× 22 grid; top view.
Fig 5.
Ball mapping (1 : 2 Register B; C = 1)
D2
D1
C
GND
VREF
GND
123456
D4
D3
VDD
VDD
VDD
VDD
A
B
D6
D5
C
D8
D7
VDD
VDD
VDD
D
D9
Q6A
GND
GND
GND
E
D10
Q8A
VDD
VDD
F
D11
Q10A
GND
GND
G
D12
Q12A
VDD
VDD
H
Q13A
(QODT1A)
GND
GND
J
D14
(DODT0)
Q14A
(QODT0A)
VDD
VDD
K
CSGEN
GND
GND
L
CK
RESET
VDD
VDD
M
D15
(DCS0)
Q15A
(QCS0A)
GND
GND
N
D16
(DCS1)
Q16A
(QCS1A)
VDD
VDD
VDD
P
D17
Q17A
GND
GND
GND
R
D18
Q19A
T
002aac918
Q1A
Q1B
78
Q2A
Q2B
Q4A
Q4B
Q5A
Q5B
Q6B
Q7B
Q8B
Q9B
Q11B
Q16B
(QCS1B)
Q18B
Q19B
Q20B
Q18A
Q21B
(QCKE0B)
D19
Q21A
(QCKE0A)
GND
GND
GND
GND
U
D20
Q23A
(QCKE1A)
VDD
VDD
VDD
VDD
V
Q22A
Q23B
(QCKE1B)
Q24A
Q24B
CK
D21
(DCKE0)
D22
GND
GND
GND
W
D23
(DCKE1)
D24
Y
Q25A
Q25B
D25
D26
GND
GND
GND
GND
AA
D27
D28
SELDR
VDD
VREF
VDD
AB
Q27A
Q27B
Q28A
Q28B
GND
GND
GND
GND
Q3A
Q3B
VDD
Q7A
GND
Q9A
VDD
Q11A
GND
Q10B
VDD
Q12B
GND
Q14B
(QODT0B)
VDD
Q15B
(QCS0B)
GND
Q17B
VDD
GND
VDD
GND
VDD
GND
DCS2
PAR_IN
QERR
GND
DCS3
GND
VDD
VDD
VDD
Q20A
Q22B
VDD
VDD
VDD
VDD
Q26A
Q26B
GND
VDD
D13
(DODT1)
Q13B
(QODT1B)


Similar Part No. - SSTUG32868ETS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSTUG32865 NXP-SSTUG32865 Datasheet
162Kb / 28P
   1.8 V 28-bit 1 : 2 registered buffer with parity for DDR2-1G RDIMM applications
Rev. 01-16 August 2007
SSTUG32866 NXP-SSTUG32866 Datasheet
158Kb / 28P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer
Rev. 01-29 June 2007
SSTUG32866EC/G NXP-SSTUG32866EC/G Datasheet
158Kb / 28P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer
Rev. 01-29 June 2007
SSTUG32866EC/S NXP-SSTUG32866EC/S Datasheet
158Kb / 28P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer
Rev. 01-29 June 2007
More results

Similar Description - SSTUG32868ETS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSTUG32865 NXP-SSTUG32865 Datasheet
162Kb / 28P
   1.8 V 28-bit 1 : 2 registered buffer with parity for DDR2-1G RDIMM applications
Rev. 01-16 August 2007
SSTUB32868 NXP-SSTUB32868 Datasheet
264Kb / 30P
   1.8 V 28-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications
Rev. 04-22 April 2010
SSTUM32868 NXP-SSTUM32868 Datasheet
177Kb / 30P
   1.8 V 28-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications
Rev. 02-2 March 2007
SSTU32865 PHILIPS-SSTU32865 Datasheet
157Kb / 29P
   1.8 V 28-bit 1:2 registered buffer with parity for DDR2 RDIMM
Rev. 02-28 September 2004
SSTUA32S865 NXP-SSTUA32S865 Datasheet
160Kb / 29P
   1.8 V 28-bit 1 : 2 registered buffer with parity for DDR2-667 RDIMM applications
Rev. 02-16 March 2007
SSTUB32865 NXP-SSTUB32865 Datasheet
163Kb / 28P
   1.8 V 28-bit 1 : 2 registered buffer with parity for DDR2-800 RDIMM applications
Rev. 03-27 March 2007
SSTUM32865 NXP-SSTUM32865 Datasheet
152Kb / 28P
   1.8 V 28-bit 1 : 2 registered buffer with parity for DDR2-800 RDIMM applications
Rev. 01-19 September 2007
SSTUM32866 NXP-SSTUM32866 Datasheet
158Kb / 28P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-1G RDIMM applications
Rev. 01-29 June 2007
SSTUH32865 PHILIPS-SSTUH32865 Datasheet
154Kb / 28P
   1.8 V 28-bit high output drive 1:2 registered buffer with parity for DDR2 RDIMM applications
Rev. 01-11 March 2005
SSTU32866 PHILIPS-SSTU32866 Datasheet
166Kb / 29P
   1.8 V 25-bit 1:1 or 14-bit 1:2 configurable registered buffer with parity for DDR2 RDIMM applications
Rev. 02-11 November 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com