Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9881HN Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA9881HN
Description  Alignment-free vision and FM sound IF PLL demodulator for negative modulated TV standards
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9881HN Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA9881HN Datasheet HTML 7Page - NXP Semiconductors TDA9881HN Datasheet HTML 8Page - NXP Semiconductors TDA9881HN Datasheet HTML 9Page - NXP Semiconductors TDA9881HN Datasheet HTML 10Page - NXP Semiconductors TDA9881HN Datasheet HTML 11Page - NXP Semiconductors TDA9881HN Datasheet HTML 12Page - NXP Semiconductors TDA9881HN Datasheet HTML 13Page - NXP Semiconductors TDA9881HN Datasheet HTML 14Page - NXP Semiconductors TDA9881HN Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
9397 750 13417
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 16 November 2004
11 of 42
Philips Semiconductors
TDA9881
Alignment-free vision and FM sound IF PLL demodulator
8.13 Audio amplifier and mute time constant
The audio amplifier consists of two parts:
AF preamplifier
AF output amplifier.
The AF preamplifier used for FM sound is an operational amplifier with internal feedback,
high gain and high common mode rejection. The AF voltage from the PLL demodulator is
5 mV (RMS) for a frequency deviation of 27 kHz and is amplified by 30 dB. By using a
DC operating point control circuit (with external capacitor CAF), the AF preamplifier is
decoupled from the PLL DC voltage. The low-pass characteristic of the amplifier reduces
the harmonics of the sound intercarrier signal at the AF output terminal.
For FM sound a switchable de-emphasis network (with external capacitor) is implemented
between the preamplifier and the output amplifier. The de-emphasis time constant with
50
µs or 75 µs depends on the FM carrier selection via pins FM0 and FM1; see Table 5.
The AF output amplifier provides the required AF output level by a rail-to-rail output stage.
A preceding stage makes use of an input selector for switching between the FM sound
and mute state.
Switching to the mute state is controlled automatically, depending on the digital acquisition
help circuit should the VCO of the FM PLL not be in the required frequency window. This
is done by a time constant: fast for switching to the mute state and slow (typically 40 ms)
for switching to the non-mute state.
Auto mute can be disabled via pin AMUTE0; see Table 6.
8.14 Internal voltage stabilizer
The band gap circuit internally generates a voltage of approximately 2.4 V, independent of
the supply voltage and the temperature. A voltage regulator circuit, connected to this
voltage, produces a constant voltage of 3.55 V which is used as an internal reference
voltage.
8.15 Logic
The logic circuit detects the logic level at the logic ports VIF0, QSSO, FM0, FM1 and
AMUTE0 and controls the internal functions; see Table 4 to Table 6. In the event that all
logic ports are open-circuit (high-ohmic or CMOS HIGH level) TV standard NTSC with a
vision carrier frequency of 45.75 MHz, an FM sound carrier frequency of 4.5 MHz,
de-emphasis with 75
µs time constant and auto mute on is selected.
Table 4:
VIF frequency selection
QSSO
VIF0
VIF frequency (MHz)
No resistor at pin
pin open-circuit
45.75
No resistor at pin
pin connected to ground
38.9
2.2 k
Ω resistor to ground at pin pin open-circuit
58.75
2.2 k
Ω resistor to ground at pin pin connected to ground
38.0


Similar Part No. - TDA9881HN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9880 PHILIPS-TDA9880 Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9880T PHILIPS-TDA9880T Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9882 NXP-TDA9882 Datasheet
236Kb / 45P
   Alignment-free multistandard vision and QSS FM sound IF PLL demodulator
Rev. 01-16 November 2004
TDA9882HN NXP-TDA9882HN Datasheet
236Kb / 45P
   Alignment-free multistandard vision and QSS FM sound IF PLL demodulator
Rev. 01-16 November 2004
TDA9882TS NXP-TDA9882TS Datasheet
236Kb / 45P
   Alignment-free multistandard vision and QSS FM sound IF PLL demodulator
Rev. 01-16 November 2004
More results

Similar Description - TDA9881HN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9880 PHILIPS-TDA9880 Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9882 NXP-TDA9882 Datasheet
236Kb / 45P
   Alignment-free multistandard vision and QSS FM sound IF PLL demodulator
Rev. 01-16 November 2004
logo
TEMIC Semiconductors
U828B TEMIC-U828B Datasheet
84Kb / 5P
   FM IF AMPLIFIER AND DEMODULATOR FOR TV SOUND APPLICATION
logo
NXP Semiconductors
TDA9887 PHILIPS-TDA9887 Datasheet
308Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
2004 Aug 25
TDA9887TS NXP-TDA9887TS Datasheet
232Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
2004 Aug 25
logo
TEMIC Semiconductors
U2861B TEMIC-U2861B Datasheet
263Kb / 11P
   Mono FM Sound Demodulator for TV Systems
logo
Siemens Semiconductor G...
TDA5950X SIEMENS-TDA5950X Datasheet
450Kb / 11P
   Video and Sound IF with FM-PLL Demodulator, AFC and V & S SCART
logo
TEMIC Semiconductors
U2860BB TEMIC-U2860BB Datasheet
417Kb / 11P
   Dual-Channel FM Sound Demodulator for TV Systems
logo
ATMEL Corporation
U2860B-M ATMEL-U2860B-M Datasheet
336Kb / 14P
   Dual-Channel FM Sound Demodulator for TV Systems
logo
STMicroelectronics
TDA8192 STMICROELECTRONICS-TDA8192 Datasheet
44Kb / 5P
   MULTISTANDARD AM AND FM SOUND IF CIRCUIT FOR TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com