Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NHD-43-480272YF-ATXI-1 Datasheet(PDF) 8 Page - Newhaven Display International, Inc.

Part # NHD-43-480272YF-ATXI-1
Description  Liquid Crystal Display Module
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

NHD-43-480272YF-ATXI-1 Datasheet(HTML) 8 Page - Newhaven Display International, Inc.

Back Button NHD-43-480272YF-ATXI-1 Datasheet HTML 4Page - Newhaven Display International, Inc. NHD-43-480272YF-ATXI-1 Datasheet HTML 5Page - Newhaven Display International, Inc. NHD-43-480272YF-ATXI-1 Datasheet HTML 6Page - Newhaven Display International, Inc. NHD-43-480272YF-ATXI-1 Datasheet HTML 7Page - Newhaven Display International, Inc. NHD-43-480272YF-ATXI-1 Datasheet HTML 8Page - Newhaven Display International, Inc. NHD-43-480272YF-ATXI-1 Datasheet HTML 9Page - Newhaven Display International, Inc. NHD-43-480272YF-ATXI-1 Datasheet HTML 10Page - Newhaven Display International, Inc. NHD-43-480272YF-ATXI-1 Datasheet HTML 11Page - Newhaven Display International, Inc. NHD-43-480272YF-ATXI-1 Datasheet HTML 12Page - Newhaven Display International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
2. Optical Characteristics
The following items are measured under stable conditions. The optical characteristics should be
measured in a dark room or equivalent state with the methods shown in Note (1).
Measuring equipment: LCD-5000, BM-5A, BM-7, PR-650, EZ-Contrast
(Ta=25 ± 2°C , VDD=3.3V, fv=60Hz , fDCLK=9.2MHz , IL=20mA)
Item
Symbol Condition
Min.
Typ.
Max.
Unit
Note
Contrast ratio
(Center point)
C/R
NOTE (1)
θ =0
Ф =0
Normal
Viewing
Angle
B/L On
TBD
400
-
-
(2)
BM-5A
Luminance of white
(Center point)
YL
TBD
350
-
cd/㎡
(3)
BM-5A
Response
time
Rising
TR
-5
15
msec
(4)
BM-7
Falling
TF
-25
30
Color
chromaticity
(CIE 1931)
White
Wx
TBD
TBD
TBD
-
(5)
PR-650
Wy
TBD
TBD
TBD
Red
Rx
TBD
TBD
TBD
Ry
TBD
TBD
TBD
Green
Gx
TBD
TBD
TBD
Gy
TBD
TBD
TBD
Blue
Bx
TBD
TBD
TBD
By
TBD
TBD
TBD
Viewing
angle
Hor.
θ
L
C/R≥10
B/L On
75
80
-
Degrees
(6)
Ez-Contrast
θ
R
75
80
-
Ver.
Ф
H
55
60
-
Ф
L
55
60
-


Similar Part No. - NHD-43-480272YF-ATXI-1

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-4.3-480272EF-ASXN NEWHAVEN-NHD-4.3-480272EF-ASXN Datasheet
1Mb / 12P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-4.3-480272EF-ASXN#-T NEWHAVEN-NHD-4.3-480272EF-ASXN#-T Datasheet
858Kb / 12P
   4.3" EVE2 TFT Module
NHD-4.3-480272EF-ASXN-CTP NEWHAVEN-NHD-4.3-480272EF-ASXN-CTP Datasheet
1Mb / 20P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-4.3-480272EF-ASXN-T NEWHAVEN-NHD-4.3-480272EF-ASXN-T Datasheet
1Mb / 12P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-4.3-480272EF-ASXV NEWHAVEN-NHD-4.3-480272EF-ASXV Datasheet
1Mb / 12P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
More results

Similar Description - NHD-43-480272YF-ATXI-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GDM12864A ETC-GDM12864A Datasheet
198Kb / 22P
   Liquid Crystal Display Module
logo
Seiko Instruments Inc
G191D SII-G191D Datasheet
1Mb / 27P
   LIQUID CRYSTAL DISPLAY MODULE?
G482C SII-G482C Datasheet
1Mb / 22P
   LIQUID CRYSTAL DISPLAY MODULE?
logo
Newhaven Display Intern...
NHD-0416B1Z-FSPG-YBW-L3V NEWHAVEN-NHD-0416B1Z-FSPG-YBW-L3V Datasheet
857Kb / 21P
   Liquid Crystal Display Module
logo
HB Electronic Component...
ATM1602B HB-ATM1602B Datasheet
296Kb / 11P
   Liquid Crystal Display Module
ATM4004A HB-ATM4004A Datasheet
379Kb / 11P
   Liquid Crystal Display Module
logo
Newhaven Display Intern...
NHD-0140AZ-FL-YBW NEWHAVEN-NHD-0140AZ-FL-YBW Datasheet
707Kb / 10P
   Liquid Crystal Display Module
NHD-2.4-240320SF-CTXI-FT1 NEWHAVEN-NHD-2.4-240320SF-CTXI-FT1 Datasheet
839Kb / 11P
   Liquid Crystal Display Module
NHD-3.5-320240YF-ATXL NEWHAVEN-NHD-3.5-320240YF-ATXL Datasheet
790Kb / 9P
   Liquid Crystal Display Module
NHD-5.7-320240WFB-ETXI NEWHAVEN-NHD-5.7-320240WFB-ETXI Datasheet
659Kb / 22P
   Liquid Crystal Display Module
logo
Seiko Instruments Inc
G321EV SII-G321EV Datasheet
1Mb / 33P
   LIQUID CRYSTAL DISPLAY MODULE?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com