Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEF6730A Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TEF6730A
Description  Front-end for digital-IF car radio
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEF6730A Datasheet(HTML) 4 Page - NXP Semiconductors

  TEF6730A Datasheet HTML 1Page - NXP Semiconductors TEF6730A Datasheet HTML 2Page - NXP Semiconductors TEF6730A Datasheet HTML 3Page - NXP Semiconductors TEF6730A Datasheet HTML 4Page - NXP Semiconductors TEF6730A Datasheet HTML 5Page - NXP Semiconductors TEF6730A Datasheet HTML 6Page - NXP Semiconductors TEF6730A Datasheet HTML 7Page - NXP Semiconductors TEF6730A Datasheet HTML 8Page - NXP Semiconductors TEF6730A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
TEF6730A_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 21 February 2007
4 of 58
NXP Semiconductors
TEF6730A
Front-end for digital-IF car radio
[2]
Conversion gain formula of DAA2:
where n=0to15.
[3]
The VCO frequency is determined by the external circuit at pins OSCFDB and OSCTNK.
[4]
Based on 15 pF/60 pF dummy aerial, voltages at dummy aerial input, fmod = 400 Hz, 2.5 kHz audio bandwidth, fi(RF) = 990 kHz, m = 0.3
and nominal maximum IF AGC gain, unless otherwise specified.
[5]
Based on 75
Ω dummy aerial, voltages at dummy aerial input, f
mod = 400 Hz, de-emphasis = 50 µs, fi(RF) = 97.1 MHz, ∆f = 22.5 kHz,
nominal mixer gain and nominal maximum IF AGC gain, unless otherwise specified.
4.
Ordering information
V
DAAOUT 2
0.693
n
16
------
×
0.7
+


V
DAAOUT 1
×
=
Table 2.
Ordering information
Type number
Package
Name
Description
Version
TEF6730AHW
HTQFP64
plastic thermal enhanced thin quad flat package; 64 leads;
body 10 x 10 x 1 mm; exposed die pad
SOT855-1


Similar Part No. - TEF6730A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEF6730 NXP-TEF6730 Datasheet
270Kb / 56P
   Front-end for digital-IF car radio
Rev. 01-10 July 2006
TEF6730HW NXP-TEF6730HW Datasheet
270Kb / 56P
   Front-end for digital-IF car radio
Rev. 01-10 July 2006
More results

Similar Description - TEF6730A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEF6730 NXP-TEF6730 Datasheet
270Kb / 56P
   Front-end for digital-IF car radio
Rev. 01-10 July 2006
TEF6700HL PHILIPS-TEF6700HL Datasheet
305Kb / 56P
   Car radio tuner front-end for digital IF
2003 Oct 21
TEF6701HL PHILIPS-TEF6701HL Datasheet
318Kb / 55P
   Car radio tuner front-end for digital IF
Rev. 01-16 November 2004
TEF6721HL PHILIPS-TEF6721HL Datasheet
235Kb / 45P
   Car radio tuner front-end for digital IF
Rev. 03-19 July 2005
logo
Texas Instruments
AFE8221 TI-AFE8221 Datasheet
534Kb / 48P
[Old version datasheet]   Dual IF Analog Front-End for Digital Radio
logo
STMicroelectronics
TDA7528 STMICROELECTRONICS-TDA7528 Datasheet
89Kb / 5P
   AM/FM car radio Front-End receiver for IF sampling tuners
logo
Panasonic Semiconductor
AN7243S PANASONIC-AN7243S Datasheet
81Kb / 7P
   FM Front-end Circuit for Car Radio
AN7254 PANASONIC-AN7254 Datasheet
104Kb / 4P
   FM FRONT-END CIRCUIT FOR CAR RADIO
AN7280S PANASONIC-AN7280S Datasheet
81Kb / 7P
   FM Front-end IC for Car Radio
logo
Sanyo Semicon Device
LA1178M SANYO-LA1178M Datasheet
299Kb / 7P
   FM Front End for Car Radio, Home Radio-Use
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com