Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFA9843AJ Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TFA9843AJ
Description  20 W stereo power amplifier with volume control
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TFA9843AJ Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TFA9843AJ Datasheet HTML 5Page - NXP Semiconductors TFA9843AJ Datasheet HTML 6Page - NXP Semiconductors TFA9843AJ Datasheet HTML 7Page - NXP Semiconductors TFA9843AJ Datasheet HTML 8Page - NXP Semiconductors TFA9843AJ Datasheet HTML 9Page - NXP Semiconductors TFA9843AJ Datasheet HTML 10Page - NXP Semiconductors TFA9843AJ Datasheet HTML 11Page - NXP Semiconductors TFA9843AJ Datasheet HTML 12Page - NXP Semiconductors TFA9843AJ Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
TFA9843AJ_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01 — 28 April 2006
9 of 19
Philips Semiconductors
TFA9843AJ
20 W stereo power amplifier with volume control
THD = 10 %; RL = 4 Ω; f = 1 kHz
VCC = 18 V; RL = 4 Ω
Fig 7.
Output power as a function of supply voltage
Fig 8.
Total power dissipation as a function of channel
output power per channel (worst case, both
channels driven)
828
50
0
10
20
30
40
12
Po
(W)
16
20
24
VCC (V)
mce491
020
Po (W)
10
0
2
4
6
8
4
Ptot
(W)
812
16
mce507
VCC = 18 V; RL = 4 Ω
VCC = 18 V; ZS = 0 Ω; Vripple = 300 mV (RMS); a
bandpass filter of 20 Hz to 22 kHz has been applied;
inputs short-circuited.
Fig 9.
Channel separation as a function of frequency
(no bandpass filter applied)
Fig 10. Supply voltage ripple rejection as a function of
frequency
−100
0
−80
−60
−40
−20
mce495
10
αcs
(dB)
f (Hz)
102
103
104
105
−80
−60
−40
−20
0
mce497
10
SVRR
(dB)
f (Hz)
102
103
104
105


Similar Part No. - TFA9843AJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TFA9843BJ NXP-TFA9843BJ Datasheet
118Kb / 17P
   2-channel audio amplifier (SE: 1 W to 20 W)
Rev. 01-4 May 2004
TFA9843J PHILIPS-TFA9843J Datasheet
142Kb / 21P
   2-channel audio amplifier (SE: 1 W to 20 W or BTL: 4 W to 40 W)
Rev. 02-19 January 2004
More results

Similar Description - TFA9843AJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TFA9842AJ NXP-TFA9842AJ Datasheet
128Kb / 18P
   7.5 W stereo power amplifier with volume control
Rev. 01-28 April 2006
logo
Texas Instruments
TPA0152 TI1-TPA0152_16 Datasheet
967Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI-TPA0142 Datasheet
455Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0162 TI1-TPA0162_16 Datasheet
972Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252 Datasheet
493Kb / 29P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252_07 Datasheet
800Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI1-TPA0252_16 Datasheet
929Kb / 35P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0162 TI-TPA0162 Datasheet
447Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0152 TI-TPA0152 Datasheet
444Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com