Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ5336B Datasheet(PDF) 3 Page - EIC discrete Semiconductors

Part # SMBJ5336B
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SMBJ5336B Datasheet(HTML) 3 Page - EIC discrete Semiconductors

  SMBJ5336B Datasheet HTML 1Page - EIC discrete Semiconductors SMBJ5336B Datasheet HTML 2Page - EIC discrete Semiconductors SMBJ5336B Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RATING AND CHARACTERISTIC CURVES ( SMBJ5333B - SMBJ5388B )
0
25
50
75
100
125
150
TL, LEAD TEMPERATURE (
°C)
Page 3 of 3
Rev. 06 : December 19, 2006
40
20
10
4
2
1
0.4
0.2
0.1
3
4
6 8 10
20
30 40
80
100
200
PW=1 ms*
PW=8.3 ms*
PW=100 ms*
PW=1000 ms*
*SQURE WAVE
NORMINAL Vz (V)
Fig.2 Maximum Non-Repetitive Surg Current
versus Nominal Zener Voltage
Fig. 1 POWER DERATING CURVE
1.0
2.0
3.0
4.0
5.0
0
Certificate TH97/10561QM
Certificate TW00/17276EM


Similar Part No. - SMBJ5336B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMBJ5336B MCC-SMBJ5336B Datasheet
1Mb / 4P
   5 Watt Surface Mount Silicon Zener Diodes
logo
Microsemi Corporation
SMBJ5336B MICROSEMI-SMBJ5336B Datasheet
242Kb / 3P
   5 Watt Surface Mount Silicon Zener Diodes
logo
SynSemi, Inc.
SMBJ5336B SYNSEMI-SMBJ5336B Datasheet
38Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotech Company.
SMBJ5336B DIOTECH-SMBJ5336B Datasheet
733Kb / 3P
   5W SURFACE MOUNT SILICON ZENER DIODE
logo
Shenzhen Luguang Electr...
SMBJ5336B LUGUANG-SMBJ5336B Datasheet
285Kb / 3P
   Surface Mount Silicon Zener Diodes
More results

Similar Description - SMBJ5336B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com