Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMZ255B Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # SMZ255B
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SMZ255B Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  SMZ255B Datasheet HTML 1Page - EIC discrete Semiconductors SMZ255B Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS (Rating at 25 °C ambient temperature unless otherwise specified)
Nominal Zener
Maximum Zener
Maximum Reverse
Maximum DC
Voltage
Impedance
Leakage Current
Zener Current
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
(V)
(mA)
(Ω)(Ω)
(mA)
(
µA)
(V)
(mA)
SMZ253A
6A
3.0
80
20
400
1.0
100
1.0
340
SMZ253D
6B
3.3
80
20
400
1.0
40
1.0
320
SMZ253G
6C
3.6
70
20
500
1.0
20
1.0
290
SMZ253J
6D
3.9
60
15
500
1.0
10
1.0
280
SMZ254D
6E
4.3
50
13
500
1.0
3.0
1.0
250
SMZ254H
6F
4.7
45
13
500
1.0
3.0
1.0
215
SMZ255B
6H
5.1
45
10
500
1.0
1.0
1.5
200
SMZ255G
6J
5.6
45
7.0
400
1.0
1.0
2.0
190
SMZ256C
6K
6.2
35
4.0
300
1.0
1.0
3.0
170
SMZ256I
6M
6.8
35
3.5
300
1.0
50
4.0
155
SMZ257F
6N
7.5
35
3.0
200
0.5
50
4.5
140
SMZ258C
6P
8.2
25
5.0
200
0.5
50
6.2
130
SMZ259B
6R
9.1
25
5.0
200
0.5
50
6.8
120
SMZ2510
6X
10
25
7.0
200
0.5
50
7.5
105
SMZ2511
6Y
11
20
8.0
300
0.5
50
8.2
97
SMZ2512
6Z
12
20
9.0
350
0.5
0.5
9.1
88
SMZ2513
7A
13
20
10
400
0.5
0.5
10
79
SMZ2515
7B
15
15
15
500
0.5
0.5
11
71
SMZ2516
7C
16
15
15
500
0.5
0.5
12
66
SMZ2518
7D
18
15
20
500
0.5
0.5
13
62
SMZ2519
7E
19
15
20
550
0.5
0.5
14
58
SMZ2520
7F
20
10
24
600
0.5
0.5
15
56
SMZ2522
7H
22
10
25
600
0.5
0.5
16
52
SMZ2524
7J
24
10
25
600
0.5
0.5
18
47
SMZ2527
7K
27
8.0
30
750
0.25
0.5
20
41
SMZ2530
7M
30
8.0
30
1000
0.25
0.5
22
36
SMZ2533
7N
33
8.0
35
1000
0.25
0.5
24
33
SMZ2536
7P
36
8.0
40
1000
0.25
0.5
27
30
SMZ2539
7R
39
6.0
50
1000
0.25
0.5
30
28
SMZ2543
7X
43
6.0
50
1000
0.25
0.5
33
26
SMZ2547
7Y
47
4.0
90
1500
0.25
0.5
36
23
SMZ2551
7Z
51
4.0
115
1500
0.25
0.5
39
21
SMZ2556
8A
56
4.0
120
2000
0.25
0.5
43
19
SMZ2562
8B
62
4.0
125
2000
0.25
0.5
47
16
SMZ2568
8C
68
4.0
130
2000
0.25
0.5
51
15
SMZ2575
8D
75
4.0
135
2000
0.25
0.5
56
14
SMZ2582
8E
82
2.7
200
3000
0.25
0.5
62
12
SMZ2591
8F
91
2.7
250
3000
0.25
0.5
68
10
SMZ25B0
8H
100
2.7
350
3000
0.25
0.5
75
9.4
SMZ25B1
8J
110
2.7
450
4000
0.25
0.5
82
8.6
SMZ25B2
8K
120
2.0
550
4500
0.25
0.5
91
7.8
SMZ25B3
8M
130
2.0
700
5000
0.25
0.5
100
7.0
SMZ25B5
8N
150
2.0
1000
6000
0.25
0.5
110
6.4
SMZ25B6
8P
160
1.5
1100
6500
0.25
0.5
120
5.8
SMZ25B8
8R
180
1.5
1200
7000
0.25
0.5
130
5.2
SMZ25D0
8X
200
1.5
1900
9990
0.25
0.5
150
4.7
Note :
(1) The type number listed have a standard tolerance on the nominal zener voltage of
± 5.0%.
Page 2 of 2
Rev. 01 : January 12, 2009
Type No.
Marking
IATF 0060636
SGS TH07/1033
TW00/17276EM
TH97/10561QM


Similar Part No. - SMZ255B

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SMZ255B SUNMATE-SMZ255B Datasheet
526Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - SMZ255B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com