Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL61852BIRZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL61852BIRZ
Description  Dual USB Port Power Supply Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL61852BIRZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL61852BIRZ Datasheet HTML 6Page - Intersil Corporation ISL61852BIRZ Datasheet HTML 7Page - Intersil Corporation ISL61852BIRZ Datasheet HTML 8Page - Intersil Corporation ISL61852BIRZ Datasheet HTML 9Page - Intersil Corporation ISL61852BIRZ Datasheet HTML 10Page - Intersil Corporation ISL61852BIRZ Datasheet HTML 11Page - Intersil Corporation ISL61852BIRZ Datasheet HTML 12Page - Intersil Corporation ISL61852BIRZ Datasheet HTML 13Page - Intersil Corporation ISL61852BIRZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ISL6185
10
FN6937.0
October 22, 2010
Turn-off Time Delay
During operation, once an OC condition is detected
the output is current limited for ~12ms to allow
transient OC conditions to pass. If still in current limit
and after the current limit period has elapsed, the
output is then turned off and the fault is reported by
pulling the corresponding FAULT low. The internal
12ms timer starts upon current limiting and is
independent of ambient or IC thermal conditions
providing more consistent operation over the entire
temp range.
Latchoff Restart/Auto-Restart Start
After turn-off, with the latch off options both the
output and the FAULT signal are latched low until
reset by the enable signal being de-asserted at which
time the FAULT signal will clear and the IC is ready for
enable to assert. On the auto restart options the
ISL6185 will attempt to periodically turn-on the
output at approximately 1s intervals as long as the
enable is asserted. If the OC condition remains
indefinitely so will the fault indication and the restart
attempts until such time that the thermal protection
feature is invoked increasing the restart period.
Active Output Pull-down
Another ISL6185 feature is the 10kΩ active pull-down on
the outputs to <60mV above GND when the device is
disabled ensuring discharge of the load.
Typical Performance Curves
FIGURE 1. SWITCH ON-RESISTANCE AT 0.5A
FIGURE 2. NORMALIZED SWITCH RESISTANCE
FIGURE 3. 0.6A CONTINUOUS CURRENT
CHARACTERISTICS
FIGURE 4. 1.1A CONTINUOUS CURRENT
CHARACTERISTICS
150
140
130
120
110
100
90
80
70
60
50
-40
-25
0
25
457585
115
TEMPERATURE (°C)
VIN = 2.5V
VIN = 3.3V
VIN = 5V
0.7
0.8
0.9
1.0
1.1
1.2
1.3
-40
-25
0
254575
85
115
TEMPERATURE (°C)
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
-40
-25
0
25457585
115
TEMPERATURE (°C)
3.3V ITRIP
5V ISC
5V ILIM
3.3V ILIM
3.3V ISC
5V ITRIP
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
-40
-25
0
2545
7585
115
TEMPERATURE (°C)
3.3V ITRIP
5V ISC
5V ILIM
3.3V ILIM
3.3V ISC
5V ITRIP
ISL6185


Similar Part No. - ISL61852BIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL61852BIRZ INTERSIL-ISL61852BIRZ Datasheet
745Kb / 20P
   Dual USB Port Power Supply Controller 2.5V to 5V Operating Range
More results

Similar Description - ISL61852BIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6119 INTERSIL-ISL6119 Datasheet
491Kb / 13P
   USB Dual Port Power Supply Controller
logo
Renesas Technology Corp
ISL6185 RENESAS-ISL6185 Datasheet
945Kb / 20P
   Dual USB Port Power Supply Controller
ISL6436 RENESAS-ISL6436 Datasheet
796Kb / 13P
   USB Dual Port Power Supply Controller
Aug 10, 2001
logo
Intersil Corporation
ISL6119LIB INTERSIL-ISL6119LIB Datasheet
494Kb / 13P
   USB Dual Port Power Supply Controller
March 2004
logo
Renesas Technology Corp
ISL6119 RENESAS-ISL6119 Datasheet
771Kb / 13P
   USB Dual Port Power Supply Controller
logo
Intersil Corporation
ISL6436 INTERSIL-ISL6436 Datasheet
902Kb / 12P
   USB Dual Port Power Supply Controller
ISL61851ACBZ INTERSIL-ISL61851ACBZ Datasheet
780Kb / 20P
   Dual USB Port Power Supply Controller
March 8, 2012
logo
Renesas Technology Corp
ISL6186 RENESAS-ISL6186 Datasheet
873Kb / 18P
   USB Port Power Supply Controller
logo
Intersil Corporation
ISL6186 INTERSIL-ISL6186 Datasheet
722Kb / 18P
   USB Port Power Supply Controller
ISL6185 INTERSIL-ISL6185_11 Datasheet
745Kb / 20P
   Dual USB Port Power Supply Controller 2.5V to 5V Operating Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com