Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK22N6F3 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STK22N6F3
Description  N-channel 60 V, 0.0055 OHM, 22 A, PolarPAK STripFET Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STK22N6F3 Datasheet(HTML) 5 Page - STMicroelectronics

  STK22N6F3 Datasheet HTML 1Page - STMicroelectronics STK22N6F3 Datasheet HTML 2Page - STMicroelectronics STK22N6F3 Datasheet HTML 3Page - STMicroelectronics STK22N6F3 Datasheet HTML 4Page - STMicroelectronics STK22N6F3 Datasheet HTML 5Page - STMicroelectronics STK22N6F3 Datasheet HTML 6Page - STMicroelectronics STK22N6F3 Datasheet HTML 7Page - STMicroelectronics STK22N6F3 Datasheet HTML 8Page - STMicroelectronics STK22N6F3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STK22N6F3
Electrical characteristics
Doc ID 14850 Rev 2
5/15
Table 7.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
ISD
ISDM
(1)
1.
Pulse width limited by package
Source-drain current
Source-drain current
(pulsed)
--
22
88
A
A
VSD
(2)
2.
Pulsed: pulse duration = 300µs, duty cycle 1.5%
Forward on voltage
ISD= 22 A, VGS=0
-
-
1.2
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD= 22 A, di/dt = 100 A/µs,
VDD=30 V, Tj=150°C
Figure 18
-
49
91
3.7
-
ns
nC
A


Similar Part No. - STK22N6F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STK22N05 STMICROELECTRONICS-STK22N05 Datasheet
185Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STK22N06 STMICROELECTRONICS-STK22N06 Datasheet
183Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
More results

Similar Description - STK22N6F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STK20N75F3 STMICROELECTRONICS-STK20N75F3 Datasheet
907Kb / 15P
   N-channel 75 V, 0.0065 OHM, 20 A, PolarPAK STripFET Power MOSFET
STL75N3LLZH5 STMICROELECTRONICS-STL75N3LLZH5 Datasheet
516Kb / 9P
   N-channel 30 V, 0.0055 ?? 19 A PowerFLAT??(5x6) STripFET??V Power MOSFET
July 2010 Rev 2
STL70N4LLF5 STMICROELECTRONICS-STL70N4LLF5 Datasheet
270Kb / 10P
   N-channel 40 V, 0.0055 廓, 18 A, PowerFLAT??(6x5) STripFET??V Power MOSFET
STK800_0609 STMICROELECTRONICS-STK800_0609 Datasheet
267Kb / 12P
   N-channel 30V - 0.006ohm - 20A - PolarPAK STripFET Power MOSFET
STK850_0610 STMICROELECTRONICS-STK850_0610 Datasheet
276Kb / 12P
   N-channel 30V - 0.0024ohm - 30A - PolarPAK STripFET Power MOSFET
STK24N4LLF5 STMICROELECTRONICS-STK24N4LLF5 Datasheet
237Kb / 12P
   N-channel 40 V, 0.0046 Ω, 24 A, PolarPAK® STripFET™V Power MOSFET
January 2009
STK32N4LLF5 STMICROELECTRONICS-STK32N4LLF5 Datasheet
238Kb / 12P
   N-channel 40 V, 0.0017 Ω, 32 A, PolarPAK® STripFET™ V Power MOSFET
January 2009
STK850 STMICROELECTRONICS-STK850 Datasheet
229Kb / 12P
   N-CHANNEL 30V - 0.0024 廓 - 30A - PolarPAK-TM STripFET??Power MOSFET
STK800 STMICROELECTRONICS-STK800 Datasheet
243Kb / 12P
   N-channel 30V - 0.006??- 20A - PolarPAK-R STripFET-TM Power MOSFET
STD86N3LH5 STMICROELECTRONICS-STD86N3LH5 Datasheet
658Kb / 16P
   N-channel 30 V, 0.0045 Ohm , 80 A, DPAK STripFET V Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com