Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMF51A Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # SMF51A
Description  ZENER OVERVOLTAGE TRANSIENT SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SMF51A Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  SMF51A Datasheet HTML 1Page - EIC discrete Semiconductors SMF51A Datasheet HTML 2Page - EIC discrete Semiconductors SMF51A Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS ( T
L = 30 °C unless otherwise noted, VF = 1.25 Volts @ 200 mA)
Working Peak
Test
Max. Reverse
Max. Clamping
Max. Reverse
Reverse
Current
Leakage Current
Voltage at IPP
Peak Pulse
Voltage(1)
Current (3)
VRWM
IT
IR @ VRWM
VC
IPP
(V)
Min
Nom
Max.
(mA)
(μA)
(V)
(mA)
SMF5.0A
KE
5.0
6.40
6.70
7.00
10
400
9.2
21.7
SMF6.0A
KG
6.0
6.67
7.02
7.37
10
400
10.3
19.4
SMF6.5A
KK
6.5
7.22
7.60
7.98
10
250
11.2
17.9
SMF7.0A
KM
7.0
7.78
8.20
8.60
10
100
12.0
16.7
SMF7.5A
KP
7.5
8.33
8.77
9.21
1.0
50
12.9
15.5
SMF8.0A
KR
8.0
8.89
9.36
9.83
1.0
25
13.6
14.7
SMF8.5A
KT
8.5
9.44
9.92
10.4
1.0
10
14.4
13.9
SMF9.0A
KV
9.0
10.0
10.55
11.1
1.0
5.0
15.4
13.0
SMF10A
KX
10
11.1
11.70
12.3
1.0
2.5
17.0
11.8
SMF11A
KZ
11
12.2
12.85
13.5
1.0
2.5
18.2
11.0
SMF12A
LE
12
13.3
14.00
14.7
1.0
2.5
19.9
10.1
SMF13A
LG
13
14.4
15.15
15.9
1.0
1.0
21.5
9.3
SMF14A
LK
14
15.6
16.40
17.2
1.0
1.0
23.2
8.6
SMF15A
LM
15
16.7
17.60
18.5
1.0
1.0
24.4
8.2
SMF16A
LP
16
17.8
18.75
19.7
1.0
1.0
26.0
7.7
SMF17A
LR
17
18.9
19.90
20.9
1.0
1.0
27.6
7.2
SMF18A
LT
18
20.0
21.00
22.1
1.0
1.0
29.2
6.8
SMF20A
LV
20
22.2
23.35
24.5
1.0
1.0
32.4
6.2
SMF22A
LX
22
24.4
25.60
26.9
1.0
1.0
35.5
5.6
SMF24A
LZ
24
26.7
28.10
29.5
1.0
1.0
38.9
5.1
SMF26A
ME
26
28.9
30.40
31.9
1.0
1.0
42.1
4..8
SMF28A
MG
28
31.1
32.80
34.4
1.0
1.0
45.4
4.4
SMF30A
MK
30
33.3
35.10
36.8
1.0
1.0
48.4
4.1
SMF33A
MM
33
36.7
38.70
40.6
1.0
1.0
53.3
3.8
SMF36A
MP
36
40.0
42.10
44.2
1.0
1.0
58.1
3.4
SMF40A
MR
40
44.4
46.80
49.1
1.0
1.0
64.5
3.1
SMF43A
MT
43
47.8
50.30
52.8
1.0
1.0
69.4
2.9
SMF45A
MV
45
50.0
52.65
55.3
1.0
1.0
72.7
2.8
SMF48A
MX
48
53.3
56.10
58.9
1.0
1.0
77.4
2.6
SMF51A
MZ
51
56.7
59.70
62.7
1.0
1.0
82.4
2.4
SMF54A
NE
54
60.0
63.15
66.3
1.0
1.0
87.1
2.3
SMF58A
NG
58
64.4
67.80
71.2
1.0
1.0
93.6
2.1
SMF60A
NK
60
66.7
70.20
73.7
1.0
1.0
96.8
1.8
SMF64A
NM
64
71.1
74.85
78.6
1.0
1.0
103
1.7
SMF70A
NP
70
77.8
81.90
86.0
1.0
1.0
113
1.5
SMF75A
NR
75
83.3
87.70
92.1
1.0
1.0
121
1.4
SMF78A
NT
78
86.7
91.25
95.8
1.0
1.0
126
1.4
SMF85A
NV
85
94.4
99.20
104
1.0
1.0
137
1.3
SMF90A
NX
90
100
105.50
111
1.0
1.0
146
1.2
SMF100A
NZ
100
111
117.00
123
1.0
1.0
162
1.1
SMF110A
PE
110
122
128.50
135
1.0
1.0
177
1.0
SMF120A
PG
120
133
140.00
147
1.0
1.0
193
0.9
SMF130A
PK
130
144
151.50
159
1.0
1.0
209
0.8
SMF150A
PM
150
167
176.00
185
1.0
1.0
243
0.7
SMF160A
PP
160
178
187.50
197
1.0
1.0
259
0.7
SMF170A
PR
170
189
199.00
209
1.0
1.0
275
0.6
Notes :
(1) A transient suppressor is normally selected according to the Working Peak Reverse Voltage (VRWM) which should be equal to or
greater than the DC or continuous peak operating voltage level.
(2) VBR measured at pulse test current IT at ambient temperature of25 °C.
(3) Surge current waveform per Fig. 2 and derate per Fig. 5.
Page 2 of 3
Rev. 02 : January 12, 2009
VBR @ IT
Type No.
Marking
Breakdown Voltage @ IT
IATF 0060636
SGS TH07/1033
TW00/17276EM
TH97/10561QM


Similar Part No. - SMF51A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SMF51A DIOTEC-SMF51A Datasheet
178Kb / 3P
   SMD Transient Voltage Suppressor Diodes
logo
Vishay Siliconix
SMF51A VISHAY-SMF51A Datasheet
92Kb / 6P
   Surface Mount ESD Protection Diodes
Rev. 2.5, 22-Sep-10
logo
UN Semiconducctor INC
SMF51A UNSEMI-SMF51A Datasheet
3Mb / 7P
   3.3 To 190V 200W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Guangdong Juxing Electr...
SMF51A JUXING-SMF51A Datasheet
1Mb / 4P
   Surface Mount Transient Voltage Suppressor Power 200W
logo
Vishay Siliconix
SMF51A VISHAY-SMF51A Datasheet
108Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 2.6, 30-Nov-11
More results

Similar Description - SMF51A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TRA2532 ONSEMI-TRA2532 Datasheet
61Kb / 8P
   Overvoltage Transient Suppressor
October, 2000 ??Rev. 1
MR2520L ONSEMI-MR2520L_06 Datasheet
71Kb / 6P
   Overvoltage Transient Suppressor
June, 2006 ??Rev. 3
MR2520L ONSEMI-MR2520L Datasheet
67Kb / 8P
   Overvoltage Transient Suppressor
December, 2002 - Rev. 1
logo
Motorola, Inc
MR2835S MOTOROLA-MR2835S Datasheet
111Kb / 4P
   OVERVOLTAGE TRANSIENT SUPPRESSOR
logo
ON Semiconductor
MR2835SK ONSEMI-MR2835SK Datasheet
74Kb / 5P
   Overvoltage Transient Suppressor
July, 2006 ??Rev. 4
logo
EIC discrete Semiconduc...
MR2520L EIC-MR2520L Datasheet
101Kb / 1P
   OVERVOLTAGE TRANSIENT SUPPRESSOR
Rev.01:September 21, 2006
logo
Motorola, Inc
1SMB5.0 MOTOROLA-1SMB5.0 Datasheet
230Kb / 4P
   Zener Overvoltage Transient Suppressors
1SMC5.0 MOTOROLA-1SMC5.0 Datasheet
212Kb / 4P
   ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
P6SMB6.8A MOTOROLA-P6SMB6.8A Datasheet
240Kb / 4P
   ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
SA170A MOTOROLA-SA170A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com