Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NIPCI-6551 Datasheet(PDF) 2 Page - National Instruments Corporation

Part # NIPCI-6551
Description  100 and 50 MHz, Programmable-Voltage Digital Waveform Generator/Analyzers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPCI-6551 Datasheet(HTML) 2 Page - National Instruments Corporation

  NIPCI-6551 Datasheet HTML 1Page - National Instruments Corporation NIPCI-6551 Datasheet HTML 2Page - National Instruments Corporation NIPCI-6551 Datasheet HTML 3Page - National Instruments Corporation NIPCI-6551 Datasheet HTML 4Page - National Instruments Corporation NIPCI-6551 Datasheet HTML 5Page - National Instruments Corporation NIPCI-6551 Datasheet HTML 6Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
100 and 50 MHz, Programmable-Voltage
Digital Waveform Generator/Analyzers
2
BUY ONLINE at ni.com or CALL (866) 265 9891 (U.S.)
acquisition and generation can be set independently. You can program
the voltage levels between -2.0 and 5.5 V with 10 mV resolution for TTL,
LVTTL, LVCMOS, ECL, PECL, and other signal level compatibility.
The SMC memory architecture is designed for maximum flexibility
between waveform memory and scripting memory, the instructions for
pattern linking and looping. Using a single memory bank, you can
allocate as much memory as needed for script and waveform data, giving
you maximum flexibility from test to test.
Create Digital Waveforms Interactively
with the Digital Waveform Editor
With the NI Digital Waveform Editor, an interactive software tool for
creating and editing digital waveforms, you can import existing test
patterns from popular spreadsheet and VHDL simulation packages in
ASCII or value change dump (VCD) formats. Once imported, you can view
the waveforms graphically and edit them interactively for new devices or
new test conditions. You can also build new waveforms with built-in fill
patterns such as pseudorandom bit sequences (PRBS) and count
up/down patterns. When ready to test your device, the waveforms import
seamlessly into NI LabVIEW, SignalExpress, and C. The Digital Waveform
Editor is included with the 8 and 64 Mb/channel memory models, and is
a separate add-on for use with the 1 Mb/channel model.
Build Tightly Synchronized Mixed-Signal Test Systems
NI 655x devices use the same SMC architecture as the NI 5122 high-
resolution digitizers and NI 5441 arbitrary waveform generators, so you
can combine these devices to build tightly synchronized mixed-signal
prototyping and test systems. For tight timing requirements, these PXI
modules phase-lock to the 10 MHz reference clock on the PXI backplane.
If you have an external precision reference, you can import it through the
front panel SMB connector.
Driver Software
NI 655x devices include the NI-HSDIO driver with an intuitive, powerful
API based on IVI guidelines. The Windows-compatible NI-HSDIO driver
provides an API for LabVIEW, SignalExpress, LabWindows/CVI, and other
text-based development environments.
Figure 1. Eye Diagram of NI PXI-6552 Generation
Figure 2. Digital Waveform Editor with ASCII and VCD Import Wizards
Ordering Information
NI PCI-6551 ................................................................778950-0M1
NI PCI-6552 ................................................................778951-0M1
NI PXI-6551 ................................................................778538-0M1
NI PXI-6552 ................................................................778539-0M1
1Where M is: 1 (1 Mb/channel), 2 (8 Mb/channel), or 3 (64 Mb/channel)
Includes NI 655x device and NI-HSDIO driver. The 8 and 64 Mb/channel models also
include the Digital Waveform Editor.
Software
NI Digital Waveform Editor ..........................................778724-03
Cable
SHC68-C68-D2 ..............................................................188142-01
SHC68-HIX38 ..............................................................192681-1R5
Accessories
CB-2162 ........................................................................778592-01
SMB-2163......................................................................778749-01
BUY NOW!
For complete product specifications, pricing, and accessory
information, call (800) 813 3693 (U.S. only) or go to ni.com.


Similar Part No. - NIPCI-6551

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPCI-6552 NI-NIPCI-6552 Datasheet
856Kb / 3P
   100 MHz Logic Analyzer/Digital Pattern Generators
More results

Similar Description - NIPCI-6551

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI654X NI-NI654X Datasheet
313Kb / 3P
   100 and 50 MHz Digital Waveform Generator/Analyzers
PXI-6541 NI-PXI-6541 Datasheet
222Kb / 3P
   100 and 50 MHz Digital Waveform Generator/Analyzers
NI665X NI-NI665X Datasheet
548Kb / 6P
   100 and 50 MHz, Programmable-VoltageDigital Waveform Generator/Analyzers
logo
Analog Devices
AD9835BRUZ AD-AD9835BRUZ Datasheet
701Kb / 28P
   50 MHz Direct Digital Synthesizer, Waveform Generator
REV. A
logo
National Instruments Co...
NI656X NI-NI656X Datasheet
166Kb / 3P
   400 and 200 Mb/s LVDS Digital Waveform Generator/Analyzers
logo
Analog Devices
AD9837 AD-AD9837_12 Datasheet
755Kb / 28P
   Programmable Waveform Generator
AD9833 AD-AD9833_18 Datasheet
423Kb / 21P
   Programmable Waveform Generator
AD9832 AD-AD9832_13 Datasheet
527Kb / 28P
   25 MHz Direct Digital Synthesizer, Waveform Generator
Rev. E
AD5932 AD-AD5932 Datasheet
473Kb / 28P
   Programmable Frequency Scan Waveform Generator
REV. 0
AD9106 AD-AD9106_17 Datasheet
1Mb / 58P
   Digital-to- Analog Converter and Waveform Generator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com