Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD82551IT Datasheet(PDF) 7 Page - Intel Corporation

Part # GD82551IT
Description  Fast Ethernet PCI Controller
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GD82551IT Datasheet(HTML) 7 Page - Intel Corporation

Back Button GD82551IT Datasheet HTML 3Page - Intel Corporation GD82551IT Datasheet HTML 4Page - Intel Corporation GD82551IT Datasheet HTML 5Page - Intel Corporation GD82551IT Datasheet HTML 6Page - Intel Corporation GD82551IT Datasheet HTML 7Page - Intel Corporation GD82551IT Datasheet HTML 8Page - Intel Corporation GD82551IT Datasheet HTML 9Page - Intel Corporation GD82551IT Datasheet HTML 10Page - Intel Corporation GD82551IT Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 102 page
background image
Networking Silicon — 82551IT
Datasheet
1
1.0
Introduction
This datasheet is applicable to the Intel
® 82551IT Fast Ethernet PCI Controller, a member of the
8255x Fast Ethernet Controller family.
1.1
Overview
The 82551IT is an evolutionary addition to Intel’s family of 8255x controllers. It provides excellent
performance by offloading TCP, UDP and IP checksums and supports TCP segmentation off-load
for operations such as Large Send. The 82551IT provides an extended operating temperature in
addition to all of the same capabilities and features as the 82551ER to address applications
requiring a wider operating temperature range.
Its optimized 32-bit interface and efficient scatter-gather bus mastering capabilities enable the
82551IT to perform high speed data transfers over the PCI bus. This capability accelerates the
processing of high level commands and operations, which lowers CPU utilization. Its architecture
enables data to flow efficiently from the bus interface unit to the 3 KB Transmit and Receive
FIFOs, providing the perfect balance between the wire and system bus. In addition, multiple
priority queues are provided to prevent data underruns and overruns.
The 82551IT includes both a MAC and PHY. In also has a simple interface to the analog front end,
which allows cost effective designs requiring minimal board real estate. The 82551IT is pin
compatible with the 82559 family of controllers and is offered with software that provides
backwards compatibility with previous 8255xER controllers.
1.2
Byte Ordering
TCP and IP Internet Engineering Task Force (IETF) Request for Comments (RFCs) and literature
use big endian (BE) byte ordering. This document uses big endian ordering for all IP and TCP
frame formats. However, little endian byte ordering is used for referencing 82551IT memory
resident structures and internal structures.
1.3
References
The following documents may provide further information on topics discussed in this document.
10/100 Mbit Ethernet Controller Family Software Developer’s Manual. Intel Corporation.
Advanced Configuration and Power Interface Specification, Revision 1.0. Intel Corporation,
Microsoft Corporation, and Toshiba.
IEEE 802.3x and 802.1y Standards.
Network Device Class Power Management Reference Specification, Revision 1.0a. AMD, Inc.
and Microsoft Corporation.


Similar Part No. - GD82551IT

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
GD82551QM INTEL-GD82551QM Datasheet
867Kb / 120P
   Fast Ethernet Multifunction PCI/CardBus Controller
More results

Similar Description - GD82551IT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VT86C100A ETC-VT86C100A Datasheet
349Kb / 32P
   PCI FAST ETHERNET CONTROLLER
logo
InnovASIC, Inc
IA186ES INNOVASIC-IA186ES Datasheet
94Kb / 19P
   PCI FAST ETHERNET LAN CONTROLLER
logo
Intel Corporation
82551QM INTEL-82551QM Datasheet
867Kb / 120P
   Fast Ethernet Multifunction PCI/CardBus Controller
logo
Realtek Semiconductor C...
RTL8100E REALTEK-RTL8100E Datasheet
532Kb / 28P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8101E-GR REALTEK-RTL8101E-GR_06 Datasheet
498Kb / 27P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
logo
List of Unclassifed Man...
VT86C926 ETC-VT86C926 Datasheet
87Kb / 24P
   AMAZON PCI ETHERNET CONTROLLER
logo
Realtek Semiconductor C...
RTL8101E-GR REALTEK-RTL8101E-GR Datasheet
563Kb / 28P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8102E-GR REALTEK-RTL8102E-GR Datasheet
588Kb / 41P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
logo
Micrel Semiconductor
KSZ8841-PMQL MICREL-KSZ8841-PMQL Datasheet
171Kb / 2P
   Ethernet MAC Controller with PCI Interface
logo
List of Unclassifed Man...
AN983B ETC-AN983B Datasheet
2Mb / 91P
   PCI/miniPCI-to-Ethernet LAN Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com