Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJ06GS101 Datasheet(PDF) 10 Page - Microchip Technology

Part # DSPIC33FJ06GS101
Description  High-Performance, 16-bit Digital Signal Controllers
Download  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS101 Datasheet(HTML) 10 Page - Microchip Technology

Back Button DSPIC33FJ06GS101 Datasheet HTML 6Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 7Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 8Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 9Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 10Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 11Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 12Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 13Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 346 page
background image
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
DS70318D-page 8
Preliminary
© 2009 Microchip Technology Inc.
Pin Diagrams (Continued)
28-Pin QFN-S(2)
10 11
2
3
6
1
18
19
20
21
22
12 13 14
15
8
7
16
17
23
24
25
26
27
28
9
dsPIC33FJ16GS402
5
4
PWM2L/RP14(1)/CN14/RB14
PWM2H/RP13(1)/CN13/RB13
TCK/PWM3L/RP12(1)/CN12/RB12
TMS/PWM3H/RP11(1)/CN11/RB11
VSS
VCAP/VDDCORE
PGEC1/SDA/RP7(1)/CN7/RB7
AN2/RA2
AN3/RP0(1)/CN0/RB0
AN4/RP9(1)/CN9/RB9
AN5/RP10(1)/CN10/RB10
VSS
OSC1/CLKIN/AN6/RP1(1)/CN1/RB1
OSC2/CLKO/AN7/RP2(1)/CN2/RB2
10 11
2
3
6
1
18
19
20
21
22
12 13 14
15
8
7
16
17
23
24
25
26
27
28
9
dsPIC33FJ16GS502
5
4
PWM2L/RP14(1)/CN14/RB14
PWM2H/RP13(1)/CN13/RB13
TCK/PWM3L/RP12(1)/CN12/RB12
TMS/PWM3H/RP11(1)/CN11/RB11
VSS
VCAP/VDDCORE
PGEC1/SDA/RP7(1)/CN7/RB7
AN2/CMP1C/CMP2A/RA2
AN3/CMP1D/CMP2B/RP0(1)/CN0/RB0
AN4/CMP2C/CMP3A/RP9(1)/CN9/RB9
AN5/CMP2D/CMP3B/RP10(1)/CN10/RB10
VSS
OSC1/CLKIN/AN6/CMP3C/CMP4A/RP1(1)/CN1/RB1
OSC2/CLKO/AN7/CMP3D/CMP4B/RP2(1)/CN2/RB2
Note
1:
The RPn pins can be used by any remappable peripheral. See the “dsPIC33FJ06GS101/X02 and
dsPIC33FJ16GSX02/X04 Controller Families”
table for the list of available peripherals.
2:
The metal plane at the bottom of the device is not connected to any pins and is recommended to be connected to
VSS externally.
28-Pin QFN-S(2)
= Pins are up to 5V tolerant
= Pins are up to 5V tolerant


Similar Part No. - DSPIC33FJ06GS101

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC33FJ06GS101 MICROCHIP-DSPIC33FJ06GS101 Datasheet
5Mb / 386P
   16-bit Digital Signal Controllers (up to 16 KB Flash and up to 2 KB SRAM) with High-Speed PWM, ADC, and Comparators
2008-2012
dsPIC33FJ06GS101 MICROCHIP-dsPIC33FJ06GS101 Datasheet
345Kb / 20P
   dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Family Silicon Errata and Data Sheet Clarification
11/29/12
DSPIC33FJ06GS101 MICROCHIP-DSPIC33FJ06GS101 Datasheet
345Kb / 20P
   dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Family Silicon Errata and Data Sheet Clarification
11/29/12
DSPIC33FJ06GS101 MICROCHIP-DSPIC33FJ06GS101 Datasheet
3Mb / 346P
   High-Performance, 16-bit Digital Signal Controllers
02/04/09
DSPIC33FJ06GS101 MICROCHIP-DSPIC33FJ06GS101 Datasheet
3Mb / 346P
   High-Performance, 16-bit Digital Signal Controllers
02/04/09
More results

Similar Description - DSPIC33FJ06GS101

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC30F6010A MICROCHIP-DSPIC30F6010A_11 Datasheet
3Mb / 236P
   High-Performance, 16-bit Digital Signal Controllers
2011
DSPIC30F2010 MICROCHIP-DSPIC30F2010_08 Datasheet
2Mb / 204P
   High-Performance, 16-bit Digital Signal Controllers
2008
DSPIC33FJXXXMCX06A MICROCHIP-DSPIC33FJXXXMCX06A Datasheet
2Mb / 352P
   High-Performance, 16-bit Digital Signal Controllers
2009
DSPIC30F2011 MICROCHIP-DSPIC30F2011_08 Datasheet
3Mb / 206P
   High-Performance, 16-bit Digital Signal Controllers
2008
DSPIC33FJ12MC201MM MICROCHIP-DSPIC33FJ12MC201MM Datasheet
4Mb / 284P
   High-Performance, 16-Bit Digital Signal Controllers
2007
DSPIC30F6011 MICROCHIP-DSPIC30F6011_06 Datasheet
3Mb / 228P
   High-Performance, 16-Bit Digital Signal Controllers
2006
DSPIC30F6010 MICROCHIP-DSPIC30F6010_06 Datasheet
3Mb / 222P
   High-Performance, 16-Bit Digital Signal Controllers
2006
DSPIC30F6014A-30IPT MICROCHIP-DSPIC30F6014A-30IPT Datasheet
2Mb / 239P
   High-Performance, 16-Bit Digital Signal Controllers
10/19/06
DSPIC33FJ128GP802-I MICROCHIP-DSPIC33FJ128GP802-I Datasheet
2Mb / 403P
   High-Performance, 16-bit Digital Signal Controllers
03/26/09
DSPIC33FJ16GS502-E MICROCHIP-DSPIC33FJ16GS502-E Datasheet
5Mb / 346P
   High-Performance, 16-bit Digital Signal Controllers
02/04/09
DSPIC33FJ12GP202-E MICROCHIP-DSPIC33FJ12GP202-E Datasheet
3Mb / 242P
   High-Performance, 16-Bit Digital Signal Controllers
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com