Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MZ55B15 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # MZ55B15
Description  SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

MZ55B15 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  MZ55B15 Datasheet HTML 1Page - EIC discrete Semiconductors MZ55B15 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS(Rating at 25 °C ambient temperature unless otherwise specified)
Zener Voltage
Maximum Zener
Temp. coefficient Admissible
Type
VZ @ IZT
Impedance
of Zener Voltage
Zener
Number
Nom
1) Min2) Max2)
IZT
ZZT @ IZT ZZk @ IZK
IZK
IR
at VR
TKVZ
Current
(2)
(V)
(V)
(V)
(mA)
(
Ω)(Ω)
(mA)
(μA)
(V)
(% / K)
IZM (mA)
MZ55B3V0
3.0
2.94
3.06
5.0
85
600
1.0
4.0
1.0
-0.08...-0.05
125
MZ55B3V3
3.3
3.23
3.37
5.0
85
600
1.0
2.0
1.0
-0.08...-0.05
115
MZ55B3V6
3.6
3.53
3.67
5.0
85
600
1.0
2.0
1.0
-0.08...-0.05
105
MZ55B3V9
3.9
3.82
3.98
5.0
85
600
1.0
2.0
1.0
-0.08...-0.05
95
MZ55B4V3
4.3
4.21
4.39
5.0
75
600
1.0
1.0
1.0
-0.06...-0.03
90
MZ55B4V7
4.7
4.61
4.8
5.0
60
600
1.0
1.0
1.0
-0.05...+0.02
85
MZ55B5V1
5.1
5.00
5.2
5.0
35
550
1.0
1.0
1.0
-0.02...+0.02
80
MZ55B5V6
5.6
5.49
5.7
5.0
25
450
1.0
1.0
1.0
-0.05...+0.05
70
MZ55B6V2
6.2
6.08
6.32
5.0
10
200
1.0
1.0
2.0
0.03...0.06
64
MZ55B6V8
6.8
6.66
6.94
5.0
8
150
1.0
1.0
3.0
0.03...0.07
58
MZ55B7V5
7.5
7.35
7.65
5.0
7
50
1.0
1.0
5.0
0.03...0.07
53
MZ55B8V2
8.2
8.04
8.36
5.0
7
50
1.0
1.0
6.2
0.03...0.08
47
MZ55B9V1
9.1
8.92
9.28
5.0
10
50
1.0
1.0
6.8
0.03...0.09
43
MZ55B10
10
9.80
10.2
5.0
15
70
1.0
1.0
7.5
0.03...0.10
40
MZ55B11
11
10.8
11.2
5.0
20
70
1.0
1.0
8.2
0.03...0.11
36
MZ55B12
12
11.8
12.2
5.0
20
90
1.0
1.0
9.1
0.03...0.11
32
MZ55B13
13
12.7
13.3
5.0
26
110
1.0
1.0
10.0
0.03...0.11
29
MZ55B14
14
13.7
14.3
5.0
28
110
1.0
1.0
10.5
0.03...0.11
28
MZ55B15
15
14.7
15.3
5.0
30
110
1.0
1.0
11
0.03...0.11
27
MZ55B16
16
15.7
16.3
5.0
40
170
1.0
1.0
12
0.03...0.11
24
MZ55B18
18
17.6
18.4
5.0
50
170
1.0
1.0
13
0.03...0.11
21
MZ55B20
20
19.6
20.4
5.0
55
220
1.0
1.0
15
0.03...0.11
20
MZ55B22
22
21.6
22.4
5.0
55
220
1.0
1.0
16
0.04...0.12
18
MZ55B24
24
23.5
24.5
5.0
80
220
1.0
1.0
18
0.04...0.12
16
MZ55B27
27
26.5
27.5
5.0
80
220
1.0
1.0
20
0.04...0.12
14
MZ55B30
30
29.4
30.6
5.0
80
220
1.0
1.0
22
0.04...0.12
13
MZ55B33
33
32.3
33.7
5.0
80
220
1.0
1.0
24
0.04...0.12
12
MZ55B36
36
35.3
36.7
5.0
80
220
1.0
1.0
27
0.04...0.12
11
MZ55B39
39
38.2
39.8
2.5
90
500
0.5
1.0
30
0.04...0.12
10
MZ55B43
43
42.1
43.9
2.5
90
500
0.5
1.0
33
0.04...0.12
9.2
MZ55B47
47
46.1
47.9
2.5
110
600
0.5
1.0
36
0.04...0.12
8.5
MZ55B51
51
50.0
52
2.5
125
700
0.5
1.0
39
0.04...0.12
7.8
MZ55B56
56
54.9
57.1
2.5
135
700
0.5
1.0
43
0.04...0.12
7.0
MZ55B62
62
60.8
63.2
2.5
150
1000
0.5
1.0
47
0.04...0.12
6.4
MZ55B68
68
66.6
69.4
2.5
200
1000
0.5
1.0
51
0.04...0.12
5.9
MZ55B75
75
73.5
76.5
2.5
250
1000
0.5
1.0
56
0.04...0.12
5.3
MZ55B82
82
80.4
83.6
2.5
300
1500
0.5
1.0
62
0.05...0.12
4.8
MZ55B91
91
89.2
92.8
1.0
450
2000
0.1
1.0
68
0.05...0.12
4.4
MZ55B100
100
98.0
102.0
1.0
450
5000
0.1
1.0
75
0.05...0.12
4.0
MZ55B110
110
107.8 112.2
1.0
600
5000
0.1
1.0
82
0.05...0.12
3.6
MZ55B120
120
117.6 122.4
1.0
800
5500
0.1
1.0
91
0.05...0.12
3.3
MZ55B130
130
127.4 132.6
1.0
950
6000
0.1
1.0
100
0.05...0.12
3.1
MZ55B150
150
147.0 153.0
1.0
1250
6500
0.1
1.0
110
0.05...0.12
3.7
MZ55B160
160
156.8 163.2
1.0
1400
7000
0.1
1.0
120
0.05...0.12
2.5
MZ55B180
180
176.4 183.6
1.0
1700
8500
0.1
1.0
130
0.05...0.12
2.2
MZ55C190
190
186.2 193.8
1.0
1850
9500
0.1
1.0
140
0.05...0.12
2.1
MZ55B200
200
196.0 204.0
1.0
2000
10000
0.1
1.0
150
0.05...0.12
2.0
Notes:
(1) Tested with pulses tp = 20 ms
(2) Valid Provided that leads are kept at ambient temperature at a distance of 8 mm from case
(3) For ± 5% tolerance altered the fifth letter of type from "B" to be "C"
(4) at Iz = 2.5 mA
Page 2 of 2
Rev. 01 : December 7, 2007
Max. Reverse
Leakage Current
Certificate TH97/10561QM
Certificate TW00/17276EM


Similar Part No. - MZ55B15

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MZ55C10 EIC-MZ55C10 Datasheet
175Kb / 2P
   SILICON ZENER DIODES
MZ55C100 EIC-MZ55C100 Datasheet
175Kb / 2P
   SILICON ZENER DIODES
MZ55C11 EIC-MZ55C11 Datasheet
175Kb / 2P
   SILICON ZENER DIODES
MZ55C110 EIC-MZ55C110 Datasheet
175Kb / 2P
   SILICON ZENER DIODES
MZ55C12 EIC-MZ55C12 Datasheet
175Kb / 2P
   SILICON ZENER DIODES
More results

Similar Description - MZ55B15

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com