Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM1Z4703 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # MM1Z4703
Description  ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

MM1Z4703 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  MM1Z4703 Datasheet HTML 1Page - EIC discrete Semiconductors MM1Z4703 Datasheet HTML 2Page - EIC discrete Semiconductors MM1Z4703 Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS(Ta = 25 °C)
Test
Maximum Reverse
Current
Leakage Current
IZT
Min.
Nom.
Max.
(µA)
(
μA)
(V)
MM1Z4689
BX
4.85
5.1
5.36
50
10
3.0
MM1Z4690
BY
5.32
5.6
5.88
50
10
4.0
MM1Z4691
BZ
5.89
6.2
6.51
50
10
5.0
MM1Z4692
CA
6.46
6.8
7.14
50
10
5.1
MM1Z4693
CB
7.13
7.5
7.88
50
10
5.7
MM1Z4694
CC
7.79
8.2
8.61
50
1.0
6.2
MM1Z4696
CE
8.65
9.1
9.56
50
1.0
6.9
MM1Z4697
CF
9.50
10
10.50
50
1.0
7.6
MM1Z4698
CH
10.45
11
11.50
50
0.05
8.4
MM1Z4699
CJ
11.40
12
12.60
50
0.05
9.1
MM1Z4700
CK
12.35
13
13.65
50
0.05
9.8
MM1Z4702
CN
14.25
15
15.75
50
0.05
11.4
MM1Z4703
CP
15.20
16
16.80
50
0.05
12.1
MM1Z4705
CX
17.10
18
18.90
50
0.05
13.6
MM1Z4707
CZ
19.00
20
21.00
50
0.01
15.2
MM1Z4708
DA
20.90
22
23.10
50
0.01
16.7
MM1Z4709
DB
22.80
24
25.20
50
0.01
18.2
MM1Z4711
DD
25.65
27
28.35
50
0.01
20.4
MM1Z4713
DF
28.50
30
31.50
50
0.01
22.8
MM1Z4714
DH
31.35
33
34.65
50
0.01
25.0
MM1Z4715
DJ
34.20
36
37.80
50
0.01
27.3
MM1Z4716
DK
37.05
39
40.95
50
0.01
29.6
MM1Z4717
DM
40.85
43
45.15
50
0.01
32.6
Notes :
(1) Tested with pulses tp = 20 ms
Page 2 of 3
Rev. 03 : June 9, 2008
Type No.
IR
@
VR
VZ @ IZT
(V)
Zener Voltage
(1)
Marking
IATF 0060636
SGS TH07/1033
TW00/17276EM
TH97/10561QM


Similar Part No. - MM1Z4703

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
MM1Z4703 HTSEMI-MM1Z4703 Datasheet
176Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Diotec Semiconductor
MM1Z4703 DIOTEC-MM1Z4703 Datasheet
135Kb / 2P
   SMD Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
MM1Z4703 YFWDIODE-MM1Z4703 Datasheet
893Kb / 3P
   Zener Diodes
More results

Similar Description - MM1Z4703

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com