Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NIPXI-5690 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # NIPXI-5690
Description  PXI RF Signal Conditioning
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPXI-5690 Datasheet(HTML) 1 Page - National Instruments Corporation

  NIPXI-5690 Datasheet HTML 1Page - National Instruments Corporation NIPXI-5690 Datasheet HTML 2Page - National Instruments Corporation NIPXI-5690 Datasheet HTML 3Page - National Instruments Corporation NIPXI-5690 Datasheet HTML 4Page - National Instruments Corporation NIPXI-5690 Datasheet HTML 5Page - National Instruments Corporation NIPXI-5690 Datasheet HTML 6Page - National Instruments Corporation NIPXI-5690 Datasheet HTML 7Page - National Instruments Corporation NIPXI-5690 Datasheet HTML 8Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PXI RF Signal Conditioning
NI PXI-5690, NI PXI-5691, NI PXI-5695 NEW!
Key Amplifier Features
Up to +24 dBm maximum output power
Up to 30 dB gain
0.5 dB gain resolution
Typical noise figure <5 dB
Both fixed and programmable
gain channels
Key Attenuator Features
Up to 60 dB total attenuation
0.5 dB attenuation resolution
1.2:1 typical voltage standing
wave ratio (VSWR)
Both fixed and programmable
attenuator channels
Operating System
Windows 7/XP/2000/NT
Recommended Software
LabVIEW
LabWindows
/CVI
C/C++/.NET
Driver Software (included)
NI-5690
Overview
National Instruments PXI RF signal conditioning modules include low-noise/
high-gain amplifiers and programmable attenuators. You can use these 3U PXI
modules to optimize the dynamic range of PXI RF vector signal generators and
analyzers. The NI PXI-5690 is a 100 kHz to 3 GHz, two-channel programmable
amplifier and attenuator; the NI PXI-5691 is a 50 MHz to 8 GHz, two-channel
programmable amplifier; and the NI PXI-5695 is a 50 MHz to 8 GHz, two-channel
programmable attenuator.
RF Signal Conditioning Applications
You can use PXI programmable amplifiers with both RF signal generators and
RF signal analyzers. When combined with RF vector signal generators, PXI RF
amplifiers enable high-power signal generation. For example, the PXI-5691 offers
up to 28 dB of gain and a 1 dB compression point of +21 dBm. Using this module,
you can extend the upper power range of your vector signal generator.
When used with RF vector signal analyzers, the same programmable
amplifiers can improve the noise floor of the measurement system. For example,
with a typical noise figure of 5 dB at 2.5 GHz, the PXI-5691 programmable
amplifier can be combined with the NI PXI-5663 RF vector signal analyzer to
measure signals down to -163 dBm/Hz.
With PXI programmable attenuators, you can improve the power accuracy of
your RF signal generator in lower power ranges. With an external attenuator,
you generate RF signals in the most accurate range of the signal generator and
attenuate the signal to the desired output power.
PXI RF Amplifiers
PXI-5690 (2.5 GHz)
PXI-5691 (2.5 GHz)
PXI-5691 (6.6 GHz)
CH0 Gain
31 dB
28 dB
27 dB
CH0 Noise Figure
5.5 dB
5 dB
4 dB
CH0 P1dB
+18 dBm
+21 dBm
+21 dBm
CH0 IP3 (TOI)
+23 dBm
+33 dBm
+33 dBm
CH0 Max Output Power
+20 dBm
+25 dBm
+25 dBm
CH1 Max Gain
16 dB
28 dB
21 dB
CH1 Noise Figure
8 dB
5 dB
5 dB
CH1 P1dB
+16 dBm
+21 dBm
+21 dBm
CH1 IP3 (TOI)
+15 dBm
+33 dBm
+33 dBm
CH1 Max Output Power
+20 dBm
+25 dBm
+25 dBm
Note: All values are typical results at either 2.5 or 6.6 GHz.
Table 1. PXI RF Programmable Amplifiers Comparison
PXI-5690 RF Programmable
Amplifier/Attenuator
The PXI-5690 is a 100 kHz to 3 GHz, two-channel programmable amplifier and
attenuator with one fixed gain path and one programmable gain/attenuation
path. The combined paths offer up to 37 dB of total signal gain at 2.5 GHz when
signal paths are cascaded.


Similar Part No. - NIPXI-5690

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPXI-5661 NI-NIPXI-5661 Datasheet
194Kb / 5P
   2.7 GHz RF Vector Signal Analyzer with Digital Downconversion
NIPXI-5670 NI-NIPXI-5670 Datasheet
562Kb / 5P
   250 kHz to 2.7 GHz/8, 32 or 256 MB memory
NIPXI-5671 NI-NIPXI-5671 Datasheet
531Kb / 5P
   250 kHz to 2.7 GHz/16-bit resolution, 100 MS/s arbitrary waveform generation
More results

Similar Description - NIPXI-5690

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-1050 NI-PXI-1050 Datasheet
334Kb / 5P
   PXI Chassis with Integrated Signal Conditioning
logo
Analog Devices
AD7711 AD-AD7711_17 Datasheet
354Kb / 29P
   Signal Conditioning ADC
AD7714 AD-AD7714_17 Datasheet
349Kb / 41P
   Signal Conditioning ADC
logo
MORNSUN Science& Techno...
T797HL MORNSUN-T797HL_15 Datasheet
1Mb / 6P
   Signal conditioning module
logo
Analog Devices
AD7712 AD-AD7712_15 Datasheet
258Kb / 28P
   Signal Conditioning ADC
REV. F
logo
Honeywell Solid State E...
DC005NDC4 HONEYWELL-DC005NDC4 Datasheet
129Kb / 4P
   Signal Conditioning: Amplified
logo
Analog Devices
AD7710AR-REEL7 AD-AD7710AR-REEL7 Datasheet
265Kb / 32P
   Signal Conditioning ADC
REV. G
AD7714 AD-AD7714_15 Datasheet
298Kb / 40P
   Signal Conditioning ADC
REV. C
AD7710 AD-AD7710_15 Datasheet
265Kb / 32P
   Signal Conditioning ADC
REV. G
logo
MORNSUN Science& Techno...
TF5134N MORNSUN-TF5134N_15 Datasheet
306Kb / 5P
   Signal conditioning modules
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com