Electronic Components Datasheet Search |
|
MZ55B130 Datasheet(PDF) 2 Page - EIC discrete Semiconductors |
|
MZ55B130 Datasheet(HTML) 2 Page - EIC discrete Semiconductors |
2 / 2 page ELECTRICAL CHARACTERISTICS(Rating at 25 °C ambient temperature unless otherwise specified) Zener Voltage Maximum Zener Temp. coefficient Admissible Type VZ @ IZT Impedance of Zener Voltage Zener Number Nom 1) Min2) Max2) IZT ZZT @ IZT ZZk @ IZK IZK IR at VR TKVZ Current (2) (V) (V) (V) (mA) ( Ω)(Ω) (mA) (μA) (V) (% / K) IZM (mA) MZ55B3V0 3.0 2.94 3.06 5.0 85 600 1.0 4.0 1.0 -0.08...-0.05 125 MZ55B3V3 3.3 3.23 3.37 5.0 85 600 1.0 2.0 1.0 -0.08...-0.05 115 MZ55B3V6 3.6 3.53 3.67 5.0 85 600 1.0 2.0 1.0 -0.08...-0.05 105 MZ55B3V9 3.9 3.82 3.98 5.0 85 600 1.0 2.0 1.0 -0.08...-0.05 95 MZ55B4V3 4.3 4.21 4.39 5.0 75 600 1.0 1.0 1.0 -0.06...-0.03 90 MZ55B4V7 4.7 4.61 4.8 5.0 60 600 1.0 1.0 1.0 -0.05...+0.02 85 MZ55B5V1 5.1 5.00 5.2 5.0 35 550 1.0 1.0 1.0 -0.02...+0.02 80 MZ55B5V6 5.6 5.49 5.7 5.0 25 450 1.0 1.0 1.0 -0.05...+0.05 70 MZ55B6V2 6.2 6.08 6.32 5.0 10 200 1.0 1.0 2.0 0.03...0.06 64 MZ55B6V8 6.8 6.66 6.94 5.0 8 150 1.0 1.0 3.0 0.03...0.07 58 MZ55B7V5 7.5 7.35 7.65 5.0 7 50 1.0 1.0 5.0 0.03...0.07 53 MZ55B8V2 8.2 8.04 8.36 5.0 7 50 1.0 1.0 6.2 0.03...0.08 47 MZ55B9V1 9.1 8.92 9.28 5.0 10 50 1.0 1.0 6.8 0.03...0.09 43 MZ55B10 10 9.80 10.2 5.0 15 70 1.0 1.0 7.5 0.03...0.10 40 MZ55B11 11 10.8 11.2 5.0 20 70 1.0 1.0 8.2 0.03...0.11 36 MZ55B12 12 11.8 12.2 5.0 20 90 1.0 1.0 9.1 0.03...0.11 32 MZ55B13 13 12.7 13.3 5.0 26 110 1.0 1.0 10.0 0.03...0.11 29 MZ55B14 14 13.7 14.3 5.0 28 110 1.0 1.0 10.5 0.03...0.11 28 MZ55B15 15 14.7 15.3 5.0 30 110 1.0 1.0 11 0.03...0.11 27 MZ55B16 16 15.7 16.3 5.0 40 170 1.0 1.0 12 0.03...0.11 24 MZ55B18 18 17.6 18.4 5.0 50 170 1.0 1.0 13 0.03...0.11 21 MZ55B20 20 19.6 20.4 5.0 55 220 1.0 1.0 15 0.03...0.11 20 MZ55B22 22 21.6 22.4 5.0 55 220 1.0 1.0 16 0.04...0.12 18 MZ55B24 24 23.5 24.5 5.0 80 220 1.0 1.0 18 0.04...0.12 16 MZ55B27 27 26.5 27.5 5.0 80 220 1.0 1.0 20 0.04...0.12 14 MZ55B30 30 29.4 30.6 5.0 80 220 1.0 1.0 22 0.04...0.12 13 MZ55B33 33 32.3 33.7 5.0 80 220 1.0 1.0 24 0.04...0.12 12 MZ55B36 36 35.3 36.7 5.0 80 220 1.0 1.0 27 0.04...0.12 11 MZ55B39 39 38.2 39.8 2.5 90 500 0.5 1.0 30 0.04...0.12 10 MZ55B43 43 42.1 43.9 2.5 90 500 0.5 1.0 33 0.04...0.12 9.2 MZ55B47 47 46.1 47.9 2.5 110 600 0.5 1.0 36 0.04...0.12 8.5 MZ55B51 51 50.0 52 2.5 125 700 0.5 1.0 39 0.04...0.12 7.8 MZ55B56 56 54.9 57.1 2.5 135 700 0.5 1.0 43 0.04...0.12 7.0 MZ55B62 62 60.8 63.2 2.5 150 1000 0.5 1.0 47 0.04...0.12 6.4 MZ55B68 68 66.6 69.4 2.5 200 1000 0.5 1.0 51 0.04...0.12 5.9 MZ55B75 75 73.5 76.5 2.5 250 1000 0.5 1.0 56 0.04...0.12 5.3 MZ55B82 82 80.4 83.6 2.5 300 1500 0.5 1.0 62 0.05...0.12 4.8 MZ55B91 91 89.2 92.8 1.0 450 2000 0.1 1.0 68 0.05...0.12 4.4 MZ55B100 100 98.0 102.0 1.0 450 5000 0.1 1.0 75 0.05...0.12 4.0 MZ55B110 110 107.8 112.2 1.0 600 5000 0.1 1.0 82 0.05...0.12 3.6 MZ55B120 120 117.6 122.4 1.0 800 5500 0.1 1.0 91 0.05...0.12 3.3 MZ55B130 130 127.4 132.6 1.0 950 6000 0.1 1.0 100 0.05...0.12 3.1 MZ55B150 150 147.0 153.0 1.0 1250 6500 0.1 1.0 110 0.05...0.12 3.7 MZ55B160 160 156.8 163.2 1.0 1400 7000 0.1 1.0 120 0.05...0.12 2.5 MZ55B180 180 176.4 183.6 1.0 1700 8500 0.1 1.0 130 0.05...0.12 2.2 MZ55C190 190 186.2 193.8 1.0 1850 9500 0.1 1.0 140 0.05...0.12 2.1 MZ55B200 200 196.0 204.0 1.0 2000 10000 0.1 1.0 150 0.05...0.12 2.0 Notes: (1) Tested with pulses tp = 20 ms (2) Valid Provided that leads are kept at ambient temperature at a distance of 8 mm from case (3) For ± 5% tolerance altered the fifth letter of type from "B" to be "C" (4) at Iz = 2.5 mA Page 2 of 2 Rev. 01 : December 7, 2007 Max. Reverse Leakage Current Certificate TH97/10561QM Certificate TW00/17276EM |
Similar Part No. - MZ55B130 |
|
Similar Description - MZ55B130 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |