Electronic Components Datasheet Search |
|
M40Z300W Datasheet(PDF) 11 Page - STMicroelectronics |
|
M40Z300W Datasheet(HTML) 11 Page - STMicroelectronics |
11 / 25 page M40Z300, M40Z300W Operation Doc ID 5679 Rev 5 11/25 The data retention current value of the SRAMs can then be added to the IBAT value of the M40Z300/W to determine the total current requirements for data retention. The available battery capacity for the SNAPHAT® of your choice can then be divided by this current to determine the amount of data retention available (see Table 13 on page 23). Caution: Take care to avoid inadvertent discharge through VOUT and E1CON - E4CON after battery has been attached. For a further more detailed review of lifetime calculations, please see application note AN1012. 2.3 Power-on reset output All microprocessors have a reset input which forces them to a known state when starting. The M40Z300/W has a reset output (RST) pin which is guaranteed to be low within tWPT of VPFD (see Table 7). This signal is an open drain configuration. An appropriate pull-up resistor should be chosen to control the rise time. This signal will be valid for all voltage conditions, even when VCC equals VSS. Once VCC exceeds the power failure detect voltage VPFD, an internal timer keeps RST low for tREC to allow the power supply to stabilize. 2.4 Battery low pin The M40Z300/W automatically performs battery voltage monitoring upon power-up, and at factory-programmed time intervals of at least 24 hours. The battery low (BL) pin will be asserted if the battery voltage is found to be less than approximately 2.5 V. The BL pin will remain asserted until completion of battery replacement and subsequent battery low monitoring tests, either during the next power-up sequence or the next scheduled 24-hour interval. If a battery low is generated during a power-up sequence, this indicates that the battery is below 2.5 V and may not be able to maintain data integrity in the SRAM. Data should be considered suspect, and verified as correct. A fresh battery should be installed. If a battery low indication is generated during the 24-hour interval check, this indicates that the battery is near end of life. However, data is not compromised due to the fact that a nominal VCC is supplied. In order to insure data integrity during subsequent periods of battery backup mode, the battery should be replaced. The SNAPHAT® top should be replaced with valid VCC applied to the device. The M40Z300/W only monitors the battery when a nominal VCC is applied to the device. Thus appli-cations which require extensive durations in the battery backup mode should be powered-up periodically (at least once every few months) in order for this technique to be beneficial. Additionally, if a battery low is indicated, data integrity should be verified upon power-up via a checksum or other technique. The BL pin is an open drain output and an appropriate pull-up resistor to VCC should be chosen to control the rise time. |
Similar Part No. - M40Z300W |
|
Similar Description - M40Z300W |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |