Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M40Z300MH6E Datasheet(PDF) 6 Page - STMicroelectronics

Part # M40Z300MH6E
Description  5 V or 3 V NVRAM supervisor for up to 8 LPSRAMs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M40Z300MH6E Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M40Z300MH6E Datasheet HTML 2Page - STMicroelectronics M40Z300MH6E Datasheet HTML 3Page - STMicroelectronics M40Z300MH6E Datasheet HTML 4Page - STMicroelectronics M40Z300MH6E Datasheet HTML 5Page - STMicroelectronics M40Z300MH6E Datasheet HTML 6Page - STMicroelectronics M40Z300MH6E Datasheet HTML 7Page - STMicroelectronics M40Z300MH6E Datasheet HTML 8Page - STMicroelectronics M40Z300MH6E Datasheet HTML 9Page - STMicroelectronics M40Z300MH6E Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Description
M40Z300, M40Z300W
6/25
Doc ID 5679 Rev 5
Figure 1.
Logic diagram
1.
For 16-pin SOIC package only.
Table 1.
Signal names
THS
Threshold select input
E
Chip enable input
E1CON - E4CON
Conditioned chip enable output
A, B
Decoder inputs
RST
Reset output (open drain)
BL
Battery low output (open drain)
VOUT
Supply voltage output
VCC
Supply voltage
VSS
Ground
B +
Positive battery pin
B –
Negative battery pin(1)
1.
For M40Z300W, B– must be connected to the negative battery terminal only (not to pin 8, VSS).
NC
Not connected internally
AI02242
THS
VCC
M40Z300
M40Z300W
BL
VSS
E
VOUT
B
A
E1CON
E2CON
E3CON
E4CON
RST
B +
(1)
B –
(1)


Similar Part No. - M40Z300MH6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M40Z300MH6E STMICROELECTRONICS-M40Z300MH6E Datasheet
221Kb / 25P
   5V or 3V NVRAM supervisor for up to 8 LPSRAMs
More results

Similar Description - M40Z300MH6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M40Z300 STMICROELECTRONICS-M40Z300_05 Datasheet
348Kb / 21P
   5V or 3V NVRAM Supervisor for Up to 8 LPSRAMs
M40Z300 STMICROELECTRONICS-M40Z300_07 Datasheet
221Kb / 25P
   5V or 3V NVRAM supervisor for up to 8 LPSRAMs
M40Z300AV STMICROELECTRONICS-M40Z300AV Datasheet
272Kb / 20P
   3V NVRAM Supervisor for Up to 8 LPSRAMs
M40Z111 STMICROELECTRONICS-M40Z111_07 Datasheet
180Kb / 21P
   5V or 3V NVRAM supervisor for up to two LPSRAMs
M40Z111 STMICROELECTRONICS-M40Z111 Datasheet
107Kb / 15P
   5V OR 3V NVRAM SUPERVISOR FOR UP TO TWO LPSRAMs
M40SZ100Y STMICROELECTRONICS-M40SZ100Y_10 Datasheet
442Kb / 24P
   5 V or 3 V NVRAM supervisor for LPSRAM
M40SZ100Y STMICROELECTRONICS-M40SZ100Y Datasheet
285Kb / 19P
   5V or 3V NVRAM SUPERVISOR FOR LPSRAM
M40SZ100Y STMICROELECTRONICS-M40SZ100Y_07 Datasheet
230Kb / 25P
   5V or 3V NVRAM supervisor for LPSRAM
STM705 STMICROELECTRONICS-STM705_10 Datasheet
838Kb / 32P
   5 V supervisor
logo
Alliance Semiconductor ...
ASM706 ALSC-ASM706 Datasheet
274Kb / 16P
   3/3.3/4.0 V uP Supervisor Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com