Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2616 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SK2616
Description  Ultrahigh-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK2616 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SK2616 Datasheet HTML 1Page - Sanyo Semicon Device 2SK2616 Datasheet HTML 2Page - Sanyo Semicon Device 2SK2616 Datasheet HTML 3Page - Sanyo Semicon Device 2SK2616 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
N-Channel Silicon MOSFET
Ultrahigh-Speed Switching Applications
Ordering number:ENN5620B
2SK2616
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
O1899TS (KOTO) TA-0835 No.5620–1/4
6.5
2.3
0.5
5.0
0.85
0.5
1.2
0 to 0.2
2.3
2.3
0.6
12
4
3
Package Dimensions
unit:mm
2083B
[2SK2616]
Features
· Low ON-resistance.
· Low Qg.
1 : Gate
2 : Drain
3 : Source
4 : Drain
SANYO : TP
unit:mm
2092B
[2SK2616]
1 : Gate
2 : Drain
3 : Source
4 : Drain
SANYO : TP-FA
2.3
2.3
5.0
6.5
0.85
0.7
0.6
0.5
1.2
2.3
0.5
1
23
4


Similar Part No. - 2SK2616

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK2616 ISC-2SK2616 Datasheet
378Kb / 2P
   isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
2SK2616-TL-E VBSEMI-2SK2616-TL-E Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results

Similar Description - 2SK2616

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3304 SANYO-CPH3304 Datasheet
132Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3308 SANYO-CPH3308 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3407 SANYO-CPH3407 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
FW214 SANYO-FW214 Datasheet
46Kb / 3P
   Ultrahigh-Speed Switching Applications
FW313 SANYO-FW313 Datasheet
61Kb / 6P
   Ultrahigh-Speed Switching Applications
2SK2631 SANYO-2SK2631 Datasheet
30Kb / 5P
   Ultrahigh-Speed Switching Applications
2SK1459 SANYO-2SK1459 Datasheet
100Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ339 SANYO-2SJ339 Datasheet
40Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ417 SANYO-2SJ417 Datasheet
89Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ459 SANYO-2SJ459 Datasheet
32Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ485 SANYO-2SJ485 Datasheet
43Kb / 4P
   Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com