Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM3Z5V1B Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # MM3Z5V1B
Description  ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

MM3Z5V1B Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  MM3Z5V1B Datasheet HTML 1Page - EIC discrete Semiconductors MM3Z5V1B Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Test
Dynamic
Test
Temp. coefficient
Current
Impedance
(2)
Current
of Zener Voltage
IZT
ZZ @ IZ
IZ
Min.
Nom.
Max.
(mA)
(
Ω)
(mA)
(
μA)
(V)
Min.
Max.
MM3Z2V0B
B0
1.80
2.0
2.15
5
100
5
120
0.5
-0.09
-0.06
MM3Z2V2B
MF
2.08
2.2
2.33
5
100
5
120
0.7
-0.09
-0.06
MM3Z2V4B
7C
2.30
2.4
2.65
5
100
5
120
1.0
-0.09
-0.06
MM3Z2V7B
7D
2.65
2.7
2.95
5
110
5
120
1.0
-0.09
-0.06
MM3Z3V0B
7E
2.95
3.0
3.25
5
120
5
50
1.0
-0.08
-0.05
MM3Z3V3B
7F
3.25
3.3
3.55
5
120
5
20
1.0
-0.08
-0.05
MM3Z3V6B
7H
3.60
3.6
3.845
5
100
5
10
1.0
-0.08
-0.05
MM3Z3V9B
7J
3.89
3.9
4.16
5
100
5
5
1.0
-0.08
-0.05
MM3Z4V3B
7K
4.17
4.3
4.43
5
100
5
5
1.0
-0.06
-0.03
MM3Z4V7B
7M
4.55
4.7
4.75
5
100
5
2
1.0
-0.05
+0.02
MM3Z5V1B
7N
4.98
5.1
5.20
5
80
5
2
1.5
-0.02
+0.02
MM3Z5V6B
7P
5.49
5.6
5.73
5
60
5
1
2.5
-0.05
+0.05
MM3Z6V2B
7R
6.06
6.2
6.33
5
60
5
1
3.0
0.03
0.06
MM3Z6V8B
7X
6.65
6.8
6.93
5
40
5
0.5
3.5
0.03
0.07
MM3Z7V5B
7Y
7.28
7.5
7.60
5
30
5
0.5
4.0
0.03
0.07
MM3Z8V2B
7Z
8.02
8.2
8.36
5
30
5
0.5
5.0
0.03
0.08
MM3Z9V1B
8A
8.85
9.1
9.23
5
30
5
0.5
6.0
0.03
0.09
MM3Z10B
8B
9.77
10
10.21
5
30
5
0.1
7.0
0.03
0.10
MM3Z11B
8C
10.76
11
11.22
5
30
5
0.1
8.0
0.03
0.11
MM3Z12B
8D
11.74
12
12.24
5
30
5
0.1
9.0
0.03
0.11
MM3Z13B
8E
12.91
13
13.49
5
37
5
0.1
10
0.03
0.11
MM3Z15B
8F
14.34
15
14.98
5
42
5
0.1
11
0.03
0.11
MM3Z16B
8H
15.85
16
16.51
5
50
5
0.1
12
0.03
0.11
MM3Z18B
8J
17.56
18
18.35
5
65
5
0.1
13
0.03
0.11
MM3Z20B
8K
19.52
20
20.39
5
85
5
0.1
15
0.03
0.11
MM3Z22B
8M
21.54
22
22.47
5
100
5
0.1
17
0.04
0.12
MM3Z24B
8N
23.72
24
24.78
5
120
5
0.1
19
0.04
0.12
MM3Z27B
8P
26.19
27
27.53
5
150
2
0.1
21
0.04
0.12
MM3Z30B
8R
29.19
30
30.69
5
200
2
0.1
23
0.04
0.12
MM3Z33B
8X
32.15
33
33.79
5
250
2
0.1
25
0.04
0.12
MM3Z36B
8Y
35.07
36
36.87
5
300
2
0.1
27
0.04
0.12
MM3Z39B
8Z
37.00
39
41.00
5
100
2
2.0
30
0.04
0.12
Notes :
(1) VZ is tested with pulses (20 ms).
(2) ZZ is measured at IZ by given a very small A.C. current signal.
Page 2 of 2
Rev. 00 : March 7, 2007
TKVZ (%/K)
Type No.
IR
@
V R
VZ @ IZT
(V)
Zener Voltage
(1)
Marking
Reverse
Leakage Current
Certificate : TH97/10561QM
Certificate : TW00/17276EM


Similar Part No. - MM3Z5V1B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM3Z5V1B FAIRCHILD-MM3Z5V1B Datasheet
490Kb / 6P
   Zener Diodes
logo
Shenzhen Jin Yu Semicon...
MM3Z5V1B HTSEMI-MM3Z5V1B Datasheet
675Kb / 4P
   Silicon Planar Zener Diodes
logo
Yea Shin Technology Co....
MM3Z5V1B YEASHIN-MM3Z5V1B Datasheet
1Mb / 4P
   200mW SOD-323 SURFACE MOUNT
logo
EIC discrete Semiconduc...
MM3Z5V1B EIC-MM3Z5V1B Datasheet
119Kb / 2P
   ZENER DIODES
logo
SUNMATE electronic Co.,...
MM3Z5V1B SUNMATE-MM3Z5V1B Datasheet
667Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - MM3Z5V1B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com