Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MZ85C43 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # MZ85C43
Description  SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

MZ85C43 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  MZ85C43 Datasheet HTML 1Page - EIC discrete Semiconductors MZ85C43 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS (Rating at 25 °C ambient temperature unless otherwise specified)
Nominal Zener
Maximum Zener
Maximum Reverse
Maximum DC
Voltage
Impedance
Leakage Current
Zener Current
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
(V)
(mA)
(Ω)(Ω)
(mA)
(
µA)
(V)
(mA)
MZ85C3V0
3.0
80
20
400
1.0
100
1.0
340
MZ85C3V3
3.3
80
20
400
1.0
40
1.0
320
MZ85C3V6
3.6
70
20
500
1.0
20
1.0
290
MZ85C3V9
3.9
60
15
500
1.0
10
1.0
280
MZ85C4V3
4.3
50
13
500
1.0
3.0
1.0
250
MZ85C4V7
4.7
45
13
500
1.0
3.0
1.0
215
MZ85C5V1
5.1
45
10
500
1.0
1.0
1.5
200
MZ85C5V6
5.6
45
7.0
400
1.0
1.0
2.0
190
MZ85C6V2
6.2
35
4.0
300
1.0
1.0
3.0
170
MZ85C6V8
6.8
35
3.5
300
1.0
50
4.0
155
MZ85C7V5
7.5
35
3.0
200
0.5
50
4.5
140
MZ85C8V2
8.2
25
5.0
200
0.5
50
6.2
130
MZ85C9V1
9.1
25
5.0
200
0.5
50
6.8
120
MZ85C10
10
25
7.0
200
0.5
50
7.5
105
MZ85C11
11
20
8.0
300
0.5
50
8.2
97
MZ85C12
12
20
9.0
350
0.5
0.5
9.1
88
MZ85C13
13
20
10
400
0.5
0.5
10
79
MZ85C15
15
15
15
500
0.5
0.5
11
71
MZ85C16
16
15
15
500
0.5
0.5
12
66
MZ85C18
18
15
20
500
0.5
0.5
13
62
MZ85C19
19
15
20
550
0.5
0.5
14
58
MZ85C20
20
10
24
600
0.5
0.5
15
56
MZ85C22
22
10
25
600
0.5
0.5
16
52
MZ85C24
24
10
25
600
0.5
0.5
18
47
MZ85C27
27
8.0
30
750
0.25
0.5
20
41
MZ85C30
30
8.0
30
1000
0.25
0.5
22
36
MZ85C33
33
8.0
35
1000
0.25
0.5
24
33
MZ85C36
36
8.0
40
1000
0.25
0.5
27
30
MZ85C39
39
6.0
50
1000
0.25
0.5
30
28
MZ85C43
43
6.0
50
1000
0.25
0.5
33
26
MZ85C47
47
4.0
90
1500
0.25
0.5
36
23
MZ85C51
51
4.0
115
1500
0.25
0.5
39
21
MZ85C56
56
4.0
120
2000
0.25
0.5
43
19
MZ85C62
62
4.0
125
2000
0.25
0.5
47
16
MZ85C68
68
4.0
130
2000
0.25
0.5
51
15
MZ85C75
75
4.0
135
2000
0.25
0.5
56
14
MZ85C82
82
2.7
200
3000
0.25
0.5
62
12
MZ85C91
91
2.7
250
3000
0.25
0.5
68
10
MZ85C100
100
2.7
350
3000
0.25
0.5
75
9.4
MZ85C110
110
2.7
450
4000
0.25
0.5
82
8.6
MZ85C120
120
2.0
550
4500
0.25
0.5
91
7.8
MZ85C130
130
2.0
700
5000
0.25
0.5
100
7.0
MZ85C150
150
2.0
1000
6000
0.25
0.5
110
6.4
MZ85C160
160
1.5
1100
6500
0.25
0.5
120
5.8
MZ85C180
180
1.5
1200
7000
0.25
0.5
130
5.2
MZ85C200
200
1.5
1900
9990
0.25
0.5
150
4.7
Note :
(1) The type number listed have a standard tolerance on the nominal zener voltage
± 5.0%.
Page 2 of 2
Rev. 00 : July 4, 2007
TYPE
Certificate : TH97/10561QM
Certificate : TW00/17276EM


Similar Part No. - MZ85C43

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
MZ85C43 SUNMATE-MZ85C43 Datasheet
278Kb / 2P
   1.3 Watts Axial Leaded Zener Diodes
MZ85C43 SUNMATE-MZ85C43 Datasheet
433Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
More results

Similar Description - MZ85C43

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com