Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95040-W Datasheet(PDF) 6 Page - STMicroelectronics

Part # M95040-W
Description  4 Kbit, 2 Kbit and 1 Kbit serial SPI bus EEPROM with high-speed clock
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95040-W Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M95040-W Datasheet HTML 2Page - STMicroelectronics M95040-W Datasheet HTML 3Page - STMicroelectronics M95040-W Datasheet HTML 4Page - STMicroelectronics M95040-W Datasheet HTML 5Page - STMicroelectronics M95040-W Datasheet HTML 6Page - STMicroelectronics M95040-W Datasheet HTML 7Page - STMicroelectronics M95040-W Datasheet HTML 8Page - STMicroelectronics M95040-W Datasheet HTML 9Page - STMicroelectronics M95040-W Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
Description
M95040, M95020, M95010
6/43
Doc ID 6512 Rev 8
1
Description
The M95040 is a 4 Kbit (512 x 8) electrically erasable programmable memory (EEPROM),
accessed by a high speed SPI-compatible bus. The other members of the family (M95020
and M95010) are identical, though proportionally smaller (2 and 1 Kbit, respectively).
Each device is accessed by a simple serial interface that is SPI-compatible. The bus signals
are C, D and Q, as shown in Table 2 and Figure 1.
The device is selected when Chip Select (S) is taken low. Communications with the device
can be interrupted using Hold (HOLD). WRITE instructions are disabled by Write Protect
(W).
Figure 1.
Logic diagram
Figure 2.
8-pin package connections
1.
See Section 10: Package mechanical data for package dimensions, and how to identify pin-1.
AI01789C
S
VCC
M95xxx
HOLD
VSS
W
Q
C
D
D
VSS
C
HOLD
Q
SVCC
W
AI01790D
M95xxx
1
2
3
4
8
7
6
5


Similar Part No. - M95040-W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95040-W STMICROELECTRONICS-M95040-W Datasheet
335Kb / 42P
   4 Kbit, 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock
M95040-W STMICROELECTRONICS-M95040-W Datasheet
373Kb / 42P
   4 Kbit, 2 Kbit and 1 Kbit serial SPI bus EEPROM with high-speed clock
M95040-W STMICROELECTRONICS-M95040-W Datasheet
823Kb / 46P
   Compatible with SPI bus serial interface
August 2014 Rev 13
M95040-WBN3 STMICROELECTRONICS-M95040-WBN3 Datasheet
586Kb / 37P
   4Kbit, 2Kbit and 1Kbit Serial SPI Bus EEPROM With High Speed Clock
M95040-WBN3/W STMICROELECTRONICS-M95040-WBN3/W Datasheet
586Kb / 37P
   4Kbit, 2Kbit and 1Kbit Serial SPI Bus EEPROM With High Speed Clock
More results

Similar Description - M95040-W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95040 STMICROELECTRONICS-M95040_08 Datasheet
373Kb / 42P
   4 Kbit, 2 Kbit and 1 Kbit serial SPI bus EEPROM with high-speed clock
M95040 STMICROELECTRONICS-M95040_06 Datasheet
335Kb / 42P
   4 Kbit, 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock
M95160 STMICROELECTRONICS-M95160_08 Datasheet
394Kb / 45P
   16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
M95160-X STMICROELECTRONICS-M95160-X Datasheet
436Kb / 50P
   16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
M95160 STMICROELECTRONICS-M95160 Datasheet
405Kb / 45P
   16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
M24C08-X STMICROELECTRONICS-M24C08-X Datasheet
370Kb / 37P
   8-Kbit, 4-Kbit, 2-Kbit, and 1-Kbit serial I짼C bus EEPROM
M24C16-WMN6P STMICROELECTRONICS-M24C16-WMN6P Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C04-BN6 STMICROELECTRONICS-M24C04-BN6 Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C04-WMN6 STMICROELECTRONICS-M24C04-WMN6 Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C04-WMN6P STMICROELECTRONICS-M24C04-WMN6P Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com