Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF18G Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # SF18G
Description  GLASS PASSIVATED JUNCTION SUPER FAST RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SF18G Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  SF18G Datasheet HTML 1Page - EIC discrete Semiconductors SF18G Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( SF11G - SF19G )
FIG.1 - REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
+
NOTES : 1. Rise Time = 7 ns max., Input Impedance = 1 megaohm, 22 pF.
2. Rise time = 10 ns max., Source Impedance = 50 ohms.
3. All Resistors = Non-inductive Types.
FIG.2 - DERATING CURVE FOR OUTPUT
FIG.3 - MAXIMUM NON-REPETITIVE PEAK
RECTIFIED CURRENT
FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
1
2
4
6
10
20
40
60 100
AMBIENT TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
FIG.5 - TYPICAL REVERSE CHARACTERISTICS
0
0.8
1.6
2.4
3.2
4.0
4.8
5.6
6.4
7.2
8.0
FORWARD VOLTAGE, VOLTS
Page 2 of 2
Rev. 02 : March 25, 2005
SF15G - SF17G
SF11G- SF14G
60Hz RESISTIVE OR INDUCTIVE LOAD
0.8
0.6
0.4
0.2
1.0
100
10
1.0
24
0
30
0
18
12
6.0
0.1
10
80
0.01
0.01
1.0
0.1
100
140
0
20
40
60
120
PERCENT OF RATED REVERSE
VOLTAGE, (%)
TJ = 25
°C
TJ = 100
°C
TJ = 25
°C
Pulse Width = 300
µs
2% Duty Cycle
8.3 ms SINGLE HALF SINE
Ta = 50
°C
+ 0.5 A
0
- 0.25 A
- 1.0 A
Trr
1 cm
SET TIME BASE FOR 15 ns/cm
50 Vdc
(approx)
D.U.T.
OSCILLOSCOPE
( NOTE 1 )
1
50
10
PULSE
GENERATOR
( NOTE 2 )
SF18G - SF19G


Similar Part No. - SF18G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF18G TSC-SF18G Datasheet
70Kb / 2P
   1.0 AMP. Glass Passivated Super Fast Rectifiers
logo
Jinan Jing Heng Electro...
SF18G JINGHENG-SF18G Datasheet
59Kb / 2P
   SUPER FAST RECTIFIER
logo
Taiwan Semiconductor Co...
SF18G TSC-SF18G Datasheet
261Kb / 2P
   1.0 AMP. Glass Passivated Super Fast Rectifiers
logo
Formosa MS
SF18G FORMOSA-SF18G Datasheet
144Kb / 6P
   Axial Leaded Super Fast Rectifiers
logo
Galaxy Semi-Conductor H...
SF18G BILIN-SF18G Datasheet
137Kb / 2P
   GLASS PASSIVATED RECTIFIERS
More results

Similar Description - SF18G

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
GP30AV SUNMATE-GP30AV Datasheet
300Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER DIODES
GPP30A SUNMATE-GPP30A Datasheet
297Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER DIODES
logo
Leshan Radio Company
SF18G LRC-SF18G_15 Datasheet
241Kb / 7P
   Glass Passivated Junction Super Fast Rectifiers
SF28G LRC-SF28G_15 Datasheet
261Kb / 7P
   Glass Passivated Junction Super Fast Rectifiers
logo
Jinan Jing Heng Electro...
ES1A JINGHENG-ES1A Datasheet
49Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION SUPER FAST RECOVERY RECTIFIER
ES3A JINGHENG-ES3A Datasheet
46Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION SUPER FAST RECOVERY RECTIFIER
E2AS JINGHENG-E2AS Datasheet
61Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION SUPER FAST RECOVERY RECTIFIER
ES2A JINGHENG-ES2A Datasheet
47Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION SUPER FAST RECOVERY RECTIFIER
ES1AF JINGHENG-ES1AF Datasheet
64Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION SUPER FAST RECOVERY RECTIFIER
ES2AF JINGHENG-ES2AF Datasheet
62Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION SUPER FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com