Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAZ33 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # SMAZ33
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SMAZ33 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  SMAZ33 Datasheet HTML 1Page - EIC discrete Semiconductors SMAZ33 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Zener Voltage
(2)
Maximum Zener
Maximum Reverse
Maximum
Type
VZ @ IZT
Impedance
Leakage Current, IR
DC Zener
Number
Nom
Min
Max
IZT
ZZT @ IZT
ZZk @ IZK
IZK
IR
@
V R
Current
(1)
(V)
(V)
(V)
(mA)
(
Ω)(Ω)
(mA)
(
μA)
(V)
IZM (mA)
SMAZ5V1
5.1
4.84
5.40
100
5.0
500
1.0
2.5
1.0
196
SMAZ5V6
5.6
5.32
5.88
100
2.0
250
2.0
5.0
2.0
179
SMAZ6V2
6.2
5.89
6.51
100
2.0
200
2.0
5.0
3.0
161
SMAZ6V8
6.8
6.46
7.14
100
2.0
200
1.0
5.0
4.0
147
SMAZ7V5
7.5
7.13
7.88
100
2.0
450
1.0
5.0
5.0
133
SMAZ8V2
8.2
7.79
8.61
100
2.0
200
1.0
5.0
6.0
122
SMAZ9V1
9.1
8.65
9.56
50
4.0
200
1.0
5.0
7.0
10
SMAZ10
10.0
9.50
10.50
50
4.0
200
1.0
1.0
7.6
100
SMAZ12
12.0
11.40
12.60
50
7.0
150
1.0
1.0
9.1
83
SMAZ15
15.0
14.25
15.75
50
10
150
1.0
1.0
11.4
67
SMAZ16
16.0
15.20
16.80
25
15
150
1.0
0.5
12.2
63
SMAZ18
18.0
17.10
18.90
25
15
150
1.0
0.5
13.7
56
SMAZ20
20.0
19.00
21.00
25
15
180
1.0
0.5
15.2
50
SMAZ22
22.0
20.90
23.10
25
15
180
1.0
0.5
16.7
45
SMAZ24
24.0
22.80
25.20
25
15
180
1.0
0.5
18.2
42
SMAZ27
27.0
25.65
28.35
25
15
200
1.0
0.5
20.5
37
SMAZ30
30.0
28.50
31.50
25
15
250
1.0
0.5
22.8
33
SMAZ33
33.0
31.35
34.65
25
15
300
1.0
0.5
25.1
30
SMAZ36
36.0
34.20
37.80
10
40
350
1.0
0.5
27.4
28
SMAZ39
39.0
37.05
40.95
10
40
450
1.0
0.5
29.6
26
Notes :
(1) P.C.B. Mounted on 1.0" x 0.85" x 0.062" copper areas pads.
(2) Short duration test pulse used to minimize self-heating effect.
(3) "SMA" will be omitted in marking on the diode.
Page 2 of 2
Rev. 05 : September 18, 2008
IATF 0060636
SGS TH07/1033
TW00/17276EM
TH97/10561QM


Similar Part No. - SMAZ33

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMAZ33 DIODES-SMAZ33 Datasheet
60Kb / 3P
   1.0A SURFACE MOUNT ZENER DIODE
DS18015 Rev. 9 - 2
SMAZ33 DIODES-SMAZ33 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ33 DIODES-SMAZ33 Datasheet
369Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Vishay Siliconix
SMAZ33 VISHAY-SMAZ33 Datasheet
171Kb / 3P
   1.0W SURFACE MOUNT ZENER DIODE
Rev.B
logo
Diodes Incorporated
SMAZ33 DIODES-SMAZ33 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
More results

Similar Description - SMAZ33

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com