Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6702PXH Datasheet(PDF) 8 Page - Intel Corporation

Part # 6702PXH
Description  64-bit PCI Hub
Download  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6702PXH Datasheet(HTML) 8 Page - Intel Corporation

Back Button 6702PXH Datasheet HTML 4Page - Intel Corporation 6702PXH Datasheet HTML 5Page - Intel Corporation 6702PXH Datasheet HTML 6Page - Intel Corporation 6702PXH Datasheet HTML 7Page - Intel Corporation 6702PXH Datasheet HTML 8Page - Intel Corporation 6702PXH Datasheet HTML 9Page - Intel Corporation 6702PXH Datasheet HTML 10Page - Intel Corporation 6702PXH Datasheet HTML 11Page - Intel Corporation 6702PXH Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 214 page
background image
8
Intel® 6702PXH 64-bit PCI Hub Specification Update
4-9
Differential Receiver (RX) DC Input Specifications ......................................................... 162
4-10
DC Specifications for PCI and Mode 1 PCI-X 3.3V Signaling......................................... 166
4-11
PCI Hot Plug Slot Power Requirements.......................................................................... 167
4-12
DC Specification for Input Clock Signals......................................................................... 167
4-13
DC Specification for Output Clock Signals ...................................................................... 167
4-14
Conventional PCI 3.3V AC Characteristics ..................................................................... 168
4-15
PCI-X 3.3V AC Characteristics ....................................................................................... 169
4-16
Differential Transmitter (TX) Output Specifications ......................................................... 170
4-17
Differential Receiver (RX) Input Specifications ............................................................... 171
4-18
Conventional PCI Interface Timing ................................................................................. 172
4-19
PCI-X Mode 1 General Timing Parameters .................................................................... 174
4-20
PCI and PCI-X Clock Timings ......................................................................................... 177
6-1
Intel® 6700PXH 64-bit PCI Hub Signal List (Sorted by Signal Name)............................ 183
6-2
Intel® 6702PXH 64-bit PCI Hub Signal List (Sorted by Signal Name)............................ 198
6-3
Intel® 6700PXH/6702PXH 64-bit PCI Hub Signal List (Sorted by Pin Number) ............. 214
8-1
TAP Controller Pins......................................................................................................... 235
8-2
TAP Instructions Supported By the Intel® 6700PXH 64-bit PCI Hub.............................. 235


Similar Part No. - 6702PXH

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
6702 FILTRONIC-6702 Datasheet
148Kb / 3P
   PHASE SHIFTER DC TO 2, 4 AND 8 GHZ, COAXIAL HIGH POWER
logo
API Technologies Corp
6702 APITECH-6702 Datasheet
175Kb / 3P
   DC TO 2, 4 AND 8 GHz, COAXIAL HIGH POWER
logo
List of Unclassifed Man...
6702-AAAA-0000 ETC2-6702-AAAA-0000 Datasheet
848Kb / 20P
   Pressure & Vacuum Switches
6702-AAAB-0000 ETC2-6702-AAAB-0000 Datasheet
848Kb / 20P
   Pressure & Vacuum Switches
6702-AABA-0000 ETC2-6702-AABA-0000 Datasheet
848Kb / 20P
   Pressure & Vacuum Switches
More results

Similar Description - 6702PXH

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
6700PXH INTEL-6700PXH Datasheet
2Mb / 194P
   64-bit PCI Hub
logo
Pericom Semiconductor C...
PI7C8154B PERICOM-PI7C8154B Datasheet
117Kb / 3P
   2 PORT 64 BIT 66MHZ PCI TO PCI BRIDGE
logo
List of Unclassifed Man...
CPCI-6615 ETC2-CPCI-6615 Datasheet
498Kb / 2P
   PCI-X 64-bit/133MHz PMC slot
logo
PLX Technology
PCI6466 PLX-PCI6466 Datasheet
180Kb / 1P
   Dual-Mode (Transparent & Non-Transparent) Universal FastLane??64-bit, 66MHz PCI-to-PCI Bridge
logo
Advantech Co., Ltd.
SYS-1U1000-3S01 ADVANTECH-SYS-1U1000-3S01 Datasheet
496Kb / 2P
   1U Rackmount Pentium짰 M System with Two 64-bit PCI Slots
PCI-1747U ADVANTECH-PCI-1747U_15 Datasheet
198Kb / 1P
   250 kS/s, 16-bit, 64-ch Analog Input Universal PCI Card
logo
Agilent(Hewlett-Packard...
HHBA-5101 HP-HHBA-5101 Datasheet
103Kb / 3P
   Agilent HHBA-5101 64-bit Tachyon TL PCI-to-Fibre Channel Adapter
logo
Advantech Co., Ltd.
PCI-1747U ADVANTECH-PCI-1747U Datasheet
557Kb / 1P
   250 kS/s, 16-bit, 64-ch Analog Input Universal PCI Card
logo
Texas Instruments
TNETA1570 TI1-TNETA1570 Datasheet
898Kb / 68P
[Old version datasheet]   ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
logo
PLX Technology
PCI6350 PLX-PCI6350 Datasheet
883Kb / 2P
   Asynchronous 32-bit PCI-to-PCI Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com