Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L78S24C Datasheet(PDF) 7 Page - STMicroelectronics

Part # L78S24C
Description  2 A positive voltage regulators
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78S24C Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L78S24C Datasheet HTML 3Page - STMicroelectronics L78S24C Datasheet HTML 4Page - STMicroelectronics L78S24C Datasheet HTML 5Page - STMicroelectronics L78S24C Datasheet HTML 6Page - STMicroelectronics L78S24C Datasheet HTML 7Page - STMicroelectronics L78S24C Datasheet HTML 8Page - STMicroelectronics L78S24C Datasheet HTML 9Page - STMicroelectronics L78S24C Datasheet HTML 10Page - STMicroelectronics L78S24C Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
L78Sxx, L78SxxC
Maximum ratings
Doc ID 2148 Rev 4
7/39
3
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these condition is not implied.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI
DC input voltage
for VO= 5 to 18V
35
V
for VO= 24V
40
IO
Output current
Internally limited
PD
Power dissipation
Internally limited
TSTG
Storage temperature range
-65 to 150
°C
TOP
Operating junction temperature range
for L78Sxx
-55 to 150
°C
for L78SxxC
0 to 150
Table 3.
Thermal data
Symbol
Parameter
TO-220
TO-3
Unit
RthJC
Thermal resistance junction-case
5
4
°C/W
RthJA
Thermal resistance junction-ambient
50
35
°C/W
Figure 4.
Application circuits


Similar Part No. - L78S24C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L78S24C STMICROELECTRONICS-L78S24C Datasheet
262Kb / 21P
   2A POSITIVE VOLTAGE REGULATORS
L78S24C STMICROELECTRONICS-L78S24C Datasheet
1Mb / 31P
   2 A positive voltage regulators
L78S24C STMICROELECTRONICS-L78S24C Datasheet
983Kb / 35P
   Short circuit protection
March 2014 Rev 8
L78S24CT STMICROELECTRONICS-L78S24CT Datasheet
262Kb / 21P
   2A POSITIVE VOLTAGE REGULATORS
L78S24CT STMICROELECTRONICS-L78S24CT Datasheet
1Mb / 31P
   2 A positive voltage regulators
More results

Similar Description - L78S24C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L78SXX STMICROELECTRONICS-L78SXX Datasheet
1Mb / 31P
   2 A positive voltage regulators
logo
ON Semiconductor
MC7800 ONSEMI-MC7800_06 Datasheet
245Kb / 32P
   1.0 A Positive Voltage Regulators
August, 2006 ??Rev. 15
MC-7805-CT ONSEMI-MC-7805-CT Datasheet
329Kb / 30P
   1.0 A Positive Voltage Regulators
May, 2013 ??Rev. 26
MC78T00 ONSEMI-MC78T00_04 Datasheet
112Kb / 12P
   3.0 A Positive Voltage Regulators
March, 2004 ??Rev. 4
LM323 ONSEMI-LM323_02 Datasheet
78Kb / 8P
   3.0 A Positive Voltage Regulators
January, 2002 ??Rev. 2
NCP7800 ONSEMI-NCP7800 Datasheet
167Kb / 9P
   1.0 A Positive Voltage Regulators
October, 2009 ??Rev. 0
MC7800 ONSEMI-MC7800_14 Datasheet
217Kb / 31P
   1.0 A Positive Voltage Regulators
November, 2014 ??Rev. 27
MC7800 ONSEMI-MC7800_10 Datasheet
295Kb / 33P
   1.0 A Positive Voltage Regulators
July, 2010 ??Rev. 21
MC7800 ONSEMI-MC7800_11 Datasheet
269Kb / 34P
   1.0 A Positive Voltage Regulators
April, 2012 ??Rev. 25
logo
Suntac Electronic Corp.
STC7800 SUNTAC-STC7800 Datasheet
169Kb / 11P
   1.0 A Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com