Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T59-70PC1F Datasheet(PDF) 5 Page - STMicroelectronics

Part # M48T59-70PC1F
Description  5.0 or 3.3 V, 64 Kbit (8 Kbit x 8) TIMEKEEPER짰 SRAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T59-70PC1F Datasheet(HTML) 5 Page - STMicroelectronics

  M48T59-70PC1F Datasheet HTML 1Page - STMicroelectronics M48T59-70PC1F Datasheet HTML 2Page - STMicroelectronics M48T59-70PC1F Datasheet HTML 3Page - STMicroelectronics M48T59-70PC1F Datasheet HTML 4Page - STMicroelectronics M48T59-70PC1F Datasheet HTML 5Page - STMicroelectronics M48T59-70PC1F Datasheet HTML 6Page - STMicroelectronics M48T59-70PC1F Datasheet HTML 7Page - STMicroelectronics M48T59-70PC1F Datasheet HTML 8Page - STMicroelectronics M48T59-70PC1F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
M48T59, M48T59Y, M48T59V
Description
5/32
1
Description
The M48T59/Y/V TIMEKEEPER® RAM is an 8 Kb x 8 non-volatile static RAM and real-time
clock. The monolithic chip is available in two special packages to provide a highly integrated
battery backed-up memory and real-time clock solution.
The M48T59/Y/V is a non-volatile pin and function equivalent to any JEDEC standard 8 Kb
x8 SRAM. It also easily fits into many ROM, EPROM, and EEPROM sockets, providing the
non-volatility of PROMs without any requirement for special write timing or limitations on the
number of writes that can be performed.
The 28-pin, 600 mil DIP CAPHAT™ houses the M48T59/Y/V silicon with a quartz crystal
and a long life lithium button cell in a single package.
The 28-pin, 330 mil SOIC provides sockets with gold plated contacts at both ends for direct
connection to a separate SNAPHAT® housing containing the battery and crystal. The
unique design allows the SNAPHAT battery package to be mounted on top of the SOIC
package after the completion of the surface mount process. Insertion of the SNAPHAT
housing after reflow prevents potential battery and crystal damage due to the high
temperatures required for device surface-mounting. The SNAPHAT housing is keyed to
prevent reverse insertion.
The SOIC and battery/crystal packages are shipped separately in plastic anti-static tubes or
in Tape & Reel form. For the 28-lead SOIC, the battery/crystal package (e.g., SNAPHAT)
part number is “M4T28-BR12SH1” or “M4T32-BR12SHx” (see Table 19 on page 30).
Caution:
Do not place the SNAPHAT battery/crystal top in conductive foam, as this will drain the
lithium button-cell battery.
Figure 1.
Logic diagram
AI01380E
13
A0-A12
W
DQ0-DQ7
VCC
M48T59
M48T59Y
M48T59V
G
VSS
8
E
RST
IRQ/FT


Similar Part No. - M48T59-70PC1F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T59-70PC1 STMICROELECTRONICS-M48T59-70PC1 Datasheet
168Kb / 21P
   64 Kbit 8Kb x8 TIMEKEEPER SRAM
M48T59-70PC1TR STMICROELECTRONICS-M48T59-70PC1TR Datasheet
168Kb / 21P
   64 Kbit 8Kb x8 TIMEKEEPER SRAM
More results

Similar Description - M48T59-70PC1F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T37Y STMICROELECTRONICS-M48T37Y_10 Datasheet
521Kb / 30P
   5.0 or 3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER짰 SRAM
M48T58Y STMICROELECTRONICS-M48T58Y_11 Datasheet
495Kb / 33P
   5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
June 2011 Rev 8
M48T58 STMICROELECTRONICS-M48T58_11 Datasheet
495Kb / 33P
   5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
June 2011 Rev 8
M48T58 STMICROELECTRONICS-M48T58_10 Datasheet
517Kb / 33P
   5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
M48T512Y STMICROELECTRONICS-M48T512Y_10 Datasheet
376Kb / 23P
   5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER짰 SRAM
M48T129Y STMICROELECTRONICS-M48T129Y_10 Datasheet
445Kb / 28P
   5.0 or 3.3 V, 1 Mbit (128 Kbit x 8) TIMEKEEPER짰 SRAM
M48T35AV STMICROELECTRONICS-M48T35AV_11 Datasheet
498Kb / 29P
   3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER짰 SRAM
June 2011 Rev 9
M48T08 STMICROELECTRONICS-M48T08_10 Datasheet
518Kb / 31P
   5 V, 64 Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
June 2010 Rev 10
M48T08 STMICROELECTRONICS-M48T08_11 Datasheet
497Kb / 31P
   5 V, 64 Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
June 2011 Rev 11
M48T02 STMICROELECTRONICS-M48T02_10 Datasheet
395Kb / 25P
   5.0 V, 16 Kbit (2 Kb x 8) TIMEKEEPER짰 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com