Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9000 Datasheet(PDF) 11 Page - Intel Corporation

Part # 9000
Description  Dual-Core Intel Itanium Processor
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9000 Datasheet(HTML) 11 Page - Intel Corporation

Back Button 9000 Datasheet HTML 7Page - Intel Corporation 9000 Datasheet HTML 8Page - Intel Corporation 9000 Datasheet HTML 9Page - Intel Corporation 9000 Datasheet HTML 10Page - Intel Corporation 9000 Datasheet HTML 11Page - Intel Corporation 9000 Datasheet HTML 12Page - Intel Corporation 9000 Datasheet HTML 13Page - Intel Corporation 9000 Datasheet HTML 14Page - Intel Corporation 9000 Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 108 page
background image
Dual-Core Intel® Itanium® Processor 9000 and 9100 Series Datasheet
11
Introduction
1
Introduction
1.1
Overview
The Dual-Core Intel Itanium processor 9000 and 9100 series employs Explicitly Parallel
Instruction Computing (EPIC) design concepts for a tighter coupling between hardware
and software. In this design style, the interface between hardware and software is
engineered to enable the software to exploit all available compile-time information and
efficiently deliver this information to the hardware. It addresses several fundamental
performance bottlenecks in modern computers, such as memory latency, memory
address disambiguation, and control flow dependencies. The EPIC constructs provide
powerful architectural semantics and enable the software to make global optimizations
across a large scheduling scope, thereby exposing available Instruction Level
Parallelism (ILP) to the hardware. The hardware takes advantage of this enhanced ILP,
and provides abundant execution resources. Additionally, it focuses on dynamic run-
time optimizations to enable the compiled code schedule to flow at high throughput.
This strategy increases the synergy between hardware and software, and leads to
greater overall performance.
The Dual-Core Intel Itanium processor 9000 and 9100 series provides a 6-wide and 8-
stage deep pipeline, running at up to 1.6 GHz. This provides a combination of abundant
resources to exploit ILP as well as increased frequency for minimizing the latency of
each instruction. The resources consist of six integer units, six multimedia units, two
load and two store units, three branch units, two extended-precision floating-point
units, and one additional single-precision floating-point unit per core. The hardware
employs dynamic prefetch, branch prediction, a register scoreboard, and non-blocking
caches to optimize for compile-time non-determinism. Three levels of on-die cache
minimize overall memory latency. This includes up to a 24 MB L3 cache, accessed at
core speed, providing up to 8.53 GB/sec. of data bandwidth. The system bus is
designed to support up to four physical processors (on a single system bus), and can
be used as an effective building block for very large systems. The balanced core and
memory subsystem provide high performance for a wide range of applications ranging
from commercial workloads to high-performance technical computing.
The Dual-Core Intel Itanium processor 9000 and 9100 series supports a range of
computing needs and configurations from a two-way to large SMP servers. This
document provides the electrical, mechanical and thermal specifications for the Dual-
Core Intel Itanium processor 9000 and 9100 series for use while employing systems
with the processors.
1.2
Processor Abstraction Layer
The Dual-Core Intel Itanium processor 9000 and 9100 series requires implementation-
specific Processor Abstraction Layer (PAL) firmware. PAL firmware supports processor
initialization, error recovery, and other functionality. It provides a consistent interface
to system firmware and operating systems across processor hardware
implementations. The Intel® Itanium® Architecture Software Developer’s Manual,
Volume 2: System Architecture, describes PAL. Platforms must provide access to the
firmware address space and PAL at reset to allow the processors to initialize.


Similar Part No. - 9000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9000 ETC-9000 Datasheet
68Kb / 2P
   Spartan SIP Reed Relays
logo
C&K Components
9000 CK-COMPONENTS-9000 Datasheet
357Kb / 5P
   Power Toggle Switches
logo
XFMRS Inc.
9000 XFMRS-9000 Datasheet
8Kb / 1P
   Contact XFMRS
logo
Coto Technology
9000 COTO-9000 Datasheet
1Mb / 2P
   9000 SERIES/MOLDED SIP REED RELAYS
logo
Keysight Technologies
9000 KEYSIGHT-9000 Datasheet
4Mb / 32P
   Infiniium 9000 Series Oscilloscopes
More results

Similar Description - 9000

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
314915-002 INTEL-314915-002 Datasheet
2Mb / 102P
   Dual-Core Intel Xeon Processor
313079-001 INTEL-313079-001 Datasheet
3Mb / 104P
   Dual-Core Intel Xeon Processor
316981-005 INTEL-316981-005 Datasheet
1Mb / 104P
   Intel Pentium Dual-Core Desktop Processor
logo
National Instruments Co...
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
   Intel Core Duo Processor T2500(2.0 GHz dual core)
PXIE-8108 NI-PXIE-8108 Datasheet
732Kb / 7P
   Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
PXI-8108 NI-PXI-8108 Datasheet
720Kb / 7P
   Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
PXI-8106 NI-PXI-8106 Datasheet
774Kb / 7P
   Intel Core 2 Duo processor T7400(2.16 GHz dual core)
logo
AAEON Technology
PFM-CVSREV.B AAEON-PFM-CVSREV.B Datasheet
266Kb / 2P
   Intel Atom N2600 Dual Core 1.6 GHz Processor
logo
Intel Corporation
T2700 INTEL-T2700 Datasheet
1Mb / 91P
   Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
logo
Axiomtek Co., Ltd.
EBOX530-830-FL AXIOMTEK-EBOX530-830-FL_17 Datasheet
380Kb / 1P
   Intel Atom Cedarview processor N2600 1.6 GHz dual core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com