Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

315876-002 Datasheet(PDF) 8 Page - Intel Corporation

Part # 315876-002
Description  Intel Celeron Processor 1.66 GHz/1.83 GHz
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

315876-002 Datasheet(HTML) 8 Page - Intel Corporation

Back Button 315876-002 Datasheet HTML 4Page - Intel Corporation 315876-002 Datasheet HTML 5Page - Intel Corporation 315876-002 Datasheet HTML 6Page - Intel Corporation 315876-002 Datasheet HTML 7Page - Intel Corporation 315876-002 Datasheet HTML 8Page - Intel Corporation 315876-002 Datasheet HTML 9Page - Intel Corporation 315876-002 Datasheet HTML 10Page - Intel Corporation 315876-002 Datasheet HTML 11Page - Intel Corporation 315876-002 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
Intel® Celeron® Processor 1.66 GHz/1.83 GHz—Introduction
Intel® Celeron® Processor 1.66 GHz/1.83 GHz
DS
January 2007
8
Order Number: 315876-002
1.2
References
Material and concepts available in the following documents may be beneficial when
reading this document.
Ringback
The voltage to which a signal transitions to just after reaching its maximum
absolute value. Ringback may be caused by reflections, driver oscillations, or
other transmission line phenomena.
Undershoot
The minimum voltage extending below VSS observed for a signal at the device pad.
VRD
Voltage Regulator-Down for the processor that supplies the required voltage and
current to a single processor.
Table 1.
Terminology (Sheet 2 of 2)
Term
Definition
Table 2.
References
Document
Order Number1
Dual-Core Intel® Xeon® Processor LV and ULV Specification Update
http://www.intel.com/
design/intarch/
specupdt/311392.htm
Intel® E7520 Memory Controller Hub (MCH) Datasheet
ftp://
download.intel.com/
design/chipsets/
datashts/
30300602.pdf
Intel® 6300ESB I/O Controller Datasheet
http://
developer.intel.com/
design/intarch/
datashts/300641.htm
Embedded Voltage Regulator-Down (EmVRD) 11.0 Design Guidelines for Embedded
Implementations Supporting PGA478
http://
developer.intel.com/
design/intarch/
designgd/311395.htm
Intel® Celeron® Processor 1.66 GHz/1.83 GHz Thermal Design Guideline for
Embedded Applications
http://
developer.intel.com/
design/intarch/
designgd/315745.pdf
Intel® 64 and IA-32 Architectures Software Developer's Manuals
http://
developer.intel.com/
design/pentium4/
manuals/
index_new.htm
Volume 1: Basic Architecture
253665
Volume 2A/2B: Instruction Set Reference
253666
253667
Volume 3A/3B: System Programming Guide
253668
253669
Intel® Processor Identification and CPUID Instruction application note (AP-485)
http://www.intel.com/
support/processors/sb/
cs-009861.htm
1.
Order numbers are subject to change


Similar Part No. - 315876-002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3158 ETC2-3158 Datasheet
113Kb / 2P
   FLAT WASHERS NYLON FIBRE
logo
KR Electronics, Inc.
3158 KR-3158 Datasheet
65Kb / 3P
   10 MHz Bandpass Filter
logo
ASM GmbH
3158 ASM-SENSOR-3158 Datasheet
1,008Kb / 8P
   Automatic Insulation Voltage Withstand Testing
logo
List of Unclassifed Man...
3158 ETC2-3158 Datasheet
68Kb / 1P
   WASHERS
logo
Heyco.
3158 HEYCO-3158 Datasheet
111Kb / 1P
   Vent Plugs and Thick Panel Vent Plugs
More results

Similar Description - 315876-002

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
243658-020 INTEL-243658-020 Datasheet
2Mb / 128P
   Intel Celeron Processor up to 1.10 GHz
logo
Axiomtek Co., Ltd.
MANO300 AXIOMTEK-MANO300 Datasheet
325Kb / 1P
   Intel Celeron Processor N3160 - up to 2.24 GHz
logo
ADL Embedded Solutions
ADLQM67HDS ADL-ADLQM67HDS Datasheet
209Kb / 2P
   Intel Gen2 Core, Celeron 1.6 GHz - 2.5 GHz
logo
AAEON Technology
BOXER-6614 AAEON-BOXER-6614 Datasheet
520Kb / 2P
   Fanless Embedded Box PC with Intel® Celeron® N2930 Quad Core 1.83 GHz/ Celeron® N2807 Dual Core 1.58 GHz
2022/09/14
logo
Axiomtek Co., Ltd.
EBOX638-840-FL AXIOMTEK-EBOX638-840-FL_17 Datasheet
330Kb / 1P
   Fanless Embedded System with Intel Celeron Processor J1900 2.0 GHz
EBOX100-312-FL AXIOMTEK-EBOX100-312-FL Datasheet
310Kb / 1P
   Fanless Embedded System with Intel Celeron Processor N3350 2.4 GHz
logo
AAEON Technology
AHP-1152 AAEON-AHP-1152 Datasheet
339Kb / 2P
   15??XGA HMI Touch Panel Computer With Onboard Intel Atom D510 1.66 GHz Processor
AHP-1122 AAEON-AHP-1122 Datasheet
422Kb / 2P
   12.1??XGA HMI Touch Panel Computer with Onboard Intel Atom D510 1.66 GHz Processor
logo
List of Unclassifed Man...
G4V300-D ETC2-G4V300-D Datasheet
275Kb / 2P
   Intel Pentium 4 Processor and Intel Celeron Processor
logo
Axiomtek Co., Ltd.
IPC922-215-FL AXIOMTEK-IPC922-215-FL_17 Datasheet
424Kb / 2P
   2-slot Fanless System with Intel Celeron Processor J1900 (up to 2.42 GHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com