Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MI-QC2MM-IVY Datasheet(PDF) 2 Page - Vicor Corporation

Part # MI-QC2MM-IVY
Description  Military DC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MI-QC2MM-IVY Datasheet(HTML) 2 Page - Vicor Corporation

  MI-QC2MM-IVY Datasheet HTML 1Page - Vicor Corporation MI-QC2MM-IVY Datasheet HTML 2Page - Vicor Corporation MI-QC2MM-IVY Datasheet HTML 3Page - Vicor Corporation MI-QC2MM-IVY Datasheet HTML 4Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
(At TBP = 25°C, nominal line and 75% load, unless otherwise specified)
Specifications
PARAMETER
MIN
TYP
MAX
UNITS
NOTES
Input Characteristics
28Vdc input modules
Steady state input
18
28
50
Vdc
Low line lockout
16
Vdc
Automatic recovery
Input spike limit
-600
+600
Vdc
20µs, 50
Ω per MIL-STD-704A
-250
+250
Vdc
100µs, 15mJ per MIL-STD-1275A
Input surge limit
100
Vdc
60mS, 0.5
Ω per MIL-STD-1275A
Overvoltage shutdown
50
Vdc
100mS automatic recovery
Reverse polarity protection
Shunt diode: input fuse required
Recommended fuse
10(1)
Amps
F03A type
270Vdc input modules
Steady state input
125
270
400
Vdc
Low line lockout
125
Vdc
Automatic recovery
Input spike limit
+800
Vdc
20µs, 50
-600
+600
Vdc
100µs, 15mJ
Input surge limit
500
Vdc
100ms, 0.5
Overvoltage shutdown
400
Vdc
100µs automatic recovery
Reverse polarity protection
Shunt diode: input fuse required
Recommended fuse
2 (1)
Amps
F03A type
All models
No load power dissipation
1.5(1)
2(1)
Watts
Master disable input current(2)
4
mA
Sink; disables all outputs
(Absolute max., 20mA)
Inrush current
110
125
%, Iin
Steady state Iin, 10ms
EMC Characteristics; MIL-STD-461C/D/E
Input power leads
Conducted emissions
CE01, CE03, CE07
MIL-STD-461C — 1-up
CE101, CE102
MIL-STD-461D — 1-up
CE101
MIL-STD-461E — 2-up & 3-up
Conducted susceptibility
CS01, CS02, CS06
MIL-STD-461C — 1-up
CS101, CS114, CS116
MIL-STD-461D — 1-up
CS101, CS114, CS116
MIL-STD-461E — 2-up & 3-up
Output Characteristics
Setpoint accuracy
0.5
1.0
% Vnom
Load/line regulation
0.2
0.5
% Vnom
LL to HL, NL to 10%
0.05
0.2
% Vnom
LL to HL, 10% to FL
Output temperature drift
0.01
0.02
%/°C
Output noise – p-p
1.0
1.5
% Vnom
Whichever is greater
100
150
mV
20MHz BW
Output voltage trimming (3)
50
110
% Vnom
Remote sense compensation
0.5
Vdc
OVP setpoint
115
125
135
% Vnom
Latching
Current limit
105
125
% Inom
Auto restart
Short circuit current (4)
20
130
% Inom
Isolation Characteristics
Input to output
4,242
Vrms
1 min.
Input to case
28Vdc input
2,121
Vrms
1 min.
270Vdc input
2,500
Vrms
1 min.
Output to case
500
Vrms
1 min.
Thermal Characteristics
Efficiency
81
%
Operating temperature, case
+85
˚C
See product grade
Storage temperature
+100
˚C
See product grade
Shutdown temperature
+90
+95
+105
˚C
Cool and recycle power to restart
Mechanical Specifications
Weight
1- up
1.2 (544)
pounds (grams)
2- up
2.4 (1248)
pounds (grams)
3- up
3.6 (1633)
pounds (grams)
Connector screw torque
3.5 (0.4)
inches-pounds (N-M)
}
(1)
Per internal module configuration.
(2)
Multiply minimum x 2 for 2-ups and x 3 for 3-ups.
(3)
10V, 12V, and 15V outputs, standard trim range ±10%. Consult factory for wider trim range.
(4)
Output ranges of 5V or less incorporate foldback current limiting, outputs of 10V and
above incorporate straight line current limiting.
MI-ComPAC 11/02
2 of 4


Similar Part No. - MI-QC2MM-IVY

ManufacturerPart #DatasheetDescription
logo
Powerbox
MI-QC2M-IA POWERBOX-MI-QC2M-IA Datasheet
1Mb / 2P
   50-300 WATTS MILITARY READY TO USE COMPONENET
MI-QC2M-IP POWERBOX-MI-QC2M-IP Datasheet
1Mb / 2P
   50-300 WATTS MILITARY READY TO USE COMPONENET
MI-QC2M-IS POWERBOX-MI-QC2M-IS Datasheet
1Mb / 2P
   50-300 WATTS MILITARY READY TO USE COMPONENET
MI-QC2M-IX POWERBOX-MI-QC2M-IX Datasheet
1Mb / 2P
   50-300 WATTS MILITARY READY TO USE COMPONENET
MI-QC2M-IY POWERBOX-MI-QC2M-IY Datasheet
1Mb / 2P
   50-300 WATTS MILITARY READY TO USE COMPONENET
More results

Similar Description - MI-QC2MM-IVY

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
RDC40 XPPOWER-RDC40 Datasheet
463Kb / 4P
   DC-DC Power Supplies
SWX1048S1V2 XPPOWER-SWX1048S1V2 Datasheet
177Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com