Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

440 Datasheet(PDF) 4 Page - Intel Corporation

Part # 440
Description  Supporting the Intel Celeron processor
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

440 Datasheet(HTML) 4 Page - Intel Corporation

  440 Datasheet HTML 1Page - Intel Corporation 440 Datasheet HTML 2Page - Intel Corporation 440 Datasheet HTML 3Page - Intel Corporation 440 Datasheet HTML 4Page - Intel Corporation 440 Datasheet HTML 5Page - Intel Corporation 440 Datasheet HTML 6Page - Intel Corporation 440 Datasheet HTML 7Page - Intel Corporation 440 Datasheet HTML 8Page - Intel Corporation 440 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 100 page
background image
4
Datasheet
5.2.2
Thermal Monitor 2 ..................................................................................79
5.2.3
On-Demand Mode...................................................................................80
5.2.4
PROCHOT# Signal ..................................................................................81
5.2.5
THERMTRIP# Signal ................................................................................81
5.3
Thermal Diode...................................................................................................82
5.4
Platform Environment Control Interface (PECI) ......................................................84
5.4.1
Introduction...........................................................................................84
5.4.1.1
Key Difference with Legacy Diode-Based Thermal Management .......84
5.4.2
PECI Specifications .................................................................................86
5.4.2.1
PECI Device Address..................................................................86
5.4.2.2
PECI Command Support .............................................................86
5.4.2.3
PECI Fault Handling Requirements ...............................................86
5.4.2.4
PECI GetTemp0() Error Code Support ..........................................86
6Features ..................................................................................................................87
6.1
Power-On Configuration Options ..........................................................................87
6.2
Clock Control and Low Power States.....................................................................87
6.2.1
Normal State .........................................................................................88
6.2.2
HALT and Extended HALT Powerdown States ..............................................88
6.2.2.1
HALT Powerdown State ..............................................................88
6.2.2.2
Extended HALT Powerdown State ................................................89
6.2.3
Stop Grant State ....................................................................................89
6.2.4
HALT Snoop State and Stop Grant Snoop State...........................................90
7
Boxed Processor Specifications................................................................................91
7.1
Mechanical Specifications....................................................................................92
7.1.1
Boxed Processor Cooling Solution Dimensions.............................................92
7.1.2
Boxed Processor Fan Heatsink Weight .......................................................94
7.1.3
Boxed Processor Retention Mechanism and Heatsink Attach Clip Assembly .....94
7.2
Electrical Requirements ......................................................................................94
7.2.1
Fan Heatsink Power Supply ......................................................................94
7.3
Thermal Specifications........................................................................................95
7.3.1
Boxed Processor Cooling Requirements......................................................95
7.3.2
Variable Speed Fan .................................................................................97
8
Debug Tools Specifications ......................................................................................99
8.1
Logic Analyzer Interface (LAI) .............................................................................99
8.1.1
Mechanical Considerations .......................................................................99
8.1.2
Electrical Considerations ..........................................................................99


Similar Part No. - 440

ManufacturerPart #DatasheetDescription
logo
Littelfuse
440 LITTELFUSE-440 Datasheet
200Kb / 4P
   Surface Mount Fuses
logo
Intel Corporation
440 INTEL-440 Datasheet
1Mb / 71P
   Celeron M Processor on 65 nm Process
logo
Glenair, Inc.
440-069 GLENAIR-440-069 Datasheet
219Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter
logo
List of Unclassifed Man...
440-176 ETC1-440-176 Datasheet
30Kb / 1P
   Diagonal cutters oval
440-190 ETC1-440-190 Datasheet
30Kb / 1P
   Diagonal cutters oval
More results

Similar Description - 440

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G4V300-D ETC2-G4V300-D Datasheet
275Kb / 2P
   Intel Pentium 4 Processor and Intel Celeron Processor
logo
AAEON Technology
MPC-6800 AAEON-MPC-6800 Datasheet
727Kb / 1P
   Intel Ultra Low Voltage Celeron Processor
logo
Intel Corporation
243658-020 INTEL-243658-020 Datasheet
2Mb / 128P
   Intel Celeron Processor up to 1.10 GHz
logo
BOSER Technology Co., L...
HS-1760 BOSER-HS-1760 Datasheet
97Kb / 1P
   Intel Core 2 Duo/Celeron M processor
logo
Intel Corporation
315876-002 INTEL-315876-002 Datasheet
832Kb / 68P
   Intel Celeron Processor 1.66 GHz/1.83 GHz
logo
Axiomtek Co., Ltd.
P1157S-881 AXIOMTEK-P1157S-881 Datasheet
340Kb / 2P
   High performance system supporting LGA1150 socket 4th Generation Intel Core i7/i5/i3 and Celeron processor
logo
Intel Corporation
251748-007 INTEL-251748-007 Datasheet
3Mb / 102P
   Intel Celeron Processor on 0.13 Micron Process in the 478-Pin Package
logo
Axiomtek Co., Ltd.
Q7M311 AXIOMTEK-Q7M311 Datasheet
269Kb / 1P
   Qseven Module with Intel Pentium Processor N4200 & Celeron Processor N3350
logo
Advantech Co., Ltd.
MIT-W101 ADVANTECH-MIT-W101_15 Datasheet
546Kb / 2P
   10" Intelligent Tablet PC with Intel Celeron Processor
logo
Axiomtek Co., Ltd.
MANO300 AXIOMTEK-MANO300 Datasheet
325Kb / 1P
   Intel Celeron Processor N3160 - up to 2.24 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com