Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82Q33 Datasheet(PDF) 10 Page - Intel Corporation

Part # 82Q33
Description  Graphics and Memory Controller Hub
Download  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82Q33 Datasheet(HTML) 10 Page - Intel Corporation

Back Button 82Q33 Datasheet HTML 6Page - Intel Corporation 82Q33 Datasheet HTML 7Page - Intel Corporation 82Q33 Datasheet HTML 8Page - Intel Corporation 82Q33 Datasheet HTML 9Page - Intel Corporation 82Q33 Datasheet HTML 10Page - Intel Corporation 82Q33 Datasheet HTML 11Page - Intel Corporation 82Q33 Datasheet HTML 12Page - Intel Corporation 82Q33 Datasheet HTML 13Page - Intel Corporation 82Q33 Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 437 page
background image
10
Datasheet
9.2.14
MLAT— Maximum Latency ...................................................... 310
9.2.15
HFS— Host Firmware Status ................................................... 310
9.2.16
PID— PCI Power Management Capability ID .............................. 310
9.2.17
PC— PCI Power Management Capabilities.................................. 311
9.2.18
PMCS— PCI Power Management Control And Status ................... 312
9.2.19
MID— Message Signaled Interrupt Identifiers ............................ 313
9.2.20
MC— Message Signaled Interrupt Message Control ..................... 313
9.2.21
MA— Message Signaled Interrupt Message Address .................... 314
9.2.22
MUA— Message Signaled Interrupt Upper Address (Optional)....... 314
9.2.23
MD— Message Signaled Interrupt Message Data ........................ 315
9.2.24
HIDM—HECI Interrupt Delivery Mode ....................................... 315
9.3
IDE Function for Remote Boot and Installations PT IDER Register
Details (D3:F2) (Intel® 82Q35 and 82Q33 GMCH Only)............................ 316
9.3.1
ID—Identification .................................................................. 317
9.3.2
CMD—Command Register ....................................................... 317
9.3.3
STS—Device Status ............................................................... 319
9.3.4
RID—Revision ID................................................................... 320
9.3.5
CC—Class Codes ................................................................... 320
9.3.6
CLS—Cache Line Size............................................................. 320
9.3.7
MLT—Master Latency Timer .................................................... 321
9.3.8
HTYPE—Header Type ............................................................. 321
9.3.9
PCMDBA—Primary Command Block IO Bar ................................ 322
9.3.10
PCTLBA—Primary Control Block Base Address............................ 322
9.3.11
SCMDBA—Secondary Command Block Base Address................... 323
9.3.12
SCTLBA—Secondary Control Block base Address ........................ 323
9.3.13
LBAR—Legacy Bus Master Base Address ................................... 324
9.3.14
SS—Sub System Identifiers .................................................... 325
9.3.15
EROM—Expansion ROM Base Address....................................... 325
9.3.16
CAP—Capabilities Pointer........................................................ 326
9.3.17
INTR—Interrupt Information ................................................... 326
9.3.18
MGNT—Minimum Grant .......................................................... 327
9.3.19
MLAT—Maximum Latency ....................................................... 327
9.3.20
PID—PCI Power Management Capability ID ............................... 327
9.3.21
PC—PCI Power Management Capabilities................................... 328
9.3.22
PMCS—PCI Power Management Control and Status .................... 328
9.3.23
MID—Message Signaled Interrupt Capability ID ......................... 330
9.3.24
MC—Message Signaled Interrupt Message Control ...................... 330
9.3.25
MA—Message Signaled Interrupt Message Address ..................... 331
9.3.26
MAU—Message Signaled Interrupt Message Upper Address .......... 331
9.3.27
MD—Message Signaled Interrupt Message Data ......................... 332
9.4
Serial Port for Remote Keyboard and Text KT Redirection Register
Details (D3:F3) (Intel® 82Q35 and 82Q33 GMCH Only)............................ 333
9.4.1
ID—Identification .................................................................. 334
9.4.2
CMD—Command Register ....................................................... 334
9.4.3
STS—Device Status ............................................................... 336
9.4.4
RID—Revision ID................................................................... 337
9.4.5
CC—Class Codes ................................................................... 337
9.4.6
CLS—Cache Line Size............................................................. 337
9.4.7
MLT—Master Latency Timer .................................................... 338
9.4.8
HTYPE—Header Type ............................................................. 338
9.4.9
KTIBA—KT IO Block Base Address............................................ 339
9.4.10
KTMBA—KT Memory Block Base Address................................... 339
9.4.11
SS—Sub System Identifiers .................................................... 340
9.4.12
EROM—Expansion ROM Base Address....................................... 341
9.4.13
CAP—Capabilities Pointer........................................................ 341


Similar Description - 82Q33

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82845PE INTEL-82845PE Datasheet
2Mb / 176P
   82845GE Graphics and Memory Controller Hub (GMCH) and 82845PE Memory Controller Hub (MCH)
865G INTEL-865G Datasheet
3Mb / 249P
   Intel 865G/865GV Graphics and Memory Controller Hub
82845G INTEL-82845G Datasheet
2Mb / 193P
   Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
290676-002 INTEL-290676-002 Datasheet
969Kb / 119P
   Intel 810E Chipset: 82810E Graphics and Memory Controller Hub (GMCH)
290656-002 INTEL-290656-002 Datasheet
491Kb / 120P
   Intel 82810/82810-DC100 Graphics and Memory Controller Hub (GMCH)
RG82855GMESL72L INTEL-RG82855GMESL72L Datasheet
1Mb / 213P
   Intel짰 855GM/855GME Chipset Graphics and Memory Controller Hub (GMCH)
JG82855GMESL7VN INTEL-JG82855GMESL7VN Datasheet
1Mb / 213P
   Intel짰 855GM/855GME Chipset Graphics and Memory Controller Hub (GMCH)
290688-001 INTEL-290688-001 Datasheet
801Kb / 172P
   Intel 815 Chipset Family 82815 Graphics and Memory Controller Hub (GMCH)
82830MP INTEL-82830MP Datasheet
1Mb / 159P
   Intel 830MP Chipset: 82830MP Graphics and Memory Controller Hub (GMCH-M)
logo
Epson Company
S1D13709 EPSON-S1D13709 Datasheet
94Kb / 2P
   Embedded Memory Graphics LCD Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com