Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

313064 Datasheet(PDF) 10 Page - Intel Corporation

Part # 313064
Description  Dual-Core Intel Xeon Processor
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

313064 Datasheet(HTML) 10 Page - Intel Corporation

Back Button 313064 Datasheet HTML 6Page - Intel Corporation 313064 Datasheet HTML 7Page - Intel Corporation 313064 Datasheet HTML 8Page - Intel Corporation 313064 Datasheet HTML 9Page - Intel Corporation 313064 Datasheet HTML 10Page - Intel Corporation 313064 Datasheet HTML 11Page - Intel Corporation 313064 Datasheet HTML 12Page - Intel Corporation 313064 Datasheet HTML 13Page - Intel Corporation 313064 Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 104 page
background image
Introduction
10
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
and can thus help improve the overall security of the system. For further information on
Execute Disable Bit functionality see http://www.intel.com/cd/ids/developer/asmo-na/
eng/149308.htm.
The Dual-Core Intel Xeon Processor 5000 series support Intel® Virtualization
Technology, virtualization within the processor. Intel Virtualization Technology is a set of
hardware enhancements that can improve virtualization solutions. Intel Virtualization
Technology is used in conjunction with Virtual Machine Monitor software enabling
multiple, independent software environments inside a single platform. More
information on Intel Virtualization Technology can be found at http://www.intel.com/
technology/computing/vptech/index.htm.
The Dual-Core Intel Xeon Processor 5000 series are intended for high performance
workstation and server systems. The Dual-Core Intel Xeon Processor 5063 is a lower
power version of the Dual-Core Intel Xeon Processor 5000 series. The Dual-Core Intel
Xeon Processor 5000 series support a new Dual Independent Bus (DIB) architecture
with one processor socket on each bus, up to two processor sockets in a system. The
DIB architecture provides improved performance by allowing increased FSB speeds and
bandwidth. The Dual-Core Intel Xeon Processor 5000 series will be packaged in an FC-
LGA6 Land Grid Array package with 771 lands for improved power delivery. It utilizes a
surface mount LGA771 socket that supports Direct Socket Loading (DSL).
The Dual-Core Intel Xeon Processor 5000 series-based platforms implement
independent core voltage (VCC) power planes for each processor. FSB termination
voltage (VTT) is shared and must connect to all FSB agents. The processor core voltage
utilizes power delivery guidelines specified by VRM/EVRD 11.0 and its associated load
line. Refer to the appropriate platform design guidelines for implementation details.
The Dual-Core Intel Xeon Processor 5000 series support a 1066/667 MHz Front Side
Bus frequency. The FSB utilizes a split-transaction, deferred reply protocol and Source-
Synchronous Transfer (SST) of address and data to improve performance. The
processor transfers data four times per bus clock (4X data transfer rate, as in AGP 4X).
Along with the 4X data bus, the address bus can deliver addresses two times per bus
clock and is referred to as a ‘double-clocked’ or a 2X address bus. In addition, the
Request Phase completes in one clock cycle. Working together, the 4X data bus and 2X
address bus provide a data bus bandwidth of up to 8.5 GBytes/second. (5.3 GBytes/
second for Dual-Core Intel Xeon Processor 5000 series 667) Finally, the FSB is also
used to deliver interrupts.
Signals on the FSB use Assisted Gunning Transceiver Logic (AGTL+) level voltages.
Section 2.1 contains the electrical specifications of the FSB while implementation
details are fully described in the appropriate platform design guidelines (refer to
Section 1.3).
Table 1-1.
Dual-Core Intel® Xeon® Processor 5000 Series Features
# Cores Per
Package
L2 Advanced
Transfer Cache1
Notes:
1. Total accessible size of L2 caches may vary by one cache line pair (128 bytes) per core, depending on usage
and operating environment.
Hyper-Threading
Technology
Front Side Bus
Frequency
Package
2
2 MB per core
4 MB total
Yes
667 MHz
1066 MHz
FC-LGA6
771 Lands


Similar Part No. - 313064

ManufacturerPart #DatasheetDescription
logo
Littelfuse
31306.3 LITTELFUSE-31306.3 Datasheet
94Kb / 1P
   3AG Slo-Blo Fuse 313/315 Series
31306.3P LITTELFUSE-31306.3P Datasheet
45Kb / 1P
   Axial Lead and Cartridge Fuses - Glass Body
313062 LITTELFUSE-313062 Datasheet
44Kb / 1P
   Axial Lead and Cartridge Fuses
313062P LITTELFUSE-313062P Datasheet
76Kb / 1P
   Axial Lead and Cartridge Fuses
313063 LITTELFUSE-313063 Datasheet
44Kb / 1P
   Axial Lead and Cartridge Fuses
More results

Similar Description - 313064

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
314915-002 INTEL-314915-002 Datasheet
2Mb / 102P
   Dual-Core Intel Xeon Processor
314054-002 INTEL-314054-002 Datasheet
1Mb / 108P
   Dual-Core Intel Itanium Processor
logo
DFI Inc
H960MD-CM236 DFI-H960MD-CM236 Datasheet
720Kb / 2P
   6th Gen Intel Xeon/Core Processor COM Express Basic
logo
Intel Corporation
316981-005 INTEL-316981-005 Datasheet
1Mb / 104P
   Intel Pentium Dual-Core Desktop Processor
logo
Adlink Technology Inc.
VPX3020 ADLINK-VPX3020 Datasheet
743Kb / 3P
   Rugged 3U VPX Intel Xeon and Core i3 Processor Blade
logo
Advantech Co., Ltd.
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
   6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
logo
National Instruments Co...
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
   Intel Core Duo Processor T2500(2.0 GHz dual core)
logo
Advantech Co., Ltd.
MIO-5393 ADVANTECH-MIO-5393 Datasheet
1Mb / 6P
   9th/8th Gen. Intel Xeon /Core™ Processor, 3.5" SBC w/ MIOe
1-Sep-2021
logo
AAEON Technology
EPIC-TGH7 AAEON-EPIC-TGH7 Datasheet
504Kb / 2P
   EPIC Board with 11th Generation Intel® Xeon™ / Core™ Processor
2022/08/12
logo
National Instruments Co...
PXIE-8108 NI-PXIE-8108 Datasheet
732Kb / 7P
   Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com