Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

320032-001 Datasheet(PDF) 7 Page - Intel Corporation

Part # 320032-001
Description  Mobile Intel Atom Processor N270 Single Core
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

320032-001 Datasheet(HTML) 7 Page - Intel Corporation

Back Button 320032-001 Datasheet HTML 3Page - Intel Corporation 320032-001 Datasheet HTML 4Page - Intel Corporation 320032-001 Datasheet HTML 5Page - Intel Corporation 320032-001 Datasheet HTML 6Page - Intel Corporation 320032-001 Datasheet HTML 7Page - Intel Corporation 320032-001 Datasheet HTML 8Page - Intel Corporation 320032-001 Datasheet HTML 9Page - Intel Corporation 320032-001 Datasheet HTML 10Page - Intel Corporation 320032-001 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
Introduction
Datasheet
7
1.2
Terminology
Term
Definition
#
A “#” symbol after a signal name refers to an active low signal, indicating
a signal is in the active state when driven to a low level. For example,
when RESET# is low, a reset has been requested. Conversely, when NMI
is high, a non-maskable interrupt has occurred. In the case of signals
where the name does not imply an active state but describes part of a
binary sequence (such as address or data), the “#” symbol implies that
the signal is inverted. For example, D [3:0] = “HLHL” refers to a hex ‘A’,
and D [3:0]# = “LHLH” also refers to a hex “A” (H= High logic level, L=
Low logic level).
Front Side Bus
(FSB)
Refers to the interface between the processor and system core logic (also
known as the GMCH chipset components).
AGTL+
Advanced Gunning Transceiver Logic. Used to refer to Assisted GTL+
signaling technology on some Intel processors.
CMOS
Complementary metal-Oxide semiconductor.
Storage
Conditions
Refers to a non-operational state. The processor may be installed in a
platform, in a tray, or loose. Processors may be sealed in packaging or
exposed to free air. Under these conditions, processor landings should not
be connected to any supply voltages, have any I/Os biased, or receive any
clocks. Upon exposure to “free air” (i.e., unsealed packaging or a device
removed from packaging material) the processor must be handled in
accordance with moisture sensitivity labeling (MSL) as indicated on the
packaging material.
Enhanced Intel
SpeedStep®
Technology
Technology that provides power management capabilities to low power
devices.
Processor Core
Processor core die with integrated L1 and L2 cache. All AC timing and
signal integrity specifications are at the pads of the processor core.
TDP
Thermal Design Power
VCC
The processor core power supply
VR
Voltage Regulator
VSS
The processor ground
VCCHFM
VCC at Highest Frequency Mode (HFM).
VCCLFM
VCC at Lowest Frequency Mode (LFM).


Similar Part No. - 320032-001

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3200328 PHOENIX-3200328 Datasheet
73Kb / 3P
   A 6 -12
3200328 PHOENIX-3200328 Datasheet
97Kb / 2P
   Ferrules Without Insulating Collar According to DIN 46228-1
3200328 PHOENIX-3200328 Datasheet
97Kb / 2P
   Ferrules Without Insulating Collar
3200328 PHOENIX-3200328 Datasheet
97Kb / 2P
   Ferrules Without Insulating Collar
3200328 PHOENIX-3200328 Datasheet
97Kb / 2P
   Ferrules Without Insulating Collar
More results

Similar Description - 320032-001

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AEC-6611 AAEON-AEC-6611 Datasheet
292Kb / 2P
   Fanless Controller With Intel Atom N270 Processor
EPIC-9457W1 AAEON-EPIC-9457W1 Datasheet
403Kb / 1P
   EPIC Board with Onboard Intel Atom N270 Processor
EMB-9459T AAEON-EMB-9459T Datasheet
259Kb / 2P
   Embedded Motherboard with Onboard Intel Atom N270 Processor
GCS-1100I AAEON-GCS-1100I Datasheet
524Kb / 2P
   Green Communication System with Intel Atom N270 Processor
HSB-945P AAEON-HSB-945P Datasheet
300Kb / 2P
   PCI Half-Size SBC With Intel Atom N270 Processor
logo
List of Unclassifed Man...
LEC-2026 ETC2-LEC-2026 Datasheet
279Kb / 2P
   Fanless Industrial PC with Dual Core Intel Atom N270
logo
BOSER Technology Co., L...
HS-4708 BOSER-HS-4708 Datasheet
102Kb / 1P
   Intel Atom N270 processor Embedded Engine Board w/CF
logo
AAEON Technology
ETX-945GSE AAEON-ETX-945GSE Datasheet
294Kb / 2P
   ETX CPU Module with Onboard Intel Atom N270 Processor
PFM-945C AAEON-PFM-945C Datasheet
269Kb / 2P
   PC/104 Module With Onboard Intel Atom N270 Processor
XTX-945GSE AAEON-XTX-945GSE Datasheet
262Kb / 2P
   XTX CPU Module With Onboard Intel Atom N270 Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com