Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLI-343U8RC Datasheet(PDF) 2 Page - Rohm

Part # SLI-343U8RC
Description  3.1(T-1) Circular Type Standard Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SLI-343U8RC Datasheet(HTML) 2 Page - Rohm

  SLI-343U8RC Datasheet HTML 1Page - Rohm SLI-343U8RC Datasheet HTML 2Page - Rohm SLI-343U8RC Datasheet HTML 3Page - Rohm SLI-343U8RC Datasheet HTML 4Page - Rohm SLI-343U8RC Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FORWARD CURRENT : IF
(mA)
0
20
40
60
80
100
120
0
5
10
15
20
Ta=25
°C
PULSE DURATION : Tw
(µs)
AMBIENT TEMPERATURE : Ta
(
°C)
FORWARD VOLTAGE : VF
(V)
CASE TEMPERATURE : Tc (
°C)
SLI-343Y8C
SLI-343P8C
SLI-343M8C
SLI-343Y8C
SLI-343D8C
SLI-343U8RC
SLI-343V8RC
SLI-343Y8C
SLI-343P8C
SLI-343M8C
SLI-343Y8C
SLI-343D8C
SLI-343U8RC
SLI-343V8RC
SLI-343Y8C
SLI-343P8C
SLI-343M8C
SLI-343Y8C
SLI-343D8C
SLI-343U8RC
SLI-343V8RC
SLI-343Y8C
SLI-343P8C
SLI-343M8C
SLI-343Y8C
SLI-343D8C
SLI-343U8RC
SLI-343V8RC
SLI-343Y8C
SLI-343P8C
SLI-343M8C
SLI-343Y8C
SLI-343D8C
SLI-343U8RC
SLI-343V8RC
30
-20-10
-30
20
10
0
40
80 90100
60 70
50
0.4
0.6
0.8
1
1.2
1.4
1.6
IF=20mA
1
10
100
1.0
1.5
2.0
2.5
3.0
1
10
1
10
100
1000
10000
5
0
10
20
30
-30 -20 -10 0 10 20 30 40 50 60 70 80 90 100
Electrical Characteristic Curves
Forward Current - Forward Voltage
Ratio of Maximum Tolerable Peak Current - Pulse Duration
Derating
Relative Luminous Intensity - Forward Current
Relative Luminous Intensity - Case Temperature
Ta=25
°C


Similar Part No. - SLI-343U8RC

ManufacturerPart #DatasheetDescription
logo
Rohm
SLI-343U8RC ROHM-SLI-343U8RC Datasheet
145Kb / 4P
   Viewing angle 2 1/2 40
SLI-343U8RC ROHM-SLI-343U8RC Datasheet
145Kb / 4P
   High brightness
More results

Similar Description - SLI-343U8RC

ManufacturerPart #DatasheetDescription
logo
Rohm
SLA-360MT ROHM-SLA-360MT Datasheet
141Kb / 3P
   3.1(T-1) Circular Type High Brightness Type
SLI-343URC3FWT ROHM-SLI-343URC3FWT Datasheet
132Kb / 3P
   3.1(T-1) Circular Type High Brightness Type
SLR343WBC7T ROHM-SLR343WBC7T Datasheet
94Kb / 2P
   3.1(T-1) Circular Type Standard Type
SLR-342 ROHM-SLR-342 Datasheet
130Kb / 3P
   3.1(T-1) Circular Type Standard Type
SLR-342VC3FQ ROHM-SLR-342VC3FQ Datasheet
123Kb / 3P
   ?3.1(T-1) Circular Type Standard Type
SLR-343 ROHM-SLR-343 Datasheet
247Kb / 3P
   STANDARD TYPE 3.1 CIRCULAR TYPE LED LAMPS
SLR343 ROHM-SLR343_1 Datasheet
117Kb / 3P
   ?3.1(T-1) Circular Type High Brightness Type
SLR-332 ROHM-SLR-332 Datasheet
158Kb / 3P
   3.2(T-1) Circular Type Standard Type (Viewing Angle 21/2 : 85)
SPR-39 ROHM-SPR-39 Datasheet
121Kb / 3P
   Dual-Color Type 3.1 Circular Type LED Lamps
SLR343 ROHM-SLR343 Datasheet
206Kb / 3P
   HIGH BRIGHTNESS TYPE 3.1 CIRCULAR TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com