Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-012UT Datasheet(PDF) 1 Page - Rohm

Part # SML-012UT
Description  SML-01 Series Reflector improved the concentration of viewing angle
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-012UT Datasheet(HTML) 1 Page - Rohm

  SML-012UT Datasheet HTML 1Page - Rohm SML-012UT Datasheet HTML 2Page - Rohm SML-012UT Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data Sheet
1.6
3.0
Cathode mark
Terminal
0.3
0.5
1.3
1.6
2.3
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
Y
X
ANGULAR DISPLACEMENT (deg)
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
Y’
X’
ANGULAR DISPLACEMENT (deg)
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
050
100
50
100
30°
60°
90°
30°
60°
90°
SCANNING ANGLE (deg)
Y
X
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
050
100
50
100
30°
60°
90°
30°
60°
90°
SCANNING ANGLE (deg)
Y
X
SML-01 Series / SML-01
(A)Series / SML-012 Series
SML-013 UT / YT
* 1:Duty1/10, 1kHz / * 2:Reference
Part No.
Chip
Structure
Emitting
Color
Absolute Maximum Ratings (Ta
=25℃)
Electrical and Optical Characteristics (Ta
=25℃)
Power
Dissipation
PD(mW)
Forward
Current
IF(mA)
Peak Forward
Current
IFP(mA)
Reverse
Voltage
VR(V)
Operating
Temperature
Topr(
℃)
Storage
Temperature
Tstg(
℃)
Forward Voltage VF Reverse Current IR Dominant Wavelength
λD Luminous Intensity IV
Typ.(V) IF(mA)
Max.
(
μA)
VR(V)
Min.*
2
(nm)
Typ.
(nm)
Max.*
2
(nm)
IF(mA)
Min.
(mcd)
Typ.
(mcd)
IF(mA)
SML-012VT(A)
AIGaInP
on GaAs
Red
75
30
100
*1
5
-40 to +100
-40 to +100
2
20
10
5
626
630
636
20
35.5
71
20
SML-012V8T
54
20
-40 to +85
2.2
625
635
25
63
SML-013UT
75
30
-30 to +85
2
619
624
629
90
220
SML-012U8T
54
20
-40 to +85
2.2
615
620
625
40
100
SML-012UT
75
30
-40 to +100
2
36
100
SML-011UT
22
63
SML-012D8T
Orange
54
20
-40 to +85
2.2
602
605
608
63
160
SML-012DT
75
30
-40 to +100
2
36
100
SML-011DT
22
63
SML-012WT(A)
Yellow
587
590
593
140
280
SML-012Y8T
54
20
-40 to +85
2.2
40
100
SML-013YT
75
30
2.1
100
250
SML-012YT
-40 to +100
2
36
100
SML-011YT
22
63
SML-012M8T
Yellowish
Green
54
20
-40 to +85
2.2
569
572
575
16
40
SML-012P8T
Green
557
560
563
2.5
6.3
SML-012PT(A)
62
25
60
*1
-40 to +100
2.1
558
564
9
18
SML012ECT
InGaN
on SiC
Bluish
Green
84
20
100
*1
-30 to +85
3.3
100
520
525
535
140
360
SML012EC4T
3.2
56
140
SML013BDT
Blue
78
465
470
475
90
250
SML012BCT
84
3.3
36
100
SML012BC4T
3.2
22
36
SML013WBDW
White
(x, y) (0.30, 0.30)
360
900
Tolerance :
±0.2
(unit : mm)(unit : mm)
Directivity (deg)
RELATIVE INTENSITY (%)
Directivity (deg)
RELATIVE INTENSITY (%)
Directivity (deg)
RELATIVE INTENSITY (%)
Directivity (deg)
RELATIVE INTENSITY (%)
SML-013BDT / WBDW
Specifications
Dimensions
Recommended Solder Pattern Viewing Angle
Color
Type
V
U
D
Y
W
M
P
E
B
WB
SML-01 Series
Features
・Reflector type (3.0×2.0mm, t=1.3mm)
・Reflector improved the concentration of viewing angle and
luminous intensity to the front direction
3020
(1208)
3.0
×2.0mm(t=1.3mm)
1/2
© 2010 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2010.06 - Rev.A


Similar Part No. - SML-012UT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-012UT ROHM-SML-012UT Datasheet
349Kb / 3P
   High Brightness Type Chip LEDs with reflector
SML-012UT ROHM-SML-012UT Datasheet
2Mb / 5P
   Reflector type (3.0 x 2.0mm, t=1.3mm
SML-012UT ROHM-SML-012UT Datasheet
1Mb / 5P
   Reflector improved the concentration of viewing angle and luminous intensity to the front direction
SML-012UT ROHM-SML-012UT Datasheet
1Mb / 5P
   Reflector improved the concentration of viewing angle and luminous intensity to the front direction
SML-012UT ROHM-SML-012UT Datasheet
497Kb / 10P
   SML-01 series
More results

Similar Description - SML-012UT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML013BDTT86 ROHM-SML013BDTT86 Datasheet
497Kb / 10P
   SML-01 series
SML-012UTT86 ROHM-SML-012UTT86 Datasheet
1Mb / 5P
   Reflector improved the concentration of viewing angle and luminous intensity to the front direction
SML-012DTT86 ROHM-SML-012DTT86 Datasheet
1Mb / 5P
   Reflector improved the concentration of viewing angle and luminous intensity to the front direction
logo
LUMEX INC.
SML-LX2832MWC1TRM3 LUMEX-SML-LX2832MWC1TRM3 Datasheet
104Kb / 2P
   2.8MM X 3.2MM SML W REFLECTOR
SML-LX2832MWC-TR LUMEX-SML-LX2832MWC-TR Datasheet
182Kb / 2P
   2.8MM X 3.2MM SML W REFLECTOR
SML-LX2832PGC-A-TR LUMEX-SML-LX2832PGC-A-TR Datasheet
100Kb / 2P
   2.7MM X 3.4MM SML W REFLECTOR
SML-LX2832SYC-B-TR LUMEX-SML-LX2832SYC-B-TR Datasheet
108Kb / 1P
   2.8mm X 3.2mm SML w Reflector
SML-LX2832SYC-TR LUMEX-SML-LX2832SYC-TR_17 Datasheet
144Kb / 1P
   2.8mm X 3.2mm SML w Reflector
SML-LX2832UWUWBIN LUMEX-SML-LX2832UWUWBIN Datasheet
234Kb / 3P
   2.8mm X 3.2mm SML w Reflector
SML-LX2835SIUGUBW1 LUMEX-SML-LX2835SIUGUBW1 Datasheet
100Kb / 2P
   2.6mm X 3.5mm SML w Reflector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com