Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-512MW Datasheet(PDF) 2 Page - Rohm

Part # SML-512MW
Description  Original device technology enables high brightness and high reliability
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-512MW Datasheet(HTML) 2 Page - Rohm

  SML-512MW Datasheet HTML 1Page - Rohm SML-512MW Datasheet HTML 2Page - Rohm SML-512MW Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
100
10
1
FORWARD VOLTAGE:VF (V)
3.0
3.1
2.8
2.9
3.2
Ta=25°C
PEAK FORWARD CURRENT
:IF (mA)
0
5
10
15
20
25
30
0
0.5
1.0
1.5
Ta=25°C
AMBIENT TEMPERATURE
:Ta (°C)
40
30
20
10
-40
-20
0
20
40
60
80
100
10
FORWARD VOLTAGE : VF (V)
100
10
1
2
2.5
1.5
13
0.1
Ta=25°C
SML-512VW(A)
SML-512VW
SML-512UW
SML-511UW
SML-512CW(A)
SML-512DW
SML-511DW
SML-512WW
SML-511WW
SML-512MW
SML-511PW(A)
SML-511UW
SML-511DW
SML-511WW
SML-512VW(A)
SML-512VW
SML-512UW
SML-512CW(A)
SML-512DW
SML-512WW
SML-512MW
SML-511PW(A)
ATMOSPHERE TEMPERATURE
:Ta (
°C)
1.4
1.2
1.0
0.8
0.6
0.4
-40
-20
0
20406080
100
1.6
IF=5mA
PEAK FORWARD CURRENT
:IF (mA)
0
5
10
15
20
0
2.0
1.0
3.0
4.0
Ta=25°C
SML512BC5T
AMBIENT TEMPERATURE
:Ta (°C)
30
20
10
-40
-20
0
20
40
60
80
100
0
ATMOSPHERE TEMPERATURE
:Ta (
°C)
1.4
1.2
1.0
0.8
0.6
0.4
-40
-20
0
20
40
60
80
100
1.6
IF=20mA
SML-511UW
SML-511DW
SML-511WW
SML-512MW
SML-511PW(A)
SML-512VW(A)
SML-512VW
SML-512UW
SML-512CW(A)
SML-512DW
SML-512WW
SML512BC5T
SML512BC5T
SML512BC5T
Forward Current-Forward Voltage
Electrical Characteristics Curves
Luminous Intensity-Atmosphere Temperature
Luminous Intensity-Forward Current
Derating
SML-51 Series
SML-512VW(A)
SML-512VW
SML-512UW
SML-512CW(A)
SML-512DW
SML-512WW
SML-511UW
SML-511DW
SML-511WW
SML-512MW
SML-511PW(A)
2/2
© 2010 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2010.06 - Rev.A


Similar Part No. - SML-512MW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SML-512MW ETC1-SML-512MW Datasheet
106Kb / 2P
   LEDs, Surface Mount
logo
Rohm
SML-512MW ROHM-SML-512MW Datasheet
134Kb / 3P
   High Brightness Type
SML-512MW ROHM-SML-512MW Datasheet
1Mb / 4P
   Original device technology enables high brightness
SML-512MW ROHM-SML-512MW Datasheet
1Mb / 4P
   SML-51 Series
SML-512MW ROHM-SML-512MW Datasheet
1Mb / 4P
   SML-51 Series
More results

Similar Description - SML-512MW

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-D12Y3W ROHM-SML-D12Y3W Datasheet
555Kb / 11P
   Original device technology enables high brightness and high reliability
SML-E1X ROHM-SML-E1X Datasheet
572Kb / 12P
   Original device technology enables high brightness and high reliability
2017.3 - Rev.004
SML-D14 ROHM-SML-D14 Datasheet
442Kb / 8P
   Original device technology enables high brightness and high reliability
SML-D1 ROHM-SML-D1 Datasheet
1Mb / 4P
   Original device technology enables high brightness and high reliability
SML-P12YTT86 ROHM-SML-P12YTT86 Datasheet
919Kb / 11P
   Original device technology enables high brightness and high reliability
SML-D14A ROHM-SML-D14A Datasheet
442Kb / 8P
   Original device technology enables high brightness and high reliability
SML-D13VW ROHM-SML-D13VW Datasheet
491Kb / 11P
   Original device technology enables high brightness
SML-D14VW ROHM-SML-D14VW Datasheet
650Kb / 11P
   Original device technology enables high brightness
SML-E12V8W ROHM-SML-E12V8W Datasheet
578Kb / 13P
   Original device technology enables high brightness
SML-51 ROHM-SML-51_11 Datasheet
1Mb / 4P
   Original device technology enables high brightness
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com