Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NHD-0216K1Z-NSB-FBW-L Datasheet(PDF) 2 Page - Newhaven Display International, Inc.

Part # NHD-0216K1Z-NSB-FBW-L
Description  Character Liquid Crystal Display Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

NHD-0216K1Z-NSB-FBW-L Datasheet(HTML) 2 Page - Newhaven Display International, Inc.

  NHD-0216K1Z-NSB-FBW-L Datasheet HTML 1Page - Newhaven Display International, Inc. NHD-0216K1Z-NSB-FBW-L Datasheet HTML 2Page - Newhaven Display International, Inc. NHD-0216K1Z-NSB-FBW-L Datasheet HTML 3Page - Newhaven Display International, Inc. NHD-0216K1Z-NSB-FBW-L Datasheet HTML 4Page - Newhaven Display International, Inc. NHD-0216K1Z-NSB-FBW-L Datasheet HTML 5Page - Newhaven Display International, Inc. NHD-0216K1Z-NSB-FBW-L Datasheet HTML 6Page - Newhaven Display International, Inc. NHD-0216K1Z-NSB-FBW-L Datasheet HTML 7Page - Newhaven Display International, Inc. NHD-0216K1Z-NSB-FBW-L Datasheet HTML 8Page - Newhaven Display International, Inc. NHD-0216K1Z-NSB-FBW-L Datasheet HTML 9Page - Newhaven Display International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
[2] 
 
 
 
 
 
Document Revision History 
Revision 
Date 
Description 
Changed by 
10/5/2007 
Initial Release ‐ 
12/11/2009 
User Guide Reformat 
BE 
12/16/2009 
Mechanical drawing updated 
BE 
1/7/2010 
Optical revised 
BE 
 
 
 
 
 
Functions and Features 
• 2 lines x 16 characters 
• Built‐in controller (SPLC780D or equivalent) 
• +5.0V Power Supply 
• 1/16 duty, 1/5 bias 
• RoHS compliant 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 


Similar Part No. - NHD-0216K1Z-NSB-FBW-L

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-0216K1Z-NS-FBW NEWHAVEN-NHD-0216K1Z-NS-FBW Datasheet
1Mb / 21P
   Liquid Crystal Display Module)
NHD-0216K1Z-NS-FBW-REV1 NEWHAVEN-NHD-0216K1Z-NS-FBW-REV1 Datasheet
476Kb / 12P
   Character Liquid Crystal Display Module
NHD-0216K1Z-NSA-FBW-L NEWHAVEN-NHD-0216K1Z-NSA-FBW-L Datasheet
695Kb / 12P
   Character Liquid Crystal Display Module
NHD-0216K1Z-NSO-FBW-L NEWHAVEN-NHD-0216K1Z-NSO-FBW-L Datasheet
681Kb / 12P
   Character Liquid Crystal Display Module
NHD-0216K1Z-NSPG-FBW NEWHAVEN-NHD-0216K1Z-NSPG-FBW Datasheet
958Kb / 12P
   Character Liquid Crystal Display Module
More results

Similar Description - NHD-0216K1Z-NSB-FBW-L

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-0224BZ-FL-GBW NEWHAVEN-NHD-0224BZ-FL-GBW Datasheet
737Kb / 12P
   Character Liquid Crystal Display Module
NHD-0208AZ-RN-YBW NEWHAVEN-NHD-0208AZ-RN-YBW Datasheet
677Kb / 12P
   Character Liquid Crystal Display Module
NHD-0440WH-ATMI-JT NEWHAVEN-NHD-0440WH-ATMI-JT Datasheet
721Kb / 12P
   Character Liquid Crystal Display Module
NHD-0208BZ-RN-YBW NEWHAVEN-NHD-0208BZ-RN-YBW Datasheet
661Kb / 12P
   Character Liquid Crystal Display Module
NHD-0216BZ-FL-YBW NEWHAVEN-NHD-0216BZ-FL-YBW Datasheet
683Kb / 12P
   Character Liquid Crystal Display Module
NHD-0216HZ-FL-YBW-C NEWHAVEN-NHD-0216HZ-FL-YBW-C Datasheet
720Kb / 12P
   Character Liquid Crystal Display Module
NHD-0116GZ-FSW-GBW NEWHAVEN-NHD-0116GZ-FSW-GBW Datasheet
715Kb / 12P
   Character Liquid Crystal Display Module
NHD-0416BZ-FL-YBW NEWHAVEN-NHD-0416BZ-FL-YBW Datasheet
688Kb / 12P
   Character Liquid Crystal Display Module
NHD-0420AZ-FSW-GBW-3V3 NEWHAVEN-NHD-0420AZ-FSW-GBW-3V3 Datasheet
676Kb / 12P
   Character Liquid Crystal Display Module
NHD-0420E2Z-NSW-BBW NEWHAVEN-NHD-0420E2Z-NSW-BBW Datasheet
765Kb / 12P
   Character Liquid Crystal Display Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com