Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NHD-0216K1Z-NSRGB-FBW Datasheet(PDF) 3 Page - Newhaven Display International, Inc.

Part # NHD-0216K1Z-NSRGB-FBW
Description  Liquid Crystal Display Module)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

NHD-0216K1Z-NSRGB-FBW Datasheet(HTML) 3 Page - Newhaven Display International, Inc.

  NHD-0216K1Z-NSRGB-FBW Datasheet HTML 1Page - Newhaven Display International, Inc. NHD-0216K1Z-NSRGB-FBW Datasheet HTML 2Page - Newhaven Display International, Inc. NHD-0216K1Z-NSRGB-FBW Datasheet HTML 3Page - Newhaven Display International, Inc. NHD-0216K1Z-NSRGB-FBW Datasheet HTML 4Page - Newhaven Display International, Inc. NHD-0216K1Z-NSRGB-FBW Datasheet HTML 5Page - Newhaven Display International, Inc. NHD-0216K1Z-NSRGB-FBW Datasheet HTML 6Page - Newhaven Display International, Inc. NHD-0216K1Z-NSRGB-FBW Datasheet HTML 7Page - Newhaven Display International, Inc. NHD-0216K1Z-NSRGB-FBW Datasheet HTML 8Page - Newhaven Display International, Inc. NHD-0216K1Z-NSRGB-FBW Datasheet HTML 9Page - Newhaven Display International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
NHD-0216K1Z-NS(RGB)-FBW
Newhaven Display
3
2006-12-4
1. Features
1. 5x8 dots with cursor
2. Built-in controller (KS0066U or equivalent)
3. +5V power supply (also available for 3.0V version)
4. 1/16 duty cycle;1/5bias
5. BKL to be driven by pin1, pin2, or pin15, pin16 or A, K
6. 16 characters *2 lines display
K1Z = Product model / factory line
NS = Transmissive (-)
RGB = Side B/L with mix of RED, GREEN, BLUE
F = FSTN (-)
B = 6:00 View Direction
W = Wide Temperature (-20 ~ +70c)
2. MECHANICAL SPECIFICATIONS
Module size
80.0mm(L)*36.0mm(W)* Max12.5(H)mm
Viewing area
64.5mm(L)*16.4mm(W)
Character size
0.56mm(L)*0.61mm(W)
Character pitch
3.00mm(L)*5.23mm(W)
.
x
o
r
p
p
A
t
h
g
i
e
W


Similar Part No. - NHD-0216K1Z-NSRGB-FBW

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-0216K1Z-NSR-FBW-L NEWHAVEN-NHD-0216K1Z-NSR-FBW-L Datasheet
681Kb / 12P
   Character Liquid Crystal Display Module
More results

Similar Description - NHD-0216K1Z-NSRGB-FBW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GDM12864A ETC-GDM12864A Datasheet
198Kb / 22P
   Liquid Crystal Display Module
logo
Seiko Instruments Inc
G191D SII-G191D Datasheet
1Mb / 27P
   LIQUID CRYSTAL DISPLAY MODULE?
G482C SII-G482C Datasheet
1Mb / 22P
   LIQUID CRYSTAL DISPLAY MODULE?
logo
Newhaven Display Intern...
NHD-0416B1Z-FSPG-YBW-L3V NEWHAVEN-NHD-0416B1Z-FSPG-YBW-L3V Datasheet
857Kb / 21P
   Liquid Crystal Display Module
logo
HB Electronic Component...
ATM1602B HB-ATM1602B Datasheet
296Kb / 11P
   Liquid Crystal Display Module
ATM4004A HB-ATM4004A Datasheet
379Kb / 11P
   Liquid Crystal Display Module
logo
Newhaven Display Intern...
NHD-0140AZ-FL-YBW NEWHAVEN-NHD-0140AZ-FL-YBW Datasheet
707Kb / 10P
   Liquid Crystal Display Module
NHD-2.4-240320SF-CTXI-FT1 NEWHAVEN-NHD-2.4-240320SF-CTXI-FT1 Datasheet
839Kb / 11P
   Liquid Crystal Display Module
NHD-3.5-320240YF-ATXL NEWHAVEN-NHD-3.5-320240YF-ATXL Datasheet
790Kb / 9P
   Liquid Crystal Display Module
NHD-5.7-320240WFB-ETXI NEWHAVEN-NHD-5.7-320240WFB-ETXI Datasheet
659Kb / 22P
   Liquid Crystal Display Module
logo
Seiko Instruments Inc
G321EV SII-G321EV Datasheet
1Mb / 33P
   LIQUID CRYSTAL DISPLAY MODULE?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com