Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2526 Datasheet(PDF) 6 Page - Analog Devices

Part # ADN2526
Description  11.3 Gbps Active Back-Termination, Differential Laser Diode Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2526 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADN2526 Datasheet HTML 2Page - Analog Devices ADN2526 Datasheet HTML 3Page - Analog Devices ADN2526 Datasheet HTML 4Page - Analog Devices ADN2526 Datasheet HTML 5Page - Analog Devices ADN2526 Datasheet HTML 6Page - Analog Devices ADN2526 Datasheet HTML 7Page - Analog Devices ADN2526 Datasheet HTML 8Page - Analog Devices ADN2526 Datasheet HTML 9Page - Analog Devices ADN2526 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADN2526
Rev. A | Page 6 of 16
ABSOLUTE MAXIMUM RATINGS
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
VEE connected to supply ground.
Table 3.
Parameter
Rating
Supply Voltage, VCC to VEE
−0.3 V to +4.2 V
IMODP, IMODN to VEE
1.1 V to 4.75 V
DATAP, DATAN to VEE
VCC − 1.8 V to VCC − 0.4 V
All Other Pins
−0.3 V to VCC + 0.3 V
HBM ESD on IMODP, IMODN
200 V
HBM ESD on All Other Pins
1 kV
Junction Temperature
150°C
Storage Temperature Range
−65°C to +150°C
Soldering Temperature
(Less Than 10 sec)
300°C
ESD CAUTION


Similar Part No. - ADN2526

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2525 AD-ADN2525 Datasheet
531Kb / 16P
   10.7 Gbps Active Back-Termination, Differential Laser Diode Driver
REV. 0
ADN2525ACPZ-R2 AD-ADN2525ACPZ-R2 Datasheet
531Kb / 16P
   10.7 Gbps Active Back-Termination, Differential Laser Diode Driver
REV. 0
ADN2525ACPZ-REEL7 AD-ADN2525ACPZ-REEL7 Datasheet
531Kb / 16P
   10.7 Gbps Active Back-Termination, Differential Laser Diode Driver
REV. 0
ADN2525ACPZ-WP AD-ADN2525ACPZ-WP Datasheet
531Kb / 16P
   10.7 Gbps Active Back-Termination, Differential Laser Diode Driver
REV. 0
More results

Similar Description - ADN2526

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2531 AD-ADN2531 Datasheet
431Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential Laser Diode Driver
REV. 0
ADN2530 AD-ADN2530_15 Datasheet
376Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. B
ADN2530 AD-ADN2530 Datasheet
429Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. A
ADN2525 AD-ADN2525 Datasheet
531Kb / 16P
   10.7 Gbps Active Back-Termination, Differential Laser Diode Driver
REV. 0
logo
Texas Instruments
ONET1101L TI-ONET1101L Datasheet
808Kb / 26P
[Old version datasheet]   11.3 Gbps Laser Diode Driver
ONET1151L TI1-ONET1151L Datasheet
1Mb / 31P
[Old version datasheet]   11.3 Gbps Low-Power Laser Diode Driver
ONET8501V TI1-ONET8501V_14 Datasheet
1Mb / 29P
[Old version datasheet]   11.3 Gbps Differential VCSEL Driver
ONET1191V TI-ONET1191V Datasheet
450Kb / 22P
[Old version datasheet]   11.3-GBPS DIFFERENTIAL VCSEL DRIVER
ONET1141L TI1-ONET1141L Datasheet
1,021Kb / 30P
[Old version datasheet]   11.3 Gbps Modulator Driver
ONET8501V TI1-ONET8501V_17 Datasheet
1Mb / 29P
[Old version datasheet]   11.3 Gbps Differential VCSEL Driver With Output Waveform Shaping
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com