Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ170 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # SMCJ170
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SMCJ170 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  SMCJ170 Datasheet HTML 1Page - EIC discrete Semiconductors SMCJ170 Datasheet HTML 2Page - EIC discrete Semiconductors SMCJ170 Datasheet HTML 3Page - EIC discrete Semiconductors SMCJ170 Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMCJ 5.0 ~ 188A
SURFACE MOUNT TRANSIENT
VOLTAGE SUPPRESSOR
Stand-off Voltage : 5.0 to 188V
Peak Pulse Power : 1500 W
FEATURES :
* 1500W peak pulse power capability with a 10/1000µs
waveform
* Excellent clamping capability
* Very fast response time
* Pb / RoHS Free
MECHANICAL DATA
* Case : SMC Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Lead Formed for Surface Mount
* Polarity : Color band denotes cathode end
except Bipolar.
* Mounting position : Any
* Weight : 0.21 gram
DEVICES FOR BIPOLAR APPLICATIONS
For Bi-directional use C or CA Suffix
Electrical characteristics apply in both directions
MAXIMUM RATINGS
Rating at 25
°C ambient temperature unless otherwise specified.
Rating
Symbol
Value
Unit
Peak Pulse Power Dissipation on 10/1000ms waveform
(1) (2)
PPPM
Minimum 1500
W
Peak Forward Surge Current per Fig. 5
(2)
IFSM
200
A
Peak Pulse Current on 10/1000
µs waveform (1)
IPPM
See Next Table
A
Maximum Instantaneous Forward Voltage at IF = 100A
VFM
3.5
V
Typical Thermal Resistance , Junction to Ambient
(3)
R
θJA
75
°C/W
Operating Junction and Storage Temperature Range
TJ, TSTG
- 55 to + 150
°C
Notes :
(1) Non-repetitive Current pulse, per Fig. 3 and derated above Ta = 25
°C per Fig. 1
(2) Mounted on 0.31x 0.31" (8.0 x 8.0mm) copper pads to each terminal.
(3) Mounted on minimum recommended pad layout
Page 1 of 4
Rev. 05 : April 1, 2005
SMC (DO-214AB)
Dimensions in millimeter
0.2
± 0.07
2.3
± 0.2
5.8
± 0.15
3.0
± 0.2
1.1
± 0.3


Similar Part No. - SMCJ170

ManufacturerPart #DatasheetDescription
logo
Shanghai Semitech Semic...
SMCJ170 SEMITECH-SMCJ170 Datasheet
245Kb / 6P
   Low profile package
logo
Dc Components
SMCJ170 DCCOM-SMCJ170 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
SMCJ170 SUNMATE-SMCJ170 Datasheet
312Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
logo
Yangzhou yangjie electr...
SMCJ170 YANGJIE-SMCJ170 Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIERT VOLTAGE SUPPRESSOR
logo
Formosa MS
SMCJ170 FORMOSA-SMCJ170 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
More results

Similar Description - SMCJ170

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com