Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-ADUC7060QSPZ Datasheet(PDF) 7 Page - Analog Devices

Part # EVAL-ADUC7060QSPZ
Description  Low Power, Precision Analog Microcontroller, Dual Sigma-Delta ADCs, Flash/EE, ARM7TDMI
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADUC7060QSPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button EVAL-ADUC7060QSPZ Datasheet HTML 3Page - Analog Devices EVAL-ADUC7060QSPZ Datasheet HTML 4Page - Analog Devices EVAL-ADUC7060QSPZ Datasheet HTML 5Page - Analog Devices EVAL-ADUC7060QSPZ Datasheet HTML 6Page - Analog Devices EVAL-ADUC7060QSPZ Datasheet HTML 7Page - Analog Devices EVAL-ADUC7060QSPZ Datasheet HTML 8Page - Analog Devices EVAL-ADUC7060QSPZ Datasheet HTML 9Page - Analog Devices EVAL-ADUC7060QSPZ Datasheet HTML 10Page - Analog Devices EVAL-ADUC7060QSPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 108 page
background image
ADuC7060/ADuC7061
Rev. B | Page 7 of 108
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DAC CHANNEL SPECIFICATIONS
RL = 5 kΩ, CL = 100 pF
Voltage Range
0
VREF
V
0
AVDD − 0.2
V
DAC 12-BIT MODE
DC Specifications13
Resolution
12
Bits
Relative Accuracy
±2
LSB
Differential Nonlinearity
Guaranteed monotonic
±0.2
±1
LSB
Offset Error
1.2 V internal reference
±2
±15
mV
Gain Error
VREF range (reference = 1.2 V)
±1
%
AVDD range
±1
%
Gain Error Mismatch
0.1
% of full
scale on
DAC
DAC 16-BIT MODE1
Only monotonic to 14 bits
DC Specifications14
Resolution
14
Bits
Relative Accuracy
For 14-bit resolution
±3
LSB
Differential Nonlinearity
Guaranteed monotonic (14 bits)
±0.5
±1
LSB
Offset Error
1.2 V internal reference
±2
±15
mV
Gain Error
VREF range (reference = 1.2 V)
±1
%
AVDD range
±1
%
Gain Error Mismatch
0.1
% of full
scale on
DAC
DAC AC CHARACTERISTICS
Voltage Output Settling Time
10
μs
Digital-to-Analog Glitch Energy
1 LSB change at major carry
(where maximum number of
bits simultaneously change in
the DAC0DAT register)
±20
nV-sec
TEMPERATURE SENSOR1, 15
After user calibration
Accuracy
MCU in power-down or standby
mode
±4
°C
Voltage Output at 0°C
Typical value
96
mV
Voltage Tempco
Typical value
0.28
mV/°C
Thermal Impedance
48-lead LFCSP
27
°C/W
48-lead LQFP
55
°C/W
32-lead LFCSP
30
°C/W
POWER-ON RESET (POR)
POR Trip Level1
Refers to voltage at DVDD pin
Power-on level
2.0
V
Power-down level
2.25
V
RESET Timeout from POR
Maximum supply ramp between
1.8 V and 2.25 V; after POR trip,
DVDD must reach 2.25 V within
this time limit
128
ms


Similar Part No. - EVAL-ADUC7060QSPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADuC7020MKZ AD-EVAL-ADuC7020MKZ Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
EVAL-ADUC7020QS AD-EVAL-ADUC7020QS Datasheet
841Kb / 78P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Rev. PrA
EVAL-ADuC7020QSPZ AD-EVAL-ADuC7020QSPZ Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
EVAL-ADuC7020QSZ AD-EVAL-ADuC7020QSZ Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
EVAL-ADuC7023QSPZ AD-EVAL-ADuC7023QSPZ Datasheet
1Mb / 96P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
Rev. E
More results

Similar Description - EVAL-ADUC7060QSPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUCM360 AD-ADUCM360_V01 Datasheet
112Kb / 4P
   Low Power Precision Analog Microcontroller, ARM Cortex-M3, with Dual Sigma-Delta ADCs
Rev. A
ADUCM360 AD-ADUCM360_13 Datasheet
525Kb / 24P
   Low Power, Precision Analog Microcontroller with Dual Sigma-Delta ADCs, ARM Cortex-M3
REV. B
ADUCM362-EP AD-ADUCM362-EP Datasheet
284Kb / 15P
   Low Power, Precision Analog Microcontroller with Dual Sigma-Delta ADC, ARM Cortex-M3
Rev. 0
AD7789 AD-AD7789_15 Datasheet
382Kb / 20P
   Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
AD7788 AD-AD7788_15 Datasheet
382Kb / 20P
   Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
AD7788 AD-AD7788 Datasheet
382Kb / 20P
   Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
logo
Microchip Technology
MCP355XDV-MS1 MICROCHIP-MCP355XDV-MS1 Datasheet
885Kb / 36P
   Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
03/26/09
MCP3550 MICROCHIP-MCP3550_09 Datasheet
885Kb / 36P
   Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
2009
logo
Maxim Integrated Produc...
MAX1415 MAXIM-MAX1415_05 Datasheet
574Kb / 36P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
Rev 1; 12/05
MAX1415 MAXIM-MAX1415_V01 Datasheet
1Mb / 35P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com