Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B6I+B6I690 Datasheet(PDF) 3 Page - eupec GmbH

Part # B6I+B6I690
Description  3 x 277A AC at 690V AC, aircooled
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

B6I+B6I690 Datasheet(HTML) 3 Page - eupec GmbH

  B6I+B6I690 Datasheet HTML 1Page - eupec GmbH B6I+B6I690 Datasheet HTML 2Page - eupec GmbH B6I+B6I690 Datasheet HTML 3Page - eupec GmbH B6I+B6I690 Datasheet HTML 4Page - eupec GmbH B6I+B6I690 Datasheet HTML 5Page - eupec GmbH B6I+B6I690 Datasheet HTML 6Page - eupec GmbH B6I+B6I690 Datasheet HTML 7Page - eupec GmbH B6I+B6I690 Datasheet HTML 8Page - eupec GmbH B6I+B6I690 Datasheet HTML 9Page - eupec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ModSTACK
Datasheet: B6I+B6I 690/1100-300G M, S
Preliminary Data
B6I+B6I690-1100-300G.doc
3 of 10
2004-10-28
Insulation Test Voltage According EN50178
f=50Hz, t=1min
Visol
1,8
kVRMS
Important Component Data
DC Link Capacitor
CDC
12,53
mF
DC Link Capacitor
Type
Elcap
Loadcycle: Wind
LTD
17
Year
Loadcycle: Solar
LTD
-
Year
Capacitor Design
Lifetime
(eupec approximation) Loadcycle: Industrial LTD
-
Year
Requirements to the Powersource
Assumed Inductance
Of Feeding
Powersource
(Necessary inductance
not included, feeded
by B6U)
LFeed
292
µH
Fan Data (assumed when excluded)
Fan Type
Assumed
QK10A-2DM.68.FK
Fan Voltage
VFan
400
VRMS
Fan Frequency
fFan
50
Hz
Fan Current
IFan
1,42
ARMS
Fan Air Pressure
Assumed
∆pAirFan
170
Pa
Controller Interface Data
Master Basic Version
TR100
Master [TSS] Version
TR101
Slave
Driver
See Datasheets
PCB
TR100
Master
SAD101
Slave
Paralleling Interface
See Datasheet
PCB
-
Master
OEA101
Slave
Optical Interface
See Datasheet
PCB
-
Digital Input Level
Resistor to Gnd (1,8k)
High = on
min 15mA
Vin
0
15
V
Digital Output Level
Open collector
Low = ok
max 15mA
Vout
0
15
V
Analog Current
Outputs Unit1
Load max 1mA
at
IUnit1
2,27
V
Load max 1mA
at
IUnit2
Basic Version
4
V
Analog Current
Outputs Unit2
[TSS] Version
2
V
Analog DC Link
Voltage Output
Load max 1 mA
At
VDCmax
VDCout
9
V


Similar Part No. - B6I+B6I690

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
B6I1100-250GM EUPEC-B6I1100-250GM Datasheet
779Kb / 9P
   3 x 250A AC at 690V AC, aircooled, switching frequency max 2250Hz
B6I1100-250GS EUPEC-B6I1100-250GS Datasheet
779Kb / 9P
   3 x 250A AC at 690V AC, aircooled, switching frequency max 2250Hz
B6I690 EUPEC-B6I690 Datasheet
779Kb / 9P
   3 x 250A AC at 690V AC, aircooled, switching frequency max 2250Hz
More results

Similar Description - B6I+B6I690

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
B6I690 EUPEC-B6I690 Datasheet
779Kb / 9P
   3 x 250A AC at 690V AC, aircooled, switching frequency max 2250Hz
1B6I690-1100-400W EUPEC-1B6I690-1100-400W Datasheet
394Kb / 10P
   3 x 400A AC at 690V AC, watercooled
2B6I690-1100-400WM EUPEC-2B6I690-1100-400WM Datasheet
418Kb / 10P
   3 x 800A AC at 690V AC, watercooled
2B6I500-800-330GM EUPEC-2B6I500-800-330GM Datasheet
584Kb / 11P
   2 x 3 x 330A AC at 500V AC
2B6I500-800-350W EUPEC-2B6I500-800-350W Datasheet
401Kb / 10P
   2 x 3 x 350A AC at 500V AC, watercooled
2B6I500-800-450W EUPEC-2B6I500-800-450W Datasheet
401Kb / 10P
   2 x 3 x 450A AC at 500V AC, water cooled
2B6I500-800-400GM EUPEC-2B6I500-800-400GM Datasheet
449Kb / 11P
   2 x 3 x 400A AC at 500V AC, air cooled
6PS0300R17KE3-3GH EUPEC-6PS0300R17KE3-3GH Datasheet
552Kb / 8P
   3x 176A AC at 690V AC, forced air (fan not implemented)
logo
Infineon Technologies A...
2PS0900R17KE3-3GH INFINEON-2PS0900R17KE3-3GH Datasheet
565Kb / 10P
   1x 527A AC at 690V AC, forced air (fan not implemented)
2008-04-11 revision:1.0
4PS0300R17KE3-3G INFINEON-4PS0300R17KE3-3G Datasheet
524Kb / 8P
   2x 165A AC at 690V AC, forced air (fan not implemented)
2007-06-26 revision: 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com