Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1AGX50EF780C6N Datasheet(PDF) 7 Page - Altera Corporation

Part # EP1AGX50EF780C6N
Description  The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers
Download  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1AGX50EF780C6N Datasheet(HTML) 7 Page - Altera Corporation

Back Button EP1AGX50EF780C6N Datasheet HTML 3Page - Altera Corporation EP1AGX50EF780C6N Datasheet HTML 4Page - Altera Corporation EP1AGX50EF780C6N Datasheet HTML 5Page - Altera Corporation EP1AGX50EF780C6N Datasheet HTML 6Page - Altera Corporation EP1AGX50EF780C6N Datasheet HTML 7Page - Altera Corporation EP1AGX50EF780C6N Datasheet HTML 8Page - Altera Corporation EP1AGX50EF780C6N Datasheet HTML 9Page - Altera Corporation EP1AGX50EF780C6N Datasheet HTML 10Page - Altera Corporation EP1AGX50EF780C6N Datasheet HTML 11Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 234 page
background image
© December 2009
Altera Corporation
Arria GX Device Handbook, Volume 1
2. Arria GX Architecture
Transceivers
Arria® GX devices incorporate up to 12 high-speed serial transceiver channels that
build on the success of the Stratix® II GX device family. Arria GX transceivers are
structured into full-duplex (transmitter and receiver) four-channel groups called
transceiver blocks located on the right side of the device. You can configure the
transceiver blocks to support the following serial connectivity protocols
(functional modes):
PCI Express (PIPE)
Gigabit Ethernet (GIGE)
XAUI
Basic (600 Mbps to 3.125 Gbps)
SDI (HD, 3G)
Serial RapidIO (1.25 Gbps, 2.5 Gbps, 3.125 Gbps)
Transceivers within each block are independent and have their own set of dividers.
Therefore, each transceiver can operate at different frequencies. Each block can select
from two reference clocks to provide two clock domains that each transceiver can
select from.
Table 2–1 lists the number of transceiver channels for each member of the Arria GX
family.
Table 2–1. Arria GX Transceiver Channels
Device
Number of Transceiver Channels
EP1AGX20C
4
EP1AGX35C
4
EP1AGX35D
8
EP1AGX50C
4
EP1AGX50D
8
EP1AGX60C
4
EP1AGX60D
8
EP1AGX60E
12
EP1AGX90E
12
AGX51002-2.0


Similar Part No. - EP1AGX50EF780C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1AGX50EF780C6N ALTERA-EP1AGX50EF780C6N Datasheet
3Mb / 296P
   The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers with reliable packaging technology
EP1AGX50EF780C6N ALTERA-EP1AGX50EF780C6N Datasheet
3Mb / 234P
   Section I. Arria GX Device Data Sheet
More results

Similar Description - EP1AGX50EF780C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
ARRIAGX ALTERA-ARRIAGX Datasheet
3Mb / 296P
   The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers with reliable packaging technology
logo
Texas Instruments
TLK3104SA TI-TLK3104SA Datasheet
549Kb / 40P
[Old version datasheet]   QUAD 3.125 Gbps SERIAL TRANSCEIVER
TLK3104SC TI1-TLK3104SC Datasheet
496Kb / 39P
[Old version datasheet]   3.125-Gbps QUAD SERIAL BACKPLANE TRANSCEIVER
logo
Microsemi Corporation
LX3302 MICROSEMI-LX3302 Datasheet
379Kb / 2P
   The LX3302 is the second member of Microsemi’s new family of smart sensor interface products
Rev. 1.0
logo
STMicroelectronics
AN4207 STMICROELECTRONICS-AN4207 Datasheet
310Kb / 28P
   The STM32F37x series of microcontrollers combines
logo
Texas Instruments
TLK3101 TI1-TLK3101_16 Datasheet
612Kb / 28P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
DS30BA101 TI1-DS30BA101 Datasheet
691Kb / 9P
[Old version datasheet]   3.125 Gbps Differential Buffer
TLK3101 TI-TLK3101 Datasheet
322Kb / 24P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
logo
National Semiconductor ...
DS25BR150_0711 NSC-DS25BR150_0711 Datasheet
397Kb / 12P
   3.125 Gbps LVDS Buffer
logo
Texas Instruments
DS25BR150 TI1-DS25BR150_14 Datasheet
791Kb / 15P
[Old version datasheet]   3.125 Gbps LVDS Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com